Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS62LV4008SCG55 Datasheet(PDF) 8 Page - Brilliance Semiconductor

Part # BS62LV4008SCG55
Description  Very Low Power/Voltage CMOS SRAM 512K X 8 bit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS62LV4008SCG55 Datasheet(HTML) 8 Page - Brilliance Semiconductor

Back Button BS62LV4008SCG55 Datasheet HTML 2Page - Brilliance Semiconductor BS62LV4008SCG55 Datasheet HTML 3Page - Brilliance Semiconductor BS62LV4008SCG55 Datasheet HTML 4Page - Brilliance Semiconductor BS62LV4008SCG55 Datasheet HTML 5Page - Brilliance Semiconductor BS62LV4008SCG55 Datasheet HTML 6Page - Brilliance Semiconductor BS62LV4008SCG55 Datasheet HTML 7Page - Brilliance Semiconductor BS62LV4008SCG55 Datasheet HTML 8Page - Brilliance Semiconductor BS62LV4008SCG55 Datasheet HTML 9Page - Brilliance Semiconductor BS62LV4008SCG55 Datasheet HTML 10Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Revision 1.1
Jan.
2004
8
BSI
BS62LV4008
R0201-BS62LV4008
ORDERING INFORMATION
PACKAGE DIMENSIONS
BASE METAL
WITH PLATING
c c1
SECTION A-A
b1
b
SOP -32
Note:
BSI (Brilliance Semiconductor Inc.) assumes no responsibility for the application or use of any product or circuit described herein. BSI does not authorize its products
for use as critical components in any application in which the failure of the BSI product may be expected to result in significant injury or death, including life-support
systems and critical medical instruments.
BS62LV4008 X X
Z
Y Y
GRADE
C: +0oC ~ +70oC
I: -40oC ~ +85oC
SPEED
55: 55ns
70: 70ns
PKG MATERIAL
-: Normal
G: Green
P: Pb free
PACKAGE
S: SOP
E: TSOP 2
ST: Small TSOP
T: TSOP
P: PDIP


Similar Part No. - BS62LV4008SCG55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV4000 BSI-BS62LV4000 Datasheet
213Kb / 10P
   Very Low Power/Voltage CMOS SRAM 512K X 8 bit
BS62LV4000STC BSI-BS62LV4000STC Datasheet
213Kb / 10P
   Very Low Power/Voltage CMOS SRAM 512K X 8 bit
BS62LV4000STI BSI-BS62LV4000STI Datasheet
213Kb / 10P
   Very Low Power/Voltage CMOS SRAM 512K X 8 bit
BS62LV4000TC BSI-BS62LV4000TC Datasheet
213Kb / 10P
   Very Low Power/Voltage CMOS SRAM 512K X 8 bit
BS62LV4000TI BSI-BS62LV4000TI Datasheet
213Kb / 10P
   Very Low Power/Voltage CMOS SRAM 512K X 8 bit
More results

Similar Description - BS62LV4008SCG55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV4007 BSI-BS62LV4007 Datasheet
373Kb / 10P
   Very Low Power/Voltage CMOS SRAM 512K X 8 bit
BS62LV4000 BSI-BS62LV4000 Datasheet
213Kb / 10P
   Very Low Power/Voltage CMOS SRAM 512K X 8 bit
BS62LV4006 BSI-BS62LV4006 Datasheet
374Kb / 10P
   Very Low Power/Voltage CMOS SRAM 512K X 8 bit
BS62LV4006 BSI-BS62LV4006_06 Datasheet
400Kb / 12P
   Very Low Power CMOS SRAM 512K X 8 bit
BS62LV4006 BSI-BS62LV4006_08 Datasheet
403Kb / 12P
   Very Low Power CMOS SRAM 512K X 8 bit
BS616LV8019 BSI-BS616LV8019 Datasheet
271Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8012 BSI-BS616LV8012 Datasheet
207Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8013 BSI-BS616LV8013 Datasheet
203Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8010 BSI-BS616LV8010 Datasheet
272Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8011 BSI-BS616LV8011 Datasheet
192Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com