Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ETPW Datasheet(PDF) 1 Page - Vishay Siliconix

Part # ETPW
Description  Resin-Coated, Radial-Leaded Solid Tantalum Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ETPW Datasheet(HTML) 1 Page - Vishay Siliconix

  ETPW Datasheet HTML 1Page - Vishay Siliconix ETPW Datasheet HTML 2Page - Vishay Siliconix ETPW Datasheet HTML 3Page - Vishay Siliconix ETPW Datasheet HTML 4Page - Vishay Siliconix ETPW Datasheet HTML 5Page - Vishay Siliconix ETPW Datasheet HTML 6Page - Vishay Siliconix ETPW Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.vishay.com
ETPW
Vishay Roederstein
Document Number 42074
Revision 15-Aug-02
120
For technical questions, contact eurotant@vishay.com
Resin-Coated, Radial-Leaded
Solid Tantalum Capacitors
DIMENSIONS in millimeters
• Flame retardant encapsulation
• Practically without epoxy run down
•Very high temperature range
• Improved humidity class
• Low leakage current
•Very high CV product
• Low temperature dependence
• Low failure rate
• High operational reliability
FEATURES
Tantalum capacitors with sintered anode and solid
semiconductor electrolyte with flame retardant fluidized bed
coating. The type ETPW is characterized by very favorable
electrical values even at higher ambient temperatures. The
capacitors comply with DIN 45910 part 146 and they are also
available as a radially taped version.
MODEL
D MAX.
H MAX.
RM
ØD
±0.05
FORM DS
FORM L
± 0.5
H2 MAX
RM
H2 MAX
RM
ETPW - 1 A,B
4.0
7.1
2.5
0.5
10.5
5
10.5
5
ETPW - 2 C,D
4.5
8.0
2.5
0.5
11.0
5
11.0
5
ETPW - 2 E
5.0
9.5
2.5
0.5
12.5
5
12.5
5
ETPW - 3 F
5.0
9.5
2.5
0.5
12.5
5
12.5
5
ETPW - 3 G
5.5
10.0
2.5
0.5
13.0
5
13.0
5
ETPW - 4 H
6.0
10.0
2.5
0.5
13.0
5
13.0
5
ETPW - 5 J,K*
8.6
12.5
2.5
0.5
15.5
5
15.5
5
ETPW - 5 J,K,L
8.6
12.5
5.0
0.5
15.5
5
-
-
ETPW - 6 M,N
9.5
15.0
5.0
0.5
18.0
5
-
-
ETPW - 6 P,R
9.5
16.0
5.0
0.5
19.0
5
-
-
*J,K with RM 2.5mm : 100µF-6.3V, 68µF-10V, 47µF-16V, 22µF - 25V
P1A
TYPE
685
CAPACITANCE
00
LEAD STYLES AND
PACKAGING
M = ± 20%
K = ± 10%
D
603
M
CAPACITANCE
TOLERANCE
DC VOLTAGE RATING
@ + 85°C
ETPW 1A ....
ETPW 6R
Expressed in picofarads.
The first two digits are
significant figures. The
third is the number of
zeros following.
Expressed by zeros if
needed to complete the 3
digit block. A decimal point
is indicated by an “0“ (603
= 6.3 Volts)
See Lead styles
and
packaging table
FORM DS
FORM L
BASIC VERSION
RM ± 0.5
D
RM ± 0.5
D
1.1 ± 0.1
RM ± 0.5
D
D
ød
MECHANICAL SPECIFICATIONS
Colour: Gold
Laser Marked: Capacity and voltage in clear text;
Plus pole marked
Leads : Tinned
ORDERING INFORMATION


Similar Part No. - ETPW

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
ETP GREYSTONE-ETP Datasheet
243Kb / 1P
   ELECTRONIC TO PNEUMATIC TRANSDUCER
03/23
logo
ETA-USA
ETP-SC ETA-USA-ETP-SC Datasheet
2Mb / 4P
   450W 95.5% Efficiency
logo
STMicroelectronics
ETP01-1621 STMICROELECTRONICS-ETP01-1621 Datasheet
119Kb / 7P
   Differential and common mode protection
May 2011 Rev 4
ETP01-162RL STMICROELECTRONICS-ETP01-162RL Datasheet
108Kb / 7P
   Protection for Ethernet lines
ETP01-2821 STMICROELECTRONICS-ETP01-2821 Datasheet
119Kb / 7P
   Differential and common mode protection
May 2011 Rev 4
More results

Similar Description - ETPW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
489D-499D VISHAY-489D-499D Datasheet
129Kb / 10P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
489D475X0035D1VE3 VISHAY-489D475X0035D1VE3 Datasheet
119Kb / 9P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
Revision: 12-Jun-06
489D VISHAY-489D Datasheet
116Kb / 8P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
Revision 02-Aug-02
ETQW VISHAY-ETQW_08 Datasheet
405Kb / 8P
   Resin-Coated, Radial-Lead Tantalum Capacitors
Revision: 12-Jun-06
ETQW VISHAY-ETQW Datasheet
114Kb / 7P
   RESIN-COATED, RADIAL-LEAD TANTALUM CAPACITORS
Revision 15-Aug-02
logo
Cornell Dubilier Electr...
TDC CDE-TDC Datasheet
149Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
TDC335006NSE-F CDE-TDC335006NSE-F Datasheet
195Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
logo
RCD COMPONENTS INC.
TRA10-103 RCD-TRA10-103 Datasheet
44Kb / 1P
   RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
logo
Vishay Siliconix
790D VISHAY-790D Datasheet
107Kb / 7P
   Resin-Molded, Radial-Lead Solid Tantalum Capacitors
Revision 26-Mar-02
790D106X0025B2BE3 VISHAY-790D106X0025B2BE3 Datasheet
114Kb / 9P
   Resin-Molded, Radial-Lead Solid Tantalum Capacitors
Revision: 18-Jun-12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com