Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G3CN-DX02P1-US Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # G3CN-DX02P1-US
Description  Solid-state Relay
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

G3CN-DX02P1-US Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  G3CN-DX02P1-US Datasheet HTML 1Page - List of Unclassifed Manufacturers G3CN-DX02P1-US Datasheet HTML 2Page - List of Unclassifed Manufacturers G3CN-DX02P1-US Datasheet HTML 3Page - List of Unclassifed Manufacturers G3CN-DX02P1-US Datasheet HTML 4Page - List of Unclassifed Manufacturers G3CN-DX02P1-US Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
171
Solid-state Relay
G3CN
PCB-mounting SSR for FA Equipment
Requiring High Reliability
Wide I/O voltage range: 3 to 28 VDC input and 75 to
264 VAC output or 3 to 28 VDC input and 3 to
52.8 VDC output.
Two load currents available: 2 A and 3 A
Flat and vertical models available for a variety of
applications.
Approved by UL and CSA.
RC
Ordering Information
Isolation
Zero cross
function
Indicator
Rated output voltage
(Applicable output load)
Rated input voltage
Model
Photocoupler
Yes
No
2 A at 100 to 240 VAC
(2 A at 75 to 264 VAC)
4 to 24 VDC
G3CN-202P-US
G3CN-202P1-US*
3 A at 100 to 240 VAC
(3 A at 75 to 264 VAC)
G3CN-203P-US
G3CN-203P1-US*
Phototriac
No
2 A at 100 to 240 VAC
(2 A at 75 to 264 VAC)
5, 12, 24 VDC**
G3CN-202PL-US
G3CN-202PL1-US*
3 A at 100 to 240 VAC
(3 A at 75 to 264 VAC)
G3CN-203PL-US
G3CN-203PL1-US*
Photocoupler
---
2 A at 4 to 48 VDC
(2 A at 3 to 52.8 VDC)
4 to 24 VDC
G3CN-DX02P-US
G3CN-DX02P1-US*
3 A at 4 to 48 VDC
(3 A at 3 to 52.8 VDC)
G3CN-DX03P-US
G3CN-DX03P1-US*
*Vertical models.
**When ordering, specify the input voltage


Similar Part No. - G3CN-DX02P1-US

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3CN-DX02P1-US OMRON-G3CN-DX02P1-US Datasheet
57Kb / 6P
   PCB-mounting SSR for FA Equipment Requiring High Reliability
G3CN-DX02P1-US OMRON-G3CN-DX02P1-US Datasheet
58Kb / 4P
   Low-cost, PCB-mounting SSR for FA Equipment Requiring High Reliability
More results

Similar Description - G3CN-DX02P1-US

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
   SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
   SOLID STATE RELAY
logo
Vishay Siliconix
LH1500AT VISHAY-LH1500AT Datasheet
73Kb / 6P
   Solid State Relay
Revision 06-March-02
logo
Sharp Corporation
PR33MD22NSZ SHARP-PR33MD22NSZ Datasheet
54Kb / 3P
   Solid State Relay
logo
List of Unclassifed Man...
JGX-1505FB ETC1-JGX-1505FB Datasheet
58Kb / 3P
   SOLID STATE RELAY
logo
COSMO Electronics Corp...
KSA225AC8 COSMO-KSA225AC8 Datasheet
346Kb / 2P
   Solid State Relay
KSA425AC8 COSMO-KSA425AC8 Datasheet
346Kb / 2P
   Solid State Relay
KSD210AC3 COSMO-KSD210AC3 Datasheet
340Kb / 2P
   Solid State Relay
logo
Hongfa Technology
HFS41 HONGFA-HFS41 Datasheet
58Kb / 3P
   SOLID STATE RELAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com