Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3737EUF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3737EUF
Description  Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3737EUF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3737EUF Datasheet HTML 4Page - Linear Technology LTC3737EUF Datasheet HTML 5Page - Linear Technology LTC3737EUF Datasheet HTML 6Page - Linear Technology LTC3737EUF Datasheet HTML 7Page - Linear Technology LTC3737EUF Datasheet HTML 8Page - Linear Technology LTC3737EUF Datasheet HTML 9Page - Linear Technology LTC3737EUF Datasheet HTML 10Page - Linear Technology LTC3737EUF Datasheet HTML 11Page - Linear Technology LTC3737EUF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
LTC3737
3737f
OPERATIO
(Refer to Functional Diagram)
Main Control Loop
The LTC3737 uses a constant frequency, current mode
architecture with the two controller channels operating
180 degrees out of phase. During normal operation, each
external P-channel power MOSFET is turned on when the
clock for that channel sets the RS latch, and turned off
when the current comparator (ICMP) resets the latch. The
peak inductor current at which ICMP resets the RS latch is
determined by the voltage on the ITH pin, which is the
output of each error amplifier (EAMP). The VFB pin re-
ceives the output voltage feedback signal from an external
resistor divider. This feedback signal is compared to the
internal 0.6V reference voltage by the EAMP. When the
load current increases, it causes a slight decrease in VFB
relative to the 0.6V reference, which in turn, causes the ITH
voltage to increase until the average inductor current
matches the new load current.
Shutdown, Soft-Start and Tracking Start-Up
(RUN/SS and TRACK Pins)
The LTC3737 is shut down by pulling the RUN/SS pin low.
In shutdown, all controller functions are disabled and the
chip draws only 9
µA. The PGATE outputs are held high
(off) in shutdown. Releasing RUN/SS allows an internal
0.7
µA current source to charge up the RUN/SS pin. When
the RUN/SS pin reaches 0.65V, the LTC3737’s two con-
trollers are enabled.
The start-up of VOUT1 is controlled by the LTC3737’s
internal soft-start. During soft-start, the error amplifier
EAMP compares the feedback signal VFB1 to the internal
soft-start ramp (instead of the 0.6V reference), which rises
linearly from 0V to 0.6V in about 1ms. This allows the
output voltage to rise smoothly from 0V to its final value,
while maintaining control of the inductor current.
The 1ms soft-start time can be increased by connecting
the optional external soft-start capacitor, CSS, between the
RUN/SS and SGND pins. As the RUN/SS pin continues to
rise linearly from approximately 0.65V to 1.3V (being
charged by the internal 0.7
µA current source), the EAMP
regulates VFB1 linearly from 0V to 0.6V.
The start-up of VOUT2 is controlled by the voltage on the
TRACK pin. When the voltage on the TRACK pin is less
than the 0.6V internal reference, the LTC3737 regulates
the VFB2 voltage to the TRACK pin instead of the 0.6V
reference. Typically, a resistor divider on VOUT1 is con-
nected to the TRACK pin to allow the start-up of VOUT2 to
“track” that of VOUT1. For one-to-one tracking during start-
up, the resistor divider would have the same values as the
divider on VOUT2 that is connected to VFB2.
If no tracking function is desired, then the TRACK pin can
be tied to VIN. Note, however, that in this situation, there
would be no (internal or external) soft-start on VOUT2.
Light Load Operation (Burst Mode Operation or Pulse
Skipping Mode) (SYNC/MODE Pin)
The LTC3737 can be enabled to enter high efficiency Burst
Mode operation at low load currents. To select Burst Mode
operation, tie the SYNC/MODE pin to a DC voltage above
0.6V (e.g., VIN). To disable Burst Mode operation and
enable PWM pulse skipping mode, connect SYNC/MODE
to a DC voltage below 0.6V (e.g., SGND). In this mode, the
efficiency is lower at light loads. However, pulse skipping
mode has the advantages of lower output ripple and less
interference to audio circuitry.
When a controller is in Burst Mode operation, the peak
current in the inductor is set to approximate one-fourth of
the maximum sense voltage even when the voltage on the
ITH pin indicates a lower value. If the average inductor
current is greater than the load current, the EAMP will
decrease the voltage on the ITH pin. When the ITH voltage
drops below 0.85V, the internal SLEEP signal goes high
and the external MOSFET is turned off.
In sleep mode, much of the internal circuitry is turned off,
reducing the quiescent current that the LTC3737 draws.
The load current is supplied by the output capacitor. As the
output voltage decreases, the EAMP increases the ITH
voltage. When the ITH voltage reaches 0.925V, the SLEEP
signal goes low and the controller resumes normal opera-
tion by turning on the external P-channel MOSFET on the
next cycle of the internal oscillator.
When the SYNC/MODE pin is clocked by an external clock
source to use the phase-locked loop (see Frequency
Selection and Phase-Locked Loop), the LTC3737 operates
in PWM pulse skipping mode at light loads.


Similar Part No. - LTC3737EUF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3737 LINER-LTC3737_15 Datasheet
280Kb / 24P
   Dual 2-Phase, No RSENSE, DC/DC Controller with Output Tracking
More results

Similar Description - LTC3737EUF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3737 LINER-LTC3737_15 Datasheet
280Kb / 24P
   Dual 2-Phase, No RSENSE, DC/DC Controller with Output Tracking
LTC3736 LINER-LTC3736 Datasheet
348Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller with Output Tracking
LTC3736 LINER-LTC3736_15 Datasheet
441Kb / 28P
   Dual 2-Phase, No RSENSE, Synchronous Controller with Output Tracking
LTC3736-2 LINER-LTC3736-2 Datasheet
417Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller with Output Tracking
LTC3736-2 LINER-LTC3736-2_15 Datasheet
354Kb / 28P
   Dual 2-Phase, No RSENSE, Synchronous Controller with Output Tracking
LTC3709 LINER-LTC3709 Datasheet
290Kb / 24P
   Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
LTC3709 LINER-LTC3709_15 Datasheet
326Kb / 24P
   Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
LTC3808 LINER-LTC3808_15 Datasheet
382Kb / 28P
   No RSENSE, Low EMI, Synchronous DC/DC Controller with Output Tracking
LTC3708 LINER-LTC3708_15 Datasheet
417Kb / 32P
   Fast 2-Phase, No RSENSE Buck Controller with Output Tracking
LTC3708 LINER-LTC3708 Datasheet
420Kb / 32P
   Fast 2-Phase, No RSENSE Buck Controller with Output Tracking
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com