Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4300A-3CDD Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4300A-3CDD
Description  Level Shifting Hot Swappable 2-Wire Bus Buffer with Enable
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4300A-3CDD Datasheet(HTML) 5 Page - Linear Technology

  LTC4300A-3CDD Datasheet HTML 1Page - Linear Technology LTC4300A-3CDD Datasheet HTML 2Page - Linear Technology LTC4300A-3CDD Datasheet HTML 3Page - Linear Technology LTC4300A-3CDD Datasheet HTML 4Page - Linear Technology LTC4300A-3CDD Datasheet HTML 5Page - Linear Technology LTC4300A-3CDD Datasheet HTML 6Page - Linear Technology LTC4300A-3CDD Datasheet HTML 7Page - Linear Technology LTC4300A-3CDD Datasheet HTML 8Page - Linear Technology LTC4300A-3CDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LTC4300A-3
5
sn4300a3 4300a3fs
VCC2 (Pin 1): Card Supply Voltage. This is the supply
voltage for the devices on the card I2C busses. Connect
pull-up resistors from SDAOUT and SCLOUT to this pin.
Place a bypass capacitor of at least 0.01µF close to this pin
for best results.
SCLOUT (Pin 2): Serial Clock Output. Connect this pin to
the SCL bus on the card.
SCLIN (Pin 3): Serial Clock Input. Connect this pin to the
SCL bus on the backplane.
GND (Pin 4): Device Ground. Connect this pin to a ground
plane for best results.
ENABLE (Pin 5): Digital CMOS Threshold Input. Ground-
ing this pin puts the part in a low current mode. It also
disables the rise-time accelerators, disables the bus
discharge circuitry, isolates SDAIN from SDOUT and
isolates SCLIN from SCLOUT. For active operation, drive
this pin to VCC. If this feature is unused, tie to VCC. Since
ENABLE is VCC referenced, do not connect to VCC2 or pull
up to VCC2.
SDAIN (Pin 6): Serial Data Input. Connect this pin to the
SDA bus on the backplane.
SDAOUT (Pin 7): Serial Data Output. Connect this pin to
the SDA bus on the card.
VCC (Pin 8): Main Input Power Supply from Backplane.
This is the supply voltage for the devices on the backplane
I2C busses. Connect pull-up resistors from SDAIN and
SCLIN to this pin. Place a bypass capacitor of at least
0.01µF close to this pin for best results.
Exposed Pad (Pin 9, DFN Package Only): Exposed Pad
may by be left open or connected to device ground.
PI FU CTIO S


Similar Part No. - LTC4300A-3CDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4300A-3 LINER-LTC4300A-3 Datasheet
216Kb / 14P
   Level-Shifting Hot Swappable 2-Wire Bus Buffer with Enable
LTC4300A-3 LINER-LTC4300A-3 Datasheet
201Kb / 20P
   Pin-Selectable, 2-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4300A-3 LINER-LTC4300A-3 Datasheet
294Kb / 20P
   2-Wire Bus Buffers with High Noise Margin
LTC4300A-3 LINER-LTC4300A-3 Datasheet
208Kb / 20P
   Pin-Selectable, 4-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4300A-3 LINER-LTC4300A-3 Datasheet
281Kb / 20P
   2-Wire Bus Buffer with High Noise Margin
More results

Similar Description - LTC4300A-3CDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4300A-3 LINER-LTC4300A-3_15 Datasheet
216Kb / 14P
   Level-Shifting Hot Swappable 2-Wire Bus Buffer with Enable
LTC4309 LINER-LTC4309 Datasheet
202Kb / 16P
   Level Shifting Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4308 LINER-LTC4308 Datasheet
172Kb / 16P
   Low Voltage, Level Shifting Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4308 LINER-LTC4308_15 Datasheet
173Kb / 16P
   Low Voltage, Level Shifting Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4309 LINER-LTC4309_15 Datasheet
205Kb / 16P
   Level Shifting Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
logo
NXP Semiconductors
PCA9512A NXP-PCA9512A_11 Datasheet
235Kb / 24P
   Level shifting hot swappable I2C-bus and SMBus bus buffer
Rev. 5-5 January 2011
PCA9512ADP PHILIPS-PCA9512ADP Datasheet
320Kb / 27P
   Level shifting hot swappable I2C-bus and SMBus bus buffer
Rev. 6-1 March 2013
PCA9512A NXP-PCA9512A Datasheet
153Kb / 23P
   Level shifting hot swappable I2C-bus and SMBus bus buffer
Rev. 04-19 August 2009
logo
List of Unclassifed Man...
PCA9512A ETC1-PCA9512A Datasheet
135Kb / 22P
   Level shifting hot swappable I2C-bus and SMBus bus buffer
logo
Linear Technology
LTC4301L LINER-LTC4301L Datasheet
184Kb / 12P
   Hot Swappable 2-Wire Bus Buffer with Low Voltage Level Translation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com