Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLX6228TEH Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # HLX6228TEH
Description  128K x 8 STATIC RAM-Low Power SOI
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HLX6228TEH Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  HLX6228TEH Datasheet HTML 1Page - List of Unclassifed Manufacturers HLX6228TEH Datasheet HTML 2Page - List of Unclassifed Manufacturers HLX6228TEH Datasheet HTML 3Page - List of Unclassifed Manufacturers HLX6228TEH Datasheet HTML 4Page - List of Unclassifed Manufacturers HLX6228TEH Datasheet HTML 5Page - List of Unclassifed Manufacturers HLX6228TEH Datasheet HTML 6Page - List of Unclassifed Manufacturers HLX6228TEH Datasheet HTML 7Page - List of Unclassifed Manufacturers HLX6228TEH Datasheet HTML 8Page - List of Unclassifed Manufacturers HLX6228TEH Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
HLX6228
4
Parameter
Max
Symbol
Test Conditions
Worst Case
Units
CAPACITANCE (1)
Symbol
Test Conditions
Min
Max
Typical
(1)
Units
VDR
Data Retention Voltage
2.5
V
IDR
Data Retention Current
700
µA
(1) This parameter is tested during initial design characterization only.
RECOMMENDED OPERATING CONDITIONS
Symbol
Max
Typ
Description
Parameter
Min
Worst Case (2)
Units
VDD
Supply Voltage (referenced to VSS)
3.0
3.3
3.6
V
TA
Ambient Temperature
-55
25
125
°C
VPIN
Voltage on Any Pin (referenced to VSS)
-0.3
VDD+0.3
V
Min
Typical
(1)
CI
Input Capacitance
7
pF
VI=VDD or VSS, f=1 MHz
CO
Output Capacitance
9
pF
VIO=VDD or VSS, f=1 MHz
(1) Typical operating conditions: TA= 25
°C, pre-radiation.
(2) Worst case operating conditions: TA= -55
°C to +125°C, post total dose at 25°C.
DATA RETENTION CHARACTERISTICS
Parameter
(1) Stresses in excess of those listed above may result in permanent damage. These are stress ratings only, and operation at these levels is not
implied. Frequent or extended exposure to absolute maximum conditions may affect device reliability.
(2) Voltage referenced to VSS.
(3) RAM power dissipation (IDDSB + IDDOP) plus RAM output driver power dissipation due to external loading must not exceed this specification.
(4) Class 2 electrostatic discharge (ESD) input protection. Tested per MIL-STD-883, Method 3015 by DESC certified lab.
ABSOLUTE MAXIMUM RATINGS (1)
NCS=VDD=VDR
VI=VDR or VSS
NCS=VDR
VI=VDR or VSS
VDD
Supply Voltage Range (2)
-0.5
6.0
V
VPIN
Voltage on Any Pin (2)
-0.5
VDD+0.5
V
TSTORE
Storage Temperature (Zero Bias)
-65
150
°C
TSOLDER
Soldering Temperature (5 Seconds)
270
°C
PD
Maximum Power Dissipation (3)
2
W
IOUT
DC or Average Output Current
25
mA
VPROT
ESD Input Protection Voltage (4)
2000
V
32 FP
2
40 FP
2
TJ
Junction Temperature
175
°C
Parameter
Symbol
ΘJC
Thermal Resistance (Jct-to-Case)
°C/W
Units
Rating
Min
Max


Similar Part No. - HLX6228TEH

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HLX6256 HONEYWELL-HLX6256 Datasheet
153Kb / 12P
   32K x 8 STATIC RAM Low Power SOI
HLX6256-BF HONEYWELL-HLX6256-BF Datasheet
153Kb / 12P
   32K x 8 STATIC RAM Low Power SOI
HLX6256-BH HONEYWELL-HLX6256-BH Datasheet
153Kb / 12P
   32K x 8 STATIC RAM Low Power SOI
HLX6256-BN HONEYWELL-HLX6256-BN Datasheet
153Kb / 12P
   32K x 8 STATIC RAM Low Power SOI
HLX6256-BR HONEYWELL-HLX6256-BR Datasheet
153Kb / 12P
   32K x 8 STATIC RAM Low Power SOI
More results

Similar Description - HLX6228TEH

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HX6228 HONEYWELL-HX6228 Datasheet
153Kb / 12P
   128K x 8 STATIC RAM-SOI HX6228
HLX6256 HONEYWELL-HLX6256 Datasheet
153Kb / 12P
   32K x 8 STATIC RAM Low Power SOI
logo
List of Unclassifed Man...
HX6356 ETC1-HX6356 Datasheet
145Kb / 12P
   32K x 8 STATIC RAM-SOI
logo
Taiwan Memory Technolog...
T15M1024A TMT-T15M1024A Datasheet
85Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
T15M1024A TMT-T15M1024A_04 Datasheet
87Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024L PYRAMID-P4C1024L Datasheet
281Kb / 11P
   LOW POWER 128K x 8 CMOS STATIC RAM
logo
List of Unclassifed Man...
IS62C1024AL-35QLI-TR ETC2-IS62C1024AL-35QLI-TR Datasheet
313Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC62C1024L ICSI-IC62C1024L Datasheet
123Kb / 8P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
62C1024L ISSI-62C1024L Datasheet
65Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
IS62C1024AL ISSI-IS62C1024AL Datasheet
75Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com