Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33411B Datasheet(PDF) 8 Page - Motorola, Inc

Part # MC33411B
Description  900 MHZ ANALOG CORDLESS PHONE BASEBAND WITH COMPANDER
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33411B Datasheet(HTML) 8 Page - Motorola, Inc

Back Button MC33411B Datasheet HTML 4Page - Motorola, Inc MC33411B Datasheet HTML 5Page - Motorola, Inc MC33411B Datasheet HTML 6Page - Motorola, Inc MC33411B Datasheet HTML 7Page - Motorola, Inc MC33411B Datasheet HTML 8Page - Motorola, Inc MC33411B Datasheet HTML 9Page - Motorola, Inc MC33411B Datasheet HTML 10Page - Motorola, Inc MC33411B Datasheet HTML 11Page - Motorola, Inc MC33411B Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
MC33411A/B
8
MOTOROLA RF/IF DEVICE DATA
ELECTRICAL CHARACTERISTICS (continued) (VCC = 3.6 V, VB = 1.5 V, TA = 25°C, Active Mode, Rx Gain = 01111,
Vol Adj = 0111, fin = 1.0 kHz, unless otherwise noted.)
Characteristics
Unit
Max
Typ
Min
Symbol
Measure
Pin
Input
Pin
LO2 PLL CHARACTERISTICS (VCC = 3.6 V, VB = 1.5 V, TA = 25°C, Active Mode)
Output Off Current (VPD = VCC /2)
LO2PD
Ioz
–80
5.0
80
nA
Input Current Low (Vin = 0.5 V)
LO2Ctl
Iil
–1.0
–0.02
µA
Input Current High (Vin = VCC – 0.5 V)
LO2Ctl
Iih
0.02
1.0
µA
Input Voltage Range
LO2Ctl
Vrange
0.4
VCC
V
Maximum 2nd LO Frequency
65
80
MHz
LO2 Out Drive (25
Ω load)
Vout
112
180
245
mVpp
COUNTERS (VCC = 3.6 V, VB = 1.5 V, TA = 25°C, Active Mode)
12–Bit Reference Counter Range [Note 1]
3 to 4095
13–Bit N Counter Range [Note 1]
3 to 8191
7–Bit A Counter Range [Note 1]
64/65 Modulus Prescaler
0 to 63
128/129 Modulus Prescaler
0 to 127
14–Bit LO2 Counter Range [Note 1]
12 to
16383
6–Bit Counters (for SCF) [Note 1]
3 to 63
NOTES: 1. Values specified are pure numbers to the base 10.
2. Typical performance parameters indicate the potential of the device under ideal operating conditions.
PIN FUNCTION DESCRIPTION
Pin
Symbol/Type
Description
Description
1
FRx MC
(Output)
FRx MC
1
Rx PLL VCC
Current Mode
Rx PLL VCC
Voltage Mode
100
µA
100
µA
Modulus Control Output for the Rx PLL section.
Can be set to output in current mode or voltage
mode, selectable with bit 3/16.
2
FRx
(Input)
FRx
2
PLL
VCC
Bias
80
µA
200 k
Receives the signal from the external 64/65 or
128/129 prescaler. DC bias is at 1.3 V.
NOTE:
1. All VCC pins must be within ±0.5 V of each other.


Similar Part No. - MC33411B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33410 MOTOROLA-MC33410 Datasheet
303Kb / 20P
   DUAL CVSD/PLL CORDLESS PHONE SYSTEM
More results

Similar Description - MC33411B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UAA3515A PHILIPS-UAA3515A Datasheet
180Kb / 44P
   900 MHz analog cordless telephone IC
2001 Dec 12
logo
Toshiba Semiconductor
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
   COMPANDER IC FOR CORDLESS TELEPHONE
logo
Sharp Corporation
IR3N74AN SHARP-IR3N74AN Datasheet
236Kb / 8P
   Compander IC for Cordless elephone
logo
ELAN Microelectronics C...
EM92600 EMC-EM92600 Datasheet
52Kb / 6P
   DUAL PLL FOR 46/49 MHZ CORDLESS PHONE
logo
NXP Semiconductors
UAA2090T PHILIPS-UAA2090T Datasheet
927Kb / 12P
   900 MHz front end circuit for cordless communication
October 1991
logo
Sanyo Semicon Device
LA8638V SANYO-LA8638V Datasheet
399Kb / 16P
   Low-voltage Compander IC for Cordless Telephones
logo
Holtek Semiconductor In...
HT9015 HOLTEK-HT9015 Datasheet
206Kb / 23P
   RF Single Chip for Cordless Phone
logo
Rohm
BA7726AS ROHM-BA7726AS Datasheet
148Kb / 11P
   Analog compander with vocal fader for KARAOKE
logo
Zilog, Inc.
Z87001 ZILOG-Z87001 Datasheet
205Kb / 51P
   ROMless Spread Spectrum Cordless Phone Controller
logo
Sony Corporation
CXA3003R SONY-CXA3003R Datasheet
534Kb / 32P
   Baseband analog processing IC for dual-mode CDMA/FM cellular phone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com