Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK3732-08RI Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # MK3732-08RI
Description  ADSL Clock Source
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK3732-08RI Datasheet(HTML) 1 Page - Integrated Circuit Systems

  MK3732-08RI Datasheet HTML 1Page - Integrated Circuit Systems MK3732-08RI Datasheet HTML 2Page - Integrated Circuit Systems MK3732-08RI Datasheet HTML 3Page - Integrated Circuit Systems MK3732-08RI Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MK3732-08
ADSL Clock Source
MDS 3732-08 C
1
Revision 091201
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose • CA • 95126 • (408) 295-9800 tel • (408) 295-9818 fax • www.icst.com
Block Diagram
Description
Features
The MK3732-08 is a low cost, low jitter, high
performance VCXO and PLL clock synthesizer
designed to replace expensive discrete VCXOs and
multipliers. The on-chip Voltage Controlled Crystal
Oscillator (VCXO) accepts a 0 to 3.3 V input voltage to
cause the output clocks to vary by ±100 ppm. Using
ICS/MicroClock’s patented VCXO and analog/digital
Phase-Locked Loop (PLL) techniques, the device
uses an inexpensive 17.664 MHz or 24.576 MHz
pullable crystal input to produce one or two output
clocks.
ICS manufactures the largest variety of xDSL clock
synthesizers for all applications. Consult ICS to
eliminate VCXOs, crystals and oscillators from your
board.
• Packaged in 20 pin SSOP (QSOP)
• Replaces a VCXO and oscillator
• Uses an inexpensive pullable crystal
• On-chip patented VCXO with pull range of
230 ppm (±115 ppm) minimum
• VCXO tuning voltage of 0 to 3.3 V
• Advanced, low power, sub-micron CMOS process
• 3.3V operating voltage
• Available in industrial temperature range
Voltage
Controlled
Crystal
Oscillator
PLL/Clock
Synthesis
Circuitry
CLK1
17.664 MHz
or 24.576 MHz
pullable
crystal
X1
X2
VIN
Output
Buffer
CLK2
Output
Buffer
VDD
OE
S2:S0
3
GND
Output
Buffer
REF
REFEN
PD


Similar Part No. - MK3732-08RI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK3732-07 ICST-MK3732-07 Datasheet
98Kb / 6P
   ADSL VCXO CLOCK SOURCE
MK3732-07S ICST-MK3732-07S Datasheet
98Kb / 6P
   ADSL VCXO CLOCK SOURCE
MK3732-07SI ICST-MK3732-07SI Datasheet
98Kb / 6P
   ADSL VCXO CLOCK SOURCE
MK3732-07SITR ICST-MK3732-07SITR Datasheet
98Kb / 6P
   ADSL VCXO CLOCK SOURCE
MK3732-07STR ICST-MK3732-07STR Datasheet
98Kb / 6P
   ADSL VCXO CLOCK SOURCE
More results

Similar Description - MK3732-08RI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK3732-17 RENESAS-MK3732-17 Datasheet
373Kb / 8P
   ADSL VCXO CLOCK SOURCE
050803
logo
Integrated Circuit Syst...
MK3732-07 ICST-MK3732-07 Datasheet
98Kb / 6P
   ADSL VCXO CLOCK SOURCE
MK3732-17 ICST-MK3732-17 Datasheet
99Kb / 6P
   ADSL VCXO CLOCK SOURCE
logo
Integrated Device Techn...
ICS650-07C IDT-ICS650-07C Datasheet
215Kb / 9P
   NETWORKING CLOCK SOURCE
logo
Renesas Technology Corp
MK2705 RENESAS-MK2705 Datasheet
331Kb / 8P
   AUDIO CLOCK SOURCE
051310
logo
Integrated Circuit Syst...
ICS650-07C ICST-ICS650-07C Datasheet
73Kb / 5P
   Networking Clock Source
MK2705 ICST-MK2705 Datasheet
121Kb / 6P
   Audio Clock Source
ICS650-07B ICST-ICS650-07B Datasheet
44Kb / 4P
   Broadcom Clock Source
ICS651-03 ICST-ICS651-03 Datasheet
157Kb / 7P
   VOIP Clock Source
ICS650-27 ICST-ICS650-27 Datasheet
156Kb / 6P
   Networking Clock Source
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com