Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK3732-08RI Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # MK3732-08RI
Description  ADSL Clock Source
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK3732-08RI Datasheet(HTML) 3 Page - Integrated Circuit Systems

  MK3732-08RI Datasheet HTML 1Page - Integrated Circuit Systems MK3732-08RI Datasheet HTML 2Page - Integrated Circuit Systems MK3732-08RI Datasheet HTML 3Page - Integrated Circuit Systems MK3732-08RI Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MK3732-08
ADSL Clock Source
MDS 3732-08 C
3
Revision 091201
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose • CA • 95126 • (408) 295-9800 tel • (408) 295-9818 fax • www.icst.com
Parameter
Conditions
Minimum
Typical
Maximum
Units
ABSOLUTE MAXIMUM RATINGS (note 1)
ABSOLUTE MAXIMUM RATINGS (note 1)
Supply voltage, VDD
Referenced to GND
7
V
Inputs and Clock Outputs
Referenced to GND
-0.5
VDD+0.5
V
Ambient Operating Temperature
Commercial version
0
70
°C
Industrial version
-40
85
°C
Soldering Temperature
Max of 10 seconds
260
°C
Storage temperature
-65
150
°C
DC CHARACTERISTICS (VDD = 3.3V unless noted)
DC CHARACTERISTICS (VDD = 3.3V unless noted)
Core Operating Voltage, VDD
3.14
3.3
3.46
V
Input High Voltage, VIH, binary inputs
2
V
Input Low Voltage, VIL, binary inputs
0.8
V
Input High Voltage, VIH, trinary input
S0, pin 15
VDD-0.5
V
Input Low Voltage, VIL, trinary input
S0, pin 15
0.5
V
Output High Voltage, VOH
IOH=-12mA
2.4
V
Output Low Voltage, VOL
IOL=12mA
0.4
V
Output High Voltage, VOH, CMOS level
IOH=-4mA
VDD -0.4
V
Operating Supply Current, IDD
No Load
19
mA
Short Circuit Current
Each output
±50
mA
Input Capacitance
S2:S0, OE
5
pF
Frequency synthesis error
Both clocks
0
ppm
VIN, VCXO control voltage
0
3.3
V
AC CHARACTERISTICS (VDD = 3.3V unless noted)
AC CHARACTERISTICS (VDD = 3.3V unless noted)
Input Crystal Frequency
17.664
24.576
MHz
Output Clock Frequency
2.208
70.656
MHz
Output Clock Rise Time
0.8 to 2.0V
1.5
ns
Output Clock Fall Time
2.0 to 0.8V
1.5
ns
Output Clock Duty Cycle
At VDD/2
40
60
%
Maximum Absolute Short Term Jitter
15 pF load at output
±125
ps
Phase Noise, relative to carrier
10 kHz offset, no REF
-115
dBc/Hz
Output pullability, note 2
0V < VIN < 3.3V
±115
ppm
Electrical Specifications
Notes: 1. Stresses beyond those listed under Absolute Maximum Ratings could cause permanent damage to the
device. Prolonged exposure to levels above the operating limits but below the Absolute Maximums may
affect device reliability.
2. With an ICS approved pullable crystal.
Pullable Crystal Specifications:
Correlation (load) Capacitance
14 pF
C0/C1
250 max
ESR
35
Ω max
Operating Temperature
0 to 70 °C or -40 to 85 °C
Initial Accuracy
±20 ppm
Temperature plus Aging Stability
±50 ppm


Similar Part No. - MK3732-08RI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK3732-07 ICST-MK3732-07 Datasheet
98Kb / 6P
   ADSL VCXO CLOCK SOURCE
MK3732-07S ICST-MK3732-07S Datasheet
98Kb / 6P
   ADSL VCXO CLOCK SOURCE
MK3732-07SI ICST-MK3732-07SI Datasheet
98Kb / 6P
   ADSL VCXO CLOCK SOURCE
MK3732-07SITR ICST-MK3732-07SITR Datasheet
98Kb / 6P
   ADSL VCXO CLOCK SOURCE
MK3732-07STR ICST-MK3732-07STR Datasheet
98Kb / 6P
   ADSL VCXO CLOCK SOURCE
More results

Similar Description - MK3732-08RI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK3732-17 RENESAS-MK3732-17 Datasheet
373Kb / 8P
   ADSL VCXO CLOCK SOURCE
050803
logo
Integrated Circuit Syst...
MK3732-07 ICST-MK3732-07 Datasheet
98Kb / 6P
   ADSL VCXO CLOCK SOURCE
MK3732-17 ICST-MK3732-17 Datasheet
99Kb / 6P
   ADSL VCXO CLOCK SOURCE
logo
Integrated Device Techn...
ICS650-07C IDT-ICS650-07C Datasheet
215Kb / 9P
   NETWORKING CLOCK SOURCE
logo
Renesas Technology Corp
MK2705 RENESAS-MK2705 Datasheet
331Kb / 8P
   AUDIO CLOCK SOURCE
051310
logo
Integrated Circuit Syst...
ICS650-07C ICST-ICS650-07C Datasheet
73Kb / 5P
   Networking Clock Source
MK2705 ICST-MK2705 Datasheet
121Kb / 6P
   Audio Clock Source
ICS650-07B ICST-ICS650-07B Datasheet
44Kb / 4P
   Broadcom Clock Source
ICS651-03 ICST-ICS651-03 Datasheet
157Kb / 7P
   VOIP Clock Source
ICS650-27 ICST-ICS650-27 Datasheet
156Kb / 6P
   Networking Clock Source
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com