Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX23C4096 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MX23C4096
Description  4M-BIT [256K x 16] CMOS MASK ROM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MX23C4096 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MX23C4096 Datasheet HTML 1Page - List of Unclassifed Manufacturers MX23C4096 Datasheet HTML 2Page - List of Unclassifed Manufacturers MX23C4096 Datasheet HTML 3Page - List of Unclassifed Manufacturers MX23C4096 Datasheet HTML 4Page - List of Unclassifed Manufacturers MX23C4096 Datasheet HTML 5Page - List of Unclassifed Manufacturers MX23C4096 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
P/N:PM0257
REV. 1.3, OCT. 08, 1996
PIN CONFIGURATION
40PDIP
44 PLCC
FEATURES
• 256K x 16 organization (JEDEC pin out)
• Single +5V power supply
• Fast access time: 100/120/150/200ns
• Totally static operation
• Completely TTl compatible
PIN DESCRIPTION
Symbol
Pin Function
A0~A17
Address Inputs
Q0~Q15
Data Outputs
CE/CE
Chip Enable Input
OE/OE
Output Enable Input
VCC
Power Supply Pin (+5V)
VSS
Ground Pin
MX23C4096
4M-BIT [256K x 16] CMOS MASK ROM
• Operating current: 60mA
• Standby current: 100uA
• Package
- 40 pin DIP (600 mil)
- 44 pin PLCC
GENERAL DESCRIPTION
The MX23C4096 is a 5V only, 4M-bit, Read Only
Memory. It is organized as 512Kx16 bit. MX23C4096
has a static standby mode, and has an access time of
100/120/150/200ns. It is designed to be compatible with
all microprocessors and similar applications in which
high performance, large bit storage and simple interfac-
ing are important design considerations.
MX23C4096 offers automatic power-down, with power-
down controlled by the chip enable (CE/CE) input. When
CE/CE is not selected, the device automatically powers
down and remains in a low-power standby mode as long
as CE/CE stays in the unselected mode.
The OE/OE inputs as well as CE/CE input may be pro-
grammed either active High or Low.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
NC
CE/CE
Q15
Q14
Q13
Q12
Q11
Q10
Q9
Q8
VSS
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
OE/OE
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
VCC
A17
A16
A15
A14
A13
A12
A11
A10
A9
VSS
A8
A7
A6
A5
A4
A3
A2
A1
A0
MX23C4096
Q12
Q11
Q10
Q9
Q8
VSS
NC
Q7
Q6
Q5
Q4
A13
A12
A11
A10
A9
VSS
NC
A8
A7
A6
A5
644
40
39
34
29
7
12
17
18
23
28
1
BLOCK DIAGRAM
CONTROL
LOGIC
OUTPUT
BUFFERS
Q0~Q15
CE/CE
OE/OE
A0~A17
ADDRESS
INPUTS
Y-DECODER
X-DECODER
Y-DECODER
4M BIT
ROM
ARRAY
VCC
VSS
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
INDEX


Similar Part No. - MX23C4096

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23C4000 MCNIX-MX23C4000 Datasheet
633Kb / 9P
   4M-BIT MASK ROM (8 BIT OUTPUT)
MX23C4000MC-10 MCNIX-MX23C4000MC-10 Datasheet
633Kb / 9P
   4M-BIT MASK ROM (8 BIT OUTPUT)
MX23C4000MC-12 MCNIX-MX23C4000MC-12 Datasheet
633Kb / 9P
   4M-BIT MASK ROM (8 BIT OUTPUT)
MX23C4000MC-15 MCNIX-MX23C4000MC-15 Datasheet
633Kb / 9P
   4M-BIT MASK ROM (8 BIT OUTPUT)
MX23C4000MC-90 MCNIX-MX23C4000MC-90 Datasheet
633Kb / 9P
   4M-BIT MASK ROM (8 BIT OUTPUT)
More results

Similar Description - MX23C4096

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23C4100 MCNIX-MX23C4100 Datasheet
322Kb / 8P
   4M-BIT [512K x 8/256K x 16] MASK ROM
logo
AMIC Technology
A23L2616 AMICC-A23L2616_15 Datasheet
160Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM
A23L1616 AMICC-A23L1616 Datasheet
124Kb / 11P
   2M X 16 / 4M X 8 BIT CMOS MASK ROM
A23L2616 AMICC-A23L2616 Datasheet
122Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM
A23L1616 AMICC-A23L1616_15 Datasheet
160Kb / 11P
   2M X 16 / 4M X 8 BIT CMOS MASK ROM
A23L8316 AMICC-A23L8316 Datasheet
221Kb / 12P
   256K X 16 / 512K X 8 BIT CMOS MASK ROM
logo
Macronix International
MX23C2100 MCNIX-MX23C2100 Datasheet
52Kb / 7P
   2M-BIT 256K x 8/128K x 16 CMOS MASK ROM
logo
King blillion Electroni...
HF88M02 KB-HF88M02 Datasheet
310Kb / 19P
   256K x 8 bit Mask ROM
logo
Macronix International
MX23L3210 MCNIX-MX23L3210 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
MX23L6410 MCNIX-MX23L6410 Datasheet
621Kb / 10P
   64M-BIT (8M x 8 / 4M x 16) Mask ROM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com