Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX23C4096PC-10 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MX23C4096PC-10
Description  4M-BIT [256K x 16] CMOS MASK ROM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MX23C4096PC-10 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MX23C4096PC-10 Datasheet HTML 1Page - List of Unclassifed Manufacturers MX23C4096PC-10 Datasheet HTML 2Page - List of Unclassifed Manufacturers MX23C4096PC-10 Datasheet HTML 3Page - List of Unclassifed Manufacturers MX23C4096PC-10 Datasheet HTML 4Page - List of Unclassifed Manufacturers MX23C4096PC-10 Datasheet HTML 5Page - List of Unclassifed Manufacturers MX23C4096PC-10 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
P/N:PM0257
REV. 1.3, OCT. 08, 1996
MX23C4096
AC CHARACTERISTICS (TA = -10°C ~ 70°C, VCC = 5.0V ± 10%)
23C4096-10
23C4096-12
23C4096-15
23C4096-20
CONDITIONS
PARAMETER
SYMBOL
MIN.
MAX.
MIN.
MAX.
MIN.
MAX. MIN.
MAX.
Cycle Time
tCYC
100ns
-
120ns
-
150ns
-
200ns
-
Address Access Time
tAA
-
100ns -
120ns -
150ns -
200ns
Output Hold Timer After
tOH
10ns
-
10ns
-
10ns
-
10ns
-
Address Change
Chip Enable Access Time
tACE
-
100ns -
120ns -
150ns -
200ns
Output Enable/Chip Select
tAOE
-
50ns
-
60ns
-
70ns
-
90ns
Access Time
Output Low Z Delay
tLZ
0ns
-
0ns
-
0ns
-
0ns
-
Note 3
Output High Z Delay
tHZ
-
30ns
-
30ns
-
30ns
-
30ns
Note 4
Note :
1. Measured with device selected at f=5 MHz and output unloaded.
2. This parameter is periodically sampled and is not 100% tested.
3. Output low-impedance delay (tLZ) is measured from CE/OE going low.
4. Output high-impedance delay (tHZ) is measured from CE/OE going high.
AC TEST CONDITIONS
Input Pulse Levels
0.4V to 2.4V
Input Rise and Fall Times
10ns
Input Timing Level
1.5V
Output Timing Level
0.8V and 2.0V
Output Load
See Figure1
INDEX


Similar Part No. - MX23C4096PC-10

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23C4000 MCNIX-MX23C4000 Datasheet
633Kb / 9P
   4M-BIT MASK ROM (8 BIT OUTPUT)
MX23C4000MC-10 MCNIX-MX23C4000MC-10 Datasheet
633Kb / 9P
   4M-BIT MASK ROM (8 BIT OUTPUT)
MX23C4000MC-12 MCNIX-MX23C4000MC-12 Datasheet
633Kb / 9P
   4M-BIT MASK ROM (8 BIT OUTPUT)
MX23C4000MC-15 MCNIX-MX23C4000MC-15 Datasheet
633Kb / 9P
   4M-BIT MASK ROM (8 BIT OUTPUT)
MX23C4000MC-90 MCNIX-MX23C4000MC-90 Datasheet
633Kb / 9P
   4M-BIT MASK ROM (8 BIT OUTPUT)
More results

Similar Description - MX23C4096PC-10

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23C4100 MCNIX-MX23C4100 Datasheet
322Kb / 8P
   4M-BIT [512K x 8/256K x 16] MASK ROM
logo
AMIC Technology
A23L2616 AMICC-A23L2616_15 Datasheet
160Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM
A23L1616 AMICC-A23L1616 Datasheet
124Kb / 11P
   2M X 16 / 4M X 8 BIT CMOS MASK ROM
A23L2616 AMICC-A23L2616 Datasheet
122Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM
A23L1616 AMICC-A23L1616_15 Datasheet
160Kb / 11P
   2M X 16 / 4M X 8 BIT CMOS MASK ROM
A23L8316 AMICC-A23L8316 Datasheet
221Kb / 12P
   256K X 16 / 512K X 8 BIT CMOS MASK ROM
logo
Macronix International
MX23C2100 MCNIX-MX23C2100 Datasheet
52Kb / 7P
   2M-BIT 256K x 8/128K x 16 CMOS MASK ROM
logo
King blillion Electroni...
HF88M02 KB-HF88M02 Datasheet
310Kb / 19P
   256K x 8 bit Mask ROM
logo
Macronix International
MX23L3210 MCNIX-MX23L3210 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
MX23L6410 MCNIX-MX23L6410 Datasheet
621Kb / 10P
   64M-BIT (8M x 8 / 4M x 16) Mask ROM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com