Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV8509PDW25 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCV8509PDW25
Description  Sequenced Linear Dual-Voltage Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8509PDW25 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCV8509PDW25 Datasheet HTML 3Page - ON Semiconductor NCV8509PDW25 Datasheet HTML 4Page - ON Semiconductor NCV8509PDW25 Datasheet HTML 5Page - ON Semiconductor NCV8509PDW25 Datasheet HTML 6Page - ON Semiconductor NCV8509PDW25 Datasheet HTML 7Page - ON Semiconductor NCV8509PDW25 Datasheet HTML 8Page - ON Semiconductor NCV8509PDW25 Datasheet HTML 9Page - ON Semiconductor NCV8509PDW25 Datasheet HTML 10Page - ON Semiconductor NCV8509PDW25 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
NCV8509 Series
http://onsemi.com
7
TYPICAL PERFORMANCE CHARACTERISTICS
−40
°C
0
0
VIN1 (V)
24
68
0
0
VIN1 (V)
12
3456789
Figure 15. VOUT1 (5 V) versus VIN1
Figure 16. VOUT1 (3.3 V) versus VIN1
10
1
2
3
4
5
6
125
°C
25
°C
10
0.5
1.0
2.0
2.5
3.0
4.0
−40
°C
125
°C
25
°C
−40
°C
0
0
VIN1 (V)
24
68
0
0
VIN1 (V)
12
3456789
Figure 17. VOUT2 (2.6 V) versus VIN1
Figure 18. VOUT2 (2.5 V) versus VIN1
10
0.5
1.0
1.5
2.0
2.5
3.0
125
°C
25
°C
10
0.5
1.0
1.5
2.0
2.5
3.0
−40
°C
125
°C
25
°C
−40
°C
0
0
VIN1 (V)
2
468
Figure 19. VOUT2 (1.8 V) versus VIN1
10
0.2
0.6
0.8
1.0
2.0
125
°C
25
°C
1
357
9
1.5
3.5
1
357
9
0.4
1.4
1.6
1.8
1.2
135
7
9


Similar Part No. - NCV8509PDW25

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8509PDW25 ONSEMI-NCV8509PDW25 Datasheet
189Kb / 19P
   Sequenced Linear Dual?뭋oltage Regulator
February, 2006 ??Rev. 22
NCV8509PDW25G ONSEMI-NCV8509PDW25G Datasheet
189Kb / 19P
   Sequenced Linear Dual?뭋oltage Regulator
February, 2006 ??Rev. 22
NCV8509PDW25G ONSEMI-NCV8509PDW25G Datasheet
232Kb / 18P
   Sequenced Linear Dual-Voltage Regulator
October, 2008 ??Rev. 25
NCV8509PDW25R2 ONSEMI-NCV8509PDW25R2 Datasheet
189Kb / 19P
   Sequenced Linear Dual?뭋oltage Regulator
February, 2006 ??Rev. 22
NCV8509PDW25R2G ONSEMI-NCV8509PDW25R2G Datasheet
189Kb / 19P
   Sequenced Linear Dual?뭋oltage Regulator
February, 2006 ??Rev. 22
More results

Similar Description - NCV8509PDW25

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8509 ONSEMI-NCV8509_08 Datasheet
232Kb / 18P
   Sequenced Linear Dual-Voltage Regulator
October, 2008 ??Rev. 25
NCV8509 ONSEMI-NCV8509_06 Datasheet
189Kb / 19P
   Sequenced Linear Dual?뭋oltage Regulator
February, 2006 ??Rev. 22
logo
HTC Korea TAEJIN Techno...
TJ5631 HTC-TJ5631 Datasheet
187Kb / 8P
   Dual Channel Fixed Voltage Linear Regulator
logo
ON Semiconductor
NCV7683 ONSEMI-NCV7683 Datasheet
270Kb / 23P
   Enhanced 100 mA Linear Current Regulator and Controller for Automotive Sequenced LED Lighting
February, 2018 ??Rev. 3
logo
Solid States Devices, I...
LA0001C SSDI-LA0001C_15 Datasheet
204Kb / 3P
   Linear Voltage Regulator
logo
Silicon Supplies
7805AC SS-7805AC Datasheet
711Kb / 5P
   Linear Voltage Regulator
logo
Solid States Devices, I...
LA0001C SSDI-LA0001C Datasheet
204Kb / 3P
   Linear Voltage Regulator
logo
Silicon Supplies
7809 SS-7809 Datasheet
481Kb / 5P
   Linear Voltage Regulator
7812AC SS-7812AC Datasheet
442Kb / 5P
   Linear Voltage Regulator
SIS1084L-ADJ SS-SIS1084L-ADJ Datasheet
299Kb / 4P
   Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com