Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT91315CL Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # NT91315CL
Description  Microcontroller for Monitor
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NT91315CL Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button NT91315CL Datasheet HTML 3Page - List of Unclassifed Manufacturers NT91315CL Datasheet HTML 4Page - List of Unclassifed Manufacturers NT91315CL Datasheet HTML 5Page - List of Unclassifed Manufacturers NT91315CL Datasheet HTML 6Page - List of Unclassifed Manufacturers NT91315CL Datasheet HTML 7Page - List of Unclassifed Manufacturers NT91315CL Datasheet HTML 8Page - List of Unclassifed Manufacturers NT91315CL Datasheet HTML 9Page - List of Unclassifed Manufacturers NT91315CL Datasheet HTML 10Page - List of Unclassifed Manufacturers NT91315CL Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
NT91315XL Series
7
Pin Descriptions
Pin No.
Designation
I/O
Description
NT91315AL
NT91315BL
NT91315CL
NT91315DL
1
2
2
2
HK
I
Hook switch input
This inverter input pin detects the state
of the hook switch contact. "Off Hook"
is represented by a VSS condition. "On
Hook"
is
represented
by
a
VDD
condition
2
3
3
3
MODE IN
I, Z
TRI-STATE mode select pin
The two types the NT91315XL are
listed as follows (diode options)
a. Without diode added
MODE
IN
Tone/
Pulse
Dial
Rate
M/B
Ratio
VDD
Pulse
10pps
2/3
VSS
Tone
-
-
Floating
Pulse
10pps
1/2
b. With diode added
MODE
IN
Tone/
Pulse
Dial
Rate
M/B
Ratio
VDD
Pulse
10pps
1/2
VSS
Tone
-
-
Floating
Pulse
20pps
1/2
The mode selection pin checks for
tone/pulse dialing as each digit is
entered. In the PULSE mode, the
dialing rate is checked, along with the
make/break ratio, at the entry of the
first key


Similar Part No. - NT91315CL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT91214 ETC1-NT91214 Datasheet
212Kb / 23P
   Tone/Pulse Dialer
NT91214A ETC1-NT91214A Datasheet
212Kb / 23P
   Tone/Pulse Dialer
NT91214B ETC1-NT91214B Datasheet
212Kb / 23P
   Tone/Pulse Dialer
NT91214C ETC1-NT91214C Datasheet
212Kb / 23P
   Tone/Pulse Dialer
NT91214D ETC1-NT91214D Datasheet
212Kb / 23P
   Tone/Pulse Dialer
More results

Similar Description - NT91315CL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT6861 ETC-NT6861 Datasheet
455Kb / 44P
   8-Bit Microcontroller for Monitor
WT6132 ETC-WT6132 Datasheet
377Kb / 39P
   microcontroller for digital controlled monitor
NT6862 ETC-NT6862 Datasheet
580Kb / 57P
   8-Bit Microcontroller for Monitor
logo
Winbond
W78C354 WINBOND-W78C354 Datasheet
426Kb / 44P
   MONITOR MICROCONTROLLER
W78E354 WINBOND-W78E354 Datasheet
430Kb / 45P
   MONITOR MICROCONTROLLER
W78E378 WINBOND-W78E378 Datasheet
396Kb / 38P
   MONITOR MICROCONTROLLER
logo
NXP Semiconductors
PCE84C882 PHILIPS-PCE84C882 Datasheet
266Kb / 60P
   Microcontroller for monitor OSD and auto-sync applications
1996 Jan 08
PCE84C886 PHILIPS-PCE84C886 Datasheet
322Kb / 56P
   Microcontroller for monitor OSD and auto-sync applications
1996 Jan 08
logo
List of Unclassifed Man...
NT68P62-01 ETC-NT68P62-01 Datasheet
528Kb / 56P
   8-Bit Microcontroller for Monitor (32K OTP ROM Type)
NT68F62 ETC1-NT68F62 Datasheet
509Kb / 57P
   8-Bit Microcontroller for Monitor (32K Flash MTP Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com