Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV8509PDW18R2 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCV8509PDW18R2
Description  Sequenced Linear Dual-Voltage Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8509PDW18R2 Datasheet(HTML) 2 Page - ON Semiconductor

  NCV8509PDW18R2 Datasheet HTML 1Page - ON Semiconductor NCV8509PDW18R2 Datasheet HTML 2Page - ON Semiconductor NCV8509PDW18R2 Datasheet HTML 3Page - ON Semiconductor NCV8509PDW18R2 Datasheet HTML 4Page - ON Semiconductor NCV8509PDW18R2 Datasheet HTML 5Page - ON Semiconductor NCV8509PDW18R2 Datasheet HTML 6Page - ON Semiconductor NCV8509PDW18R2 Datasheet HTML 7Page - ON Semiconductor NCV8509PDW18R2 Datasheet HTML 8Page - ON Semiconductor NCV8509PDW18R2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
NCV8509 Series
http://onsemi.com
2
MAXIMUM RATINGS*
Rating
Value
Unit
VIN1 (dc)
−0.3 to 50
V
VIN1 Peak Transient Voltage
50
V
VIN2 (dc)
50
V
VIN2 (Current out of pin)
10
mA
Operating Voltage
50
V
Input Voltage Range (SLEW, RESET, Delay)
−0.3 to 10
V
VOUT1
10
V
VOUT2
10
V
ElectrosElectrostatic Discharge (Human Body Model)
(Machine Model)
4.0
400
kV
V
Package Thermal Resistance, SOW−16 E Pad:
Junction−to−Case, RθJC
Junction−to−Ambient, RθJA
16
57
°C/W
°C/W
Lead Temperature Soldering:
Reflow: (SMD styles only) (Note 1)
240 peak (Note 2)
°C
*The maximum package power dissipation must be observed.
1. 60 second maximum above 183
°C.
2. −5
°C/+0°C allowable conditions.
ELECTRICAL CHARACTERISTICS (6.0 V < VIN1 < 18 V, IVOUT1 = 5.0 mA, IVOUT2 = 5.0 mA, −40°C < TJ < 125°C,
CVOUT1 = CVOUT2 = 10 mF; unless otherwise noted.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
VOUT1
Output Voltage
5 V Option
3.3 V Option
1.0 mA < IVOUT1 < 100 mA
1.0 mA < IVOUT1 < 100 mA
4.9
3.234
5.0
3.3
5.1
3.366
V
V
Dropout Voltage (VIN1 − VOUT1)
IOUT = 100 mA
IOUT = 100 µA
400
100
600
200
mV
mV
Load Regulation
1.0 mA < IVOUT1 < 100 mA
10
50
mV
Line Regulation
6.0 V < VIN1 < 18 V
10
50
mV
Current Limit
VOUT1 = VOUT1 (typ) − 500 mV
VOUT1 = 0 V
115
305
105
610
300
mA
mA
VOUT2
Output Voltage
2.6 V Option
2.5 V Option
1.8 V Option
1.0 mA < IVOUT2 < 100 mA
1.0 mA < IVOUT2 < 100 mA
1.0 mA < IVOUT2 < 100 mA
2.548
2.450
1.764
2.6
2.5
1.8
2.652
2.550
1.836
V
V
V
Load Regulation
1.0 mA < IVOUT2 < 100 mA
5.0
50
mV
Line Regulation
6.0 V < VIN1 = VIN2 < 18 V
10
50
mV
Current Limit
VOUT2 = VOUT2 (typ) − 500 mV
VOUT2 = 0 V
105
305
105
610
300
mA
mA
General
Quiescent Current
IOUT1 = IOUT2 = 100 µA, VIN1 = 12 V
IOUT1 = IOUT2 = 50 mA, VIN1 = 14 V
75
5.0
175
10
µA
mA
Thermal Shutdown (Note 3)
(Guaranteed by Design)
150
180
210
°C
3. Both outputs will turn off.


Similar Part No. - NCV8509PDW18R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8509PDW18R2 ONSEMI-NCV8509PDW18R2 Datasheet
189Kb / 19P
   Sequenced Linear Dual?뭋oltage Regulator
February, 2006 ??Rev. 22
NCV8509PDW18R2G ONSEMI-NCV8509PDW18R2G Datasheet
189Kb / 19P
   Sequenced Linear Dual?뭋oltage Regulator
February, 2006 ??Rev. 22
NCV8509PDW18R2G ONSEMI-NCV8509PDW18R2G Datasheet
232Kb / 18P
   Sequenced Linear Dual-Voltage Regulator
October, 2008 ??Rev. 25
More results

Similar Description - NCV8509PDW18R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8509 ONSEMI-NCV8509_08 Datasheet
232Kb / 18P
   Sequenced Linear Dual-Voltage Regulator
October, 2008 ??Rev. 25
NCV8509 ONSEMI-NCV8509_06 Datasheet
189Kb / 19P
   Sequenced Linear Dual?뭋oltage Regulator
February, 2006 ??Rev. 22
logo
HTC Korea TAEJIN Techno...
TJ5631 HTC-TJ5631 Datasheet
187Kb / 8P
   Dual Channel Fixed Voltage Linear Regulator
logo
ON Semiconductor
NCV7683 ONSEMI-NCV7683 Datasheet
270Kb / 23P
   Enhanced 100 mA Linear Current Regulator and Controller for Automotive Sequenced LED Lighting
February, 2018 ??Rev. 3
logo
Solid States Devices, I...
LA0001C SSDI-LA0001C_15 Datasheet
204Kb / 3P
   Linear Voltage Regulator
logo
Silicon Supplies
7805AC SS-7805AC Datasheet
711Kb / 5P
   Linear Voltage Regulator
logo
Solid States Devices, I...
LA0001C SSDI-LA0001C Datasheet
204Kb / 3P
   Linear Voltage Regulator
logo
Silicon Supplies
7809 SS-7809 Datasheet
481Kb / 5P
   Linear Voltage Regulator
7812AC SS-7812AC Datasheet
442Kb / 5P
   Linear Voltage Regulator
SIS1084L-ADJ SS-SIS1084L-ADJ Datasheet
299Kb / 4P
   Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com