Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTQD6968 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTQD6968
Description  Power MOSFET 6.6 Amps, 20 Volts
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTQD6968 Datasheet(HTML) 3 Page - ON Semiconductor

  NTQD6968 Datasheet HTML 1Page - ON Semiconductor NTQD6968 Datasheet HTML 2Page - ON Semiconductor NTQD6968 Datasheet HTML 3Page - ON Semiconductor NTQD6968 Datasheet HTML 4Page - ON Semiconductor NTQD6968 Datasheet HTML 5Page - ON Semiconductor NTQD6968 Datasheet HTML 6Page - ON Semiconductor NTQD6968 Datasheet HTML 7Page - ON Semiconductor NTQD6968 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NTQD6968
http://onsemi.com
3
14
12
10
18
8
6
4
2
0
16
0.04
0.03
0.02
0.01
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
VGS, GATE–TO–SOURCE VOLTAGE (VOLTS)
VGS, GATE–TO–SOURCE VOLTAGE (VOLTS)
ID, DRAIN CURRENT (AMPS)
TJ, JUNCTION TEMPERATURE (°C)
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
2
1.5
1
0
100
1
1000
10000
0
12
0.6
10
0.4
0.2
8
Figure 1. On–Region Characteristics
Figure 2. Transfer Characteristics
0
0.03
2
0.02
0.01
48
Figure 3. On–Resistance versus
Gate–to–Source Voltage
Figure 4. On–Resistance versus Drain Current
and Gate Voltage
Figure 5. On–Resistance Variation with
Temperature
Figure 6. Drain–to–Source Leakage Current
versus Voltage
16
–50
50
25
0
–25
75
125
100
0.75
2.5
1
412
816
20
6
4
2
0
2
62
8
6
410
14
12
150
14
0.8
1
1.5
2
3 V
VDS ≥ 10 V
TJ = 25°C
TJ = 100°C
ID = 6.5 A
TJ = 25°C
VGS = 2.5 V
VGS = 0 V
TJ = 150°C
TJ = 100°C
ID = 3.3 A
VGS = 4.5 V
VGS = 10 V
2.2 V
2 V
1.6 V
1.4 V
1.2 V
1.8 V
VGS = 4.5 V
5 V
1.2
1.4
1.6
1.8
TJ = 25°C
TJ = 25°C
1.25
1.75
2.25
0.015
0.025
0.035
0.5
10
TJ = –55°C


Similar Part No. - NTQD6968

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTQD6968N ONSEMI-NTQD6968N Datasheet
85Kb / 8P
   Power MOSFET 7.0 A, 20 V, Common Drain, Dual N?묬hannel, TSSOP??
December, 2003 ??Rev. 1
NTQD6968NR2 ONSEMI-NTQD6968NR2 Datasheet
85Kb / 8P
   Power MOSFET 7.0 A, 20 V, Common Drain, Dual N?묬hannel, TSSOP??
December, 2003 ??Rev. 1
More results

Similar Description - NTQD6968

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTF6P02 ONSEMI-NTF6P02 Datasheet
112Kb / 6P
   Power MOSFET -10 Amps, -20 Volts
August, 2013 ??Rev. 6
NTMD2C02R2 ONSEMI-NTMD2C02R2 Datasheet
117Kb / 16P
   Power MOSFET 2 Amps, 20 Volts
September, 2002 ??Rev. 0
NVMFS5C628NL ONSEMI-NVMFS5C628NL Datasheet
93Kb / 6P
   Power MOSFET 4 Amps, 20 Volts
October, 2015 ??Rev. 0
NTTD1P02R2 ONSEMI-NTTD1P02R2 Datasheet
75Kb / 6P
   Power MOSFET -1.45 Amps, -20 Volts
December, 2003 ??Rev. 1
NTQD6866R2 ONSEMI-NTQD6866R2 Datasheet
71Kb / 12P
   Power MOSFET 6.9 Amps, 20 Volts
September, 2001 ??Rev. 1
NTMS5P02R2 ONSEMI-NTMS5P02R2_06 Datasheet
122Kb / 7P
   Power MOSFET -5.4 Amps, -20 Volts
March, 2006 ??Rev. 2
NTR3A052PZ ONSEMI-NTR3A052PZ Datasheet
61Kb / 3P
   Power MOSFET 4 Amps, 20 Volts
December, 2015 ??Rev. P0
NVMFS5C612NL ONSEMI-NVMFS5C612NL Datasheet
83Kb / 6P
   Power MOSFET 4 Amps, 20 Volts
February, 2015 ??Rev. 1
NTHD5905T1 ONSEMI-NTHD5905T1 Datasheet
204Kb / 8P
   Power MOSFET 4 Amps, 20 Volts
February, 2005 ??Rev. XXX
MGSF2P02HD ONSEMI-MGSF2P02HD Datasheet
106Kb / 8P
   Power MOSFET 2 Amps, 20 Volts
April, 2004 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com