Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE5675 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE5675
Description  TRIAC - 15 Amp
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE5675 Datasheet(HTML) 1 Page - NTE Electronics

  NTE5675 Datasheet HTML 1Page - NTE Electronics NTE5675 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE5673 thru NTE5677
TRIAC – 15 Amp
Description:
The NTE5673 through NTE5677 series of meduim power TRIACs are bidirectional triode thyristors
which may be switched from off–state to conduction for either polarity od applied voltage with positive
or negative gate triggering. These devices are designed for control of AC loads in applications such
as lighting, heating, and motor speed control as well as static switching relays.
Absolute Maximum Ratings:
Repetitive Peak Off–State Voltage and peak Reverse Voltage (TJ = +100°C), VDRM, VRRM
NTE5673
200V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NTE5675
400V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NTE5676
500V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NTE5677
600V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
On–State Current RMS (TC = +75°C, 360° Conduction), IT(RMS)
15A
. . . . . . . . . . . . . . . . . . . . . . . . . .
Peak Surge (Non–Repetitive) On–State Current (One Full Cycle, 50 or 60Hz), ITSM
150A
. . . . . . . .
Peak Gate–Power Dissipation (IGT ≤ IGTM for 3µs Max), PGM
20W
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Average Gate–Power Dissipation, PG(AV)
0.5W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak Gate–Trigger Current (3
µs Max), IGTM
2A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature Range (TJ), Topr
–40
° to +100°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–40
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Case, RthJC
1.8
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TC = +25°C unless otherwise specified)
Parameter
Symbol
Min
Typ
Max
Unit
Peak Off–State Current
(Ir = 100A Peak)
IDROM
2
mA
Maximum On–State Voltage
(Ir = 100A Peak)
VT
2.2
V
DC Gate Trigger Current
(Main Terminal Voltage = 24V, RL = 12Ω)
MT2 (+), G (+); MT2 (–), G (–) Quads I – III
MT2 (+), G (–); MT2 (–), G (+) Quads II – IV
IGT
50
80
mA
DC Gate Trigger Voltage
(Main Terminal Voltage = 24V, RL = 12Ω)
VGT
2.5
V
DC Holding Current
(Gate Open)
IH
60
mA
Gate Controlled Turn–On Time
(VD = VDROM, IT = 10A Peak, IGT = 300mA, tr = 0.1µs)
tgt
3.0
µs
Critical Rate–of–Rise of Off–State Voltage
(VD = VDROM, TC = +100°C, Gate Open)
Critical
dv/dt
40
V/
µs
Critical Rate–of–Rise of Commutation
(VD = VDROM, If = IT(RMS), TC = +100°C, Gate Open)
Commutating
dv/dt
5
V/
µs


Similar Part No. - NTE5675

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5671 NTE-NTE5671 Datasheet
23Kb / 3P
   TRIAC 800VRM, 20A TO220 (Isolated)
NTE5679 NTE-NTE5679 Datasheet
18Kb / 2P
   TRIAC - 600V, 40A
More results

Similar Description - NTE5675

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE56004 NTE-NTE56004 Datasheet
20Kb / 2P
   TRIAC, 15 Amp
NTE56015 NTE-NTE56015 Datasheet
19Kb / 2P
   TRIAC, 25 Amp
NTE56028 NTE-NTE56028 Datasheet
24Kb / 2P
   TRIAC, 40 Amp
NTE5608 NTE-NTE5608 Datasheet
19Kb / 2P
   TRIAC 8 Amp
logo
Central Semiconductor C...
CQ220-12B CENTRAL-CQ220-12B Datasheet
79Kb / 2P
   12 AMP TRIAC
logo
NTE Electronics
NTE5600 NTE-NTE5600 Datasheet
20Kb / 2P
   TRIAC, 4 Amp
NTE5631 NTE-NTE5631 Datasheet
20Kb / 2P
   TRIAC - 10 Amp
NTE5661 NTE-NTE5661 Datasheet
20Kb / 2P
   TRIAC, 10 Amp
NTE56019 NTE-NTE56019 Datasheet
21Kb / 2P
   TRIAC, 25 Amp
NTE5693 NTE-NTE5693 Datasheet
22Kb / 2P
   TRIAC, 40 Amp
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com