Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF2NK60Z Datasheet(PDF) 6 Page - STMicroelectronics

Part # STF2NK60Z
Description  Zener-Protected SuperMESH MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF2NK60Z Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STF2NK60Z Datasheet HTML 2Page - STMicroelectronics STF2NK60Z Datasheet HTML 3Page - STMicroelectronics STF2NK60Z Datasheet HTML 4Page - STMicroelectronics STF2NK60Z Datasheet HTML 5Page - STMicroelectronics STF2NK60Z Datasheet HTML 6Page - STMicroelectronics STF2NK60Z Datasheet HTML 7Page - STMicroelectronics STF2NK60Z Datasheet HTML 8Page - STMicroelectronics STF2NK60Z Datasheet HTML 9Page - STMicroelectronics STF2NK60Z Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
STQ2NK60ZR-AP - STP2NK60Z - STF2NK60Z - STD2NK60Z-1
6/16
Figure 15: Static Drain-source On Resistance
Figure 16: Capacitance Variations
Figure 17: Normalized Gate Thereshold Volt-
age vs Temperature
Figure 18: Source-Drain Forward Characteris-
tics
Figure 19: Maximum Avalanche Energy vs
Temperature
Figure 20: Normalized On Resistance vs Tem-
perature


Similar Part No. - STF2NK60Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF2N62K3 STMICROELECTRONICS-STF2N62K3 Datasheet
1Mb / 25P
   N-channel 620 V, 3 ohm, 2.2 A SuperMESH3 Power MOSFET
STF2N80K5 STMICROELECTRONICS-STF2N80K5 Datasheet
1Mb / 23P
   N-channel 800 V, 3.5 廓 typ., 2 A Zener-protected SuperMESH??5 Power MOSFET in DPAK, TO-220FP, TO-220 and IPAK packages
February 2014 Rev 2
logo
VBsemi Electronics Co.,...
STF2N80K5 VBSEMI-STF2N80K5 Datasheet
2Mb / 9P
   Power MOSFET
logo
STMicroelectronics
STF2N95K5 STMICROELECTRONICS-STF2N95K5 Datasheet
1Mb / 23P
   N-channel 950 V, 4.2 廓 typ., 2 A Zener-protected SuperMESH??5 Power MOSFETs in DPAK, TO-220FP, TO-220 and IPAK packages
September 2013 Rev 1
More results

Similar Description - STF2NK60Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP6NK90Z STMICROELECTRONICS-STP6NK90Z Datasheet
483Kb / 12P
   N-channel 900V - 1.56 - 5.8A Zener-protected SuperMESH Power MOSFET
March 2003
STY30NK90Z STMICROELECTRONICS-STY30NK90Z Datasheet
252Kb / 14P
   N-CHANNEL 900V - 0.21ohm - 26A Max247 Zener-Protected SuperMESH MOSFET
STE30NK90Z STMICROELECTRONICS-STE30NK90Z Datasheet
228Kb / 10P
   N-CHANNEL 900V - 0.21??- 28A ISOTOP Zener-Protected SuperMESH??MOSFET
STW15NK90Z STMICROELECTRONICS-STW15NK90Z Datasheet
208Kb / 9P
   N-CHANNEL 900V-0.40ohm-15A TO-247 Zener-Protected SuperMESH MOSFET
STL6NK55Z STMICROELECTRONICS-STL6NK55Z Datasheet
215Kb / 8P
   N-CHANNEL 550V - 1.2ohm- 5.2A PowerFLAT??Zener-Protected SuperMESH?줡ower MOSFET
STB12NK80Z-S STMICROELECTRONICS-STB12NK80Z-S Datasheet
212Kb / 9P
   N-CHANNEL 800V - 0.65ohm - 10.5A I2SPAK Zener-Protected SuperMESH Power MOSFET
STW18NK60Z STMICROELECTRONICS-STW18NK60Z Datasheet
206Kb / 9P
   N-CHANNEL 600V - 0.27??- 16A TO-247 Zener-Protected SuperMESH??MOSFET
STL9NK30Z STMICROELECTRONICS-STL9NK30Z Datasheet
225Kb / 8P
   N-CHANNEL 300V - 0.36ohm - 9A PowerFLAT??Zener-Protected SuperMESH?줡ower MOSFET
STW54NK30Z STMICROELECTRONICS-STW54NK30Z Datasheet
267Kb / 10P
   N-CHANNEL 300V - 0.052??- 54A TO-247 Zener-Protected SuperMESH??MOSFET
STL5NK65Z STMICROELECTRONICS-STL5NK65Z Datasheet
119Kb / 6P
   N-CHANNEL 650V - 1.5ohm - 4.2A PowerFLAT??Zener-Protected SuperMESH?줡ower MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com