Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM1001 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STM1001
Description  Reset Circuit
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1001 Datasheet(HTML) 4 Page - STMicroelectronics

  STM1001 Datasheet HTML 1Page - STMicroelectronics STM1001 Datasheet HTML 2Page - STMicroelectronics STM1001 Datasheet HTML 3Page - STMicroelectronics STM1001 Datasheet HTML 4Page - STMicroelectronics STM1001 Datasheet HTML 5Page - STMicroelectronics STM1001 Datasheet HTML 6Page - STMicroelectronics STM1001 Datasheet HTML 7Page - STMicroelectronics STM1001 Datasheet HTML 8Page - STMicroelectronics STM1001 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
STM1001
4/13
OPERATION
Reset Output
The
STM1001
MICROPROCESSOR
RESET
CIRCUIT asserts a reset signal to the MCU when-
ever VCC goes below the reset threshold (VRST).
RST is guaranteed valid down to VCC =1V (0° to
70°C).
During power-up, once VCC exceeds the reset
threshold an internal timer keeps RST low for the
reset time-out period, trec. After this interval, RST
returns high.
If VCC drops below the reset threshold, RST goes
low. Each time RST is asserted, it stays low for at
least the reset time-out period. Any time VCC goes
below the reset threshold, the internal timer clears.
The reset timer starts when VCC returns above the
reset threshold. The active-low reset (RST) is an
open drain output.
Negative-Going VCC Transients
The STM1001 is relatively immune to negative-go-
ing VCC transients (glitches). Figure 11., page 7
shows typical transient duration versus reset com-
parator overdrive (for which the STM1001 will
NOT generate a reset pulse). The graph was gen-
erated using a negative pulse applied to VCC,
starting at 0.5V above the actual reset threshold
and ending below it by the magnitude indicated
(comparator overdrive). The graph indicates the
maximum pulse width a negative VCC transient
can have without causing a reset pulse. As the
magnitude of the transient increases (further be-
low the threshold), the maximum allowable pulse
width decreases. Any combination of duration and
overdrive which lies under the curve will NOT gen-
erate a reset signal. Typically, a VCC transient that
goes 100mV below the reset threshold and lasts
20µs or less will not cause a reset pulse. A 0.1µF
bypass capacitor mounted as close as possible to
the VCC pin provides additional transient immunity.
Valid /RST Output Down to VCC = 0V
When VCC falls below 1V, the RST output no long-
er sinks current, but becomes an open circuit. In
most systems this is not a problem, as most MCUs
do not operate below 1V. However, in applications
where RST output must be valid down to 0V, a
pull-down resistor may be added to hold the RST
output low. This resistor must be large enough to
not load the RST output, and still be small enough
to pull the output to ground. A 100K
Ω resistor is
recommended.


Similar Part No. - STM1001

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM1001 STMICROELECTRONICS-STM1001 Datasheet
243Kb / 14P
   Reset Circuit
STM1001L STMICROELECTRONICS-STM1001L Datasheet
243Kb / 14P
   Reset Circuit
STM1001LWX6F STMICROELECTRONICS-STM1001LWX6F Datasheet
243Kb / 14P
   Reset Circuit
STM1001M STMICROELECTRONICS-STM1001M Datasheet
243Kb / 14P
   Reset Circuit
STM1001MWX6F STMICROELECTRONICS-STM1001MWX6F Datasheet
243Kb / 14P
   Reset Circuit
More results

Similar Description - STM1001

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM809 STMICROELECTRONICS-STM809 Datasheet
255Kb / 18P
   Reset Circuit
STM809 STMICROELECTRONICS-STM809_10 Datasheet
424Kb / 21P
   Reset circuit
STM1001 STMICROELECTRONICS-STM1001_05 Datasheet
243Kb / 14P
   Reset Circuit
logo
EM Microelectronic - MA...
EM6325 EMMICRO-EM6325 Datasheet
230Kb / 8P
   Reset Circuit with Manual Reset
logo
Taiwan Semiconductor Co...
TS3809-10 TSC-TS3809-10_11 Datasheet
212Kb / 7P
   Microprocessor Reset Circuit
TS3809-10 TSC-TS3809-10 Datasheet
212Kb / 7P
   Microprocessor Reset Circuit
logo
Microchip Technology
MIC8115 MICROCHIP-MIC8115 Datasheet
761Kb / 14P
   Microprocessor Reset Circuit
09/14/21
logo
Taiwan Semiconductor Co...
TS3809 TSC-TS3809 Datasheet
259Kb / 7P
   Microprocessor Reset Circuit
logo
Micrel Semiconductor
MIC1815 MICREL-MIC1815_05 Datasheet
237Kb / 6P
   Microprocessor Reset Circuit
logo
Taiwan Semiconductor Co...
TS803R TSC-TS803R Datasheet
135Kb / 5P
   Microprocessor Reset Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com