Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA6509ATT Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA6509ATT
Description  3-band mixer/oscillator and PLL for terrestrial tuners
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6509ATT Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA6509ATT Datasheet HTML 7Page - NXP Semiconductors TDA6509ATT Datasheet HTML 8Page - NXP Semiconductors TDA6509ATT Datasheet HTML 9Page - NXP Semiconductors TDA6509ATT Datasheet HTML 10Page - NXP Semiconductors TDA6509ATT Datasheet HTML 11Page - NXP Semiconductors TDA6509ATT Datasheet HTML 12Page - NXP Semiconductors TDA6509ATT Datasheet HTML 13Page - NXP Semiconductors TDA6509ATT Datasheet HTML 14Page - NXP Semiconductors TDA6509ATT Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
2005 Mar 25
11
Philips Semiconductors
Product specification
3-band mixer/oscillator and PLL for
terrestrial tuners
TDA6508; TDA6508A;
TDA6509; TDA6509A
Table 6
Read data format
Note
1. MSB is transmitted first.
Table 7
Description of the bits used in Table 6
Table 8
Digital outputs for analog to digital converter (note 1)
Note
1. Accuracy is
±0.03 × VCC.
8.4
Power-on reset
The threshold level for the power-on reset supply voltage VPOR is set to 3.2 V at room temperature. Below this threshold,
the device is reset to the power-on state.
The following actions take place In the power-on state:
• The charge-pump current is set to 100 µA
• Test bits T2, T1 and T0 are set to logic 001; the charge-pump can either sink or source current
• The Weak signal booster is disabled
• All ports are off and the HIGH band is selected by default.
NAME
BYTE
BIT
MSB(1)
LSB
Address byte
ADB
1
1
0
0
0
MA1
MA0
R/W=1
Status byte
SB
POR
FL
1
1
1
A2
A1
A0
BIT
DESCRIPTION
MA1 and MA0
programmable address bits; see Table 3
R/W
read/write mode selection; 1 = read mode
POR
Power-on reset flag:
0: after end of the first read sequence
1: at Power-on
FL
in-lock flag:
0: loop is not locked
1: loop is locked
A2, A1 and A0
digital outputs of the 5-level ADC; see Table 8
A2
A1
A0
VOLTAGE APPLIED TO PIN ADC
0000 VCC to 0.15 VCC
0
0
1
0.15 VCC to 0.3 VCC
0
1
0
0.3 VCC to 0.45 VCC
0
1
1
0.45 VCC to 0.6 VCC
1
0
0
0.6 VCC to 1 VCC


Similar Part No. - TDA6509ATT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA6500 PHILIPS-TDA6500 Datasheet
223Kb / 37P
   5 V mixer/oscillator and synthesizer for PAL and NTSC standards
Rev. 02-14 June 2005
TDA6500TT PHILIPS-TDA6500TT Datasheet
205Kb / 40P
   5 V mixer/oscillator and synthesizer for PAL and NTSC standards
2003 Jun 05
TDA6500TT PHILIPS-TDA6500TT Datasheet
223Kb / 37P
   5 V mixer/oscillator and synthesizer for PAL and NTSC standards
Rev. 02-14 June 2005
TDA6501 PHILIPS-TDA6501 Datasheet
223Kb / 37P
   5 V mixer/oscillator and synthesizer for PAL and NTSC standards
Rev. 02-14 June 2005
TDA6501TT PHILIPS-TDA6501TT Datasheet
205Kb / 40P
   5 V mixer/oscillator and synthesizer for PAL and NTSC standards
2003 Jun 05
More results

Similar Description - TDA6509ATT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5330T PHILIPS-TDA5330T Datasheet
154Kb / 16P
   VHF, UHF and Hyperband mixer/oscillator for TV and VCR 3-band tuners
January 1988
TDA6404 PHILIPS-TDA6404 Datasheet
221Kb / 32P
   5 V mixer/oscillator-PLL synthesizers for hyperband tuners
1999 Jan 13
TDA5636B PHILIPS-TDA5636B Datasheet
225Kb / 28P
   9 V VHF hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Dec 02
TDA5630 PHILIPS-TDA5630 Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
TDA5731M PHILIPS-TDA5731M Datasheet
126Kb / 17P
   Low power VHF, UHF and hyperband mixer/oscillator for TV and VCR 3-band tuners
1995 Mar 21
TDA5332T PHILIPS-TDA5332T Datasheet
84Kb / 12P
   Double mixer/oscillator for TV and VCR tuners
March 1989
TDA5732M PHILIPS-TDA5732M Datasheet
108Kb / 18P
   Low power VHF, UHF mixer/oscillator for TV and VCR 2-band tuners
1995 Mar 22
TDA6650TT NXP-TDA6650TT Datasheet
346Kb / 54P
   5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
Rev. 05-10 January 2007
TDA6650TT PHILIPS-TDA6650TT Datasheet
377Kb / 55P
   5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
2004 Mar 22
TDA6650ATT NXP-TDA6650ATT Datasheet
336Kb / 54P
   5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
Rev. 02-2 February 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com