Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE5705 Datasheet(PDF) 4 Page - NTE Electronics

Part # NTE5705
Description  Industrial Power Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE5705 Datasheet(HTML) 4 Page - NTE Electronics

  NTE5705 Datasheet HTML 1Page - NTE Electronics NTE5705 Datasheet HTML 2Page - NTE Electronics NTE5705 Datasheet HTML 3Page - NTE Electronics NTE5705 Datasheet HTML 4Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Pin Connection and Schematic Diagrams (Cont’d):
NTE No.
Description
Terminal Positions
Schematic Diagrams
5703
SCRACSwitch
5704
Hybrid Doubler
5705
SCR Doubler
* For transient protection, a Metal Oxide Varistor (MOV) may be connected externally across terminals AC1 & AC2.
1.910 (48.5)
.200
(5.08)
1.250
(31.75)
2.500 (63.5)
.980
(24.89)
Max
.600 (15.24)
Max
.500 (12.7)
NOTE: Can be used with Heat Sink NTE441A
AC1
G2
G1
AC2
*
G2
G1
AC1
AC2
AC1
G1
(--)
(+)
G1
AC1
(--)
(+)
AC
G1
G2
(--)
(+)
G2
AC1
(--)
(+)
G1


Similar Part No. - NTE5705

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE570 NTE-NTE570 Datasheet
14Kb / 1P
   Silicon Controlled Avalanche Diode
NTE5708 NTE-NTE5708 Datasheet
24Kb / 2P
   Powerblock Modules
More results

Similar Description - NTE5705

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
LD85F6S-A SENSORTECHNICS-LD85F6S-A Datasheet
1Mb / 6P
   Industrial Optical Module
LD78F6S-A SENSORTECHNICS-LD78F6S-A Datasheet
569Kb / 4P
   Industrial optical module
logo
Bel Fuse Inc.
0804-5000-25 BEL-0804-5000-25 Datasheet
719Kb / 11P
   Industrial Powerline Module
0804-5000-23 BEL-0804-5000-23 Datasheet
200Kb / 14P
   Industrial Powerline Module
logo
Sensortechnics GmbH
LD85D6S-A SENSORTECHNICS-LD85D6S-A Datasheet
1Mb / 6P
   Industrial Optical Module
logo
Minmax Technology Co., ...
AYM-60 MINMAX-AYM-60_16 Datasheet
565Kb / 5P
   AC/DC Power Module 60W, Industrial & Medical Safety
logo
Apacer Technology Inc.
SV250-7LP2 APACER-SV250-7LP2 Datasheet
1Mb / 4P
   industrial SSD module, LDPC, Multi-Power Path technology
logo
Minmax Technology Co., ...
APM-40 MINMAX-APM-40_16 Datasheet
412Kb / 5P
   AC/DC Power Module 40W, Industrial & Medical Safety
logo
Delta Electronics, Inc.
AB24S DELTA-AB24S Datasheet
375Kb / 5P
   AC/DC Power Module 24W, Industrial & Medical Safety
AB40S DELTA-AB40S Datasheet
328Kb / 5P
   AC/DC Power Module 40W, Industrial & Medical Safety
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com