Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W83637HF Datasheet(PDF) 8 Page - Winbond

Part # W83637HF
Description  LPC I/O
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83637HF Datasheet(HTML) 8 Page - Winbond

Back Button W83637HF Datasheet HTML 4Page - Winbond W83637HF Datasheet HTML 5Page - Winbond W83637HF Datasheet HTML 6Page - Winbond W83637HF Datasheet HTML 7Page - Winbond W83637HF Datasheet HTML 8Page - Winbond W83637HF Datasheet HTML 9Page - Winbond W83637HF Datasheet HTML 10Page - Winbond W83637HF Datasheet HTML 11Page - Winbond W83637HF Datasheet HTML 12Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 149 page
background image
W83637HF
Publication Release Date: June 25, 2003
- 3 -
Revision 1.3
2. FEATURES
General
Meet LPC Spec. 1.01
Support LDRQ#(LPC DMA), SERIRQ (serial IRQ)
Compliant with Microsoft PC2000/PC2001 Hardware Design Guide
Support DPM (Device Power Management), ACPI
Programmable configuration settings
Single 24 or 48 MHz clock input
FDC
Compatible with IBM PC AT disk drive systems
Variable write pre-compensation with track selectable capability
Support vertical recording format
DMA enable logic
16-byte data FIFOs
Support floppy disk drives and tape drives
Detects all overrun and underrun conditions
Built-in address mark detection circuit to simplify the read electronics
FDD anti-virus functions with software write protect and FDD write enable signal (write data
signal was forced to be inactive)
Support up to four 3.5-inch or 5.25-inch floppy disk drives
Completely compatible with industry standard 82077
360K/720K/1.2M/1.44M/2.88M format; 250K, 300K, 500K, 1M, 2M bps data transfer rate
Support 3-mode FDD, and its Win95/98 driver
UART
Two high-speed 16550 compatible UARTs with 16-byte send/receive FIFOs
MIDI compatible
Fully programmable serial-interface characteristics:
--- 5, 6, 7 or 8-bit characters
--- Even, odd or no parity bit generation/detection
--- 1, 1.5 or 2 stop bits generation
Internal diagnostic capabilities:
--- Loop-back controls for communications link fault isolation
--- Break, parity, overrun, framing error simulation
Programmable baud generator allows division of 1.8461 MHz and 24 MHz by 1 to (216-1)
Maximum baud rate up to 921k bps for 14.769 MHz and 1.5M bps for 24 MHz


Similar Part No. - W83637HF

ManufacturerPart #DatasheetDescription
logo
Winbond
W83637HF WINBOND-W83637HF Datasheet
1Mb / 151P
   LPC I/O
W83637HF-AW WINBOND-W83637HF-AW Datasheet
1Mb / 151P
   LPC I/O
W83637HF WINBOND-W83637HF_06 Datasheet
1Mb / 151P
   LPC I/O
More results

Similar Description - W83637HF

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
W83627UHG NUVOTON-W83627UHG Datasheet
1Mb / 250P
   LPC I/O
logo
Winbond
W83697HF WINBOND-W83697HF_05 Datasheet
789Kb / 102P
   LPC I/O
logo
Nuvoton Technology Corp...
NCT5577D NUVOTON-NCT5577D Datasheet
3Mb / 327P
   LPC I/O
W83527HG NUVOTON-W83527HG Datasheet
1Mb / 170P
   LPC I/O
logo
Winbond
W83697UF WINBOND-W83697UF Datasheet
503Kb / 67P
   LPC I/O
logo
Nuvoton Technology Corp...
NCT6102D NUVOTON-NCT6102D Datasheet
12Mb / 455P
   LPC I/O
NCT6776F NUVOTON-NCT6776F Datasheet
4Mb / 449P
   LPC I/O
logo
Winbond
W83637HF WINBOND-W83637HF_06 Datasheet
1Mb / 151P
   LPC I/O
W83627EHF_0611 WINBOND-W83627EHF_0611 Datasheet
1Mb / 144P
   WINBOND LPC I/O
logo
Nuvoton Technology Corp...
W83627UHG NUVOTON-W83627UHG_10 Datasheet
1Mb / 251P
   NUVOTON LPC I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com