Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U62H64SK35G1 Datasheet(PDF) 3 Page - Zentrum Mikroelektronik Dresden AG

Part # U62H64SK35G1
Description  AUTOMOTIVE FAST 8K X 8 SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

U62H64SK35G1 Datasheet(HTML) 3 Page - Zentrum Mikroelektronik Dresden AG

  U62H64SK35G1 Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG U62H64SK35G1 Datasheet HTML 2Page - Zentrum Mikroelektronik Dresden AG U62H64SK35G1 Datasheet HTML 3Page - Zentrum Mikroelektronik Dresden AG U62H64SK35G1 Datasheet HTML 4Page - Zentrum Mikroelektronik Dresden AG U62H64SK35G1 Datasheet HTML 5Page - Zentrum Mikroelektronik Dresden AG U62H64SK35G1 Datasheet HTML 6Page - Zentrum Mikroelektronik Dresden AG U62H64SK35G1 Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG U62H64SK35G1 Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG U62H64SK35G1 Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
April 20, 2004
3
U62H64
a Stresses greater than those listed under „Absolute Maximum Ratings“ may cause permanent damage to the device. This is a stress rating
only, and functional operation of the device at condition above those indicated in the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect reliability
b Maximum voltage is 7 V
c Not more than 1 output should be shorted at the same time. Duration of the short circuit should not exceed 30 s.
Absolute Maximum Ratings a
Symbol
Min.
Max.
Unit
Power Supply Voltage
VCC
-0.3
7
V
Input Voltage
VI
-0.3
VCC + 0.5 b
V
Output Voltage
VO
-0.3
VCC + 0.5 b
V
Operating Temperature
K-Type
A-Type
Ta
-40
-40
85
125
°C
°C
Storage Temperature
Tstg
-65
150
°C
Output Short-Circuit Current
at VCC = 5 V and VO = 0 V c
|IOS|200
mA
Characteristics
All voltages are referenced to VSS = 0 V (ground).
All characteristics are valid in the power supply voltage range and in the operating temperature range specified.
Dynamic measurements are based on a rise and fall time of
≤ 5 ns, measured between 10 % and 90 % of V
I,as well as
input levels of VIL = 0 V and VIH = 3 V. The timing reference level of all input and output signals is 1.5 V,
with the exception of the tdis-times and ten-times, in which cases transition is measured ± 200 mV from steady-state voltage.
d -2 V at Pulse Width 10 ns or -1 V at Pulse Width 50 ns
Recommended
Operating Conditions
Symbol
Conditions
Min.
Max.
Unit
Power Supply Voltage
VCC
4.5
5.5
V
Data Retention Voltage
VCC(DR)
2.0
-
V
Input Low Voltage d
VIL
-0.3
0.8
V
Input High Voltage
VIH
2.2
VCC + 0.3
V


Similar Part No. - U62H64SK35G1

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
U62H256A ZMD-U62H256A Datasheet
162Kb / 10P
   AUTOMOTIVE FAST 32K X 8 SRAM
U62H256AS2A35 ZMD-U62H256AS2A35 Datasheet
162Kb / 10P
   AUTOMOTIVE FAST 32K X 8 SRAM
U62H256AS2A35G1 ZMD-U62H256AS2A35G1 Datasheet
162Kb / 10P
   AUTOMOTIVE FAST 32K X 8 SRAM
U62H256AS2A35LL ZMD-U62H256AS2A35LL Datasheet
162Kb / 10P
   AUTOMOTIVE FAST 32K X 8 SRAM
U62H256AS2A35LLG1 ZMD-U62H256AS2A35LLG1 Datasheet
162Kb / 10P
   AUTOMOTIVE FAST 32K X 8 SRAM
More results

Similar Description - U62H64SK35G1

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
U6264AS1A07 ZMD-U6264AS1A07 Datasheet
167Kb / 8P
   Automotive 8K x 8 SRAM
logo
Austin Semiconductor
MT5C6408 AUSTIN-MT5C6408 Datasheet
100Kb / 12P
   8K x 8 SRAM
logo
Rohm
BR6265BF-N10SL ROHM-BR6265BF-N10SL Datasheet
204Kb / 12P
   8K X 8 bit SRAM
logo
UMC Corporation
UM6264 UMC-UM6264 Datasheet
410Kb / 8P
   8K x 8 CMOS SRAM
logo
Rohm
BR6265 ROHM-BR6265 Datasheet
424Kb / 8P
   8K X 8 CMOS SRAM
logo
Zentrum Mikroelektronik...
U62H256A ZMD-U62H256A Datasheet
162Kb / 10P
   AUTOMOTIVE FAST 32K X 8 SRAM
logo
STMicroelectronics
MK48Z08 STMICROELECTRONICS-MK48Z08 Datasheet
622Kb / 12P
   CMOS 8K x 8 ZEROPOWER SRAM
logo
AMIC Technology
A623308A AMICC-A623308A Datasheet
194Kb / 14P
   8K X 8 BIT CMOS SRAM
logo
Alliance Semiconductor ...
AS7C164-12 ALSC-AS7C164-12 Datasheet
224Kb / 8P
   5V 8K X 8 CMOS SRAM
logo
Holtek Semiconductor In...
HT6264 HOLTEK-HT6264 Datasheet
238Kb / 10P
   CMOS 8K x 8-Bit SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com