Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X24257Z-2.5 Datasheet(PDF) 5 Page - Xicor Inc.

Part # X24257Z-2.5
Description  400kHz 2-Wire Serial EEPROM with Block Lock
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24257Z-2.5 Datasheet(HTML) 5 Page - Xicor Inc.

  X24257Z-2.5 Datasheet HTML 1Page - Xicor Inc. X24257Z-2.5 Datasheet HTML 2Page - Xicor Inc. X24257Z-2.5 Datasheet HTML 3Page - Xicor Inc. X24257Z-2.5 Datasheet HTML 4Page - Xicor Inc. X24257Z-2.5 Datasheet HTML 5Page - Xicor Inc. X24257Z-2.5 Datasheet HTML 6Page - Xicor Inc. X24257Z-2.5 Datasheet HTML 7Page - Xicor Inc. X24257Z-2.5 Datasheet HTML 8Page - Xicor Inc. X24257Z-2.5 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
X24257 – Preliminary Information
Characteristics subject to change without notice.
5 of 19
REV 1.1.1 10/15/00
www.xicor.com
WRITE OPERATIONS
Byte Write
For a write operation, the device follows “3 byte” proto-
col, consisting of one Slave Address Byte, one Word
Address Byte 1, and the Word Address Byte 0, which
gives the master access to any one of the words in the
array. Upon receipt of the Word Address Byte 0, the
device responds with an acknowledge, and waits for
the first eight bits of data. After receiving the 8 bits of
the data byte, the device again responds with an
acknowledge. The master then terminates the transfer
by generating a stop condition, at which time the
device begins the internal write cycle to the nonvolatile
memory. While the internal write cycle is in progress
the device inputs are disabled and the device will not
respond to any requests from the master. The SDA pin
is at high impedance. See Figure 5.
Page Write
The device is capable of a 64 byte page write operation.
It is initiated in the same manner as the byte write
operation; but instead of terminating the write operation
after the first data word is transferred, the master can
transmit up to sixty-three more words. The device will
respond with an acknowledge after the receipt of each
word, and then the byte address is internally incre-
mented by one. The page address remains constant.
When the counter reaches the end of the page, it “rolls
over” and goes back to the first byte of the current
page. This means that the master can write 64-bytes to
the page beginning at any byte. If the master begins
writing at byte 32, and loads 64-bytes, then the first
32-bytes are written to bytes 32 through 63, and the
last 16 words are written to bytes 0 through 31. After-
wards, the address counter would point to byte 32. If the
master writes more than 64 bytes, then the previously
loaded data is overwritten by the new data, one byte at
a time.
The master terminates the data byte loading by issuing
a stop condition, which causes the device to begin the
nonvolatile write cycle. As with the byte write operation,
all inputs are disabled until completion of the internal
write cycle. Refer to Figure 6 for the address, acknowl-
edge, and data transfer sequence.
Figure 5. Byte Write Sequence
Figure 6. Page Write Sequence
Signals from
the Master
SDA Bus
Signals from
the Slave
S
T
A
R
T
Slave
Address
S
T
O
P
A
C
K
A
C
K
A
C
K
A
C
K
Byte 1
Data
1 0 1 0 0
Word Address
Byte 0
S
P
0
Word Address
S1S0
S
T
A
R
T
S
T
O
P
A
C
K
A
C
K
A
C
K
A
C
K
A
C
K
Data
(0)
(n)
0
S
P
Data
1 0 1 0
(0
≤ n ≤ 64)
Signals from
the Master
SDA Bus
Signals from
the Slave
Slave
Address
Byte 1
Word Address
Byte 0
Word Address
0 S1S0


Similar Part No. - X24257Z-2.5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
X242 ETC1-X242 Datasheet
67Kb / 1P
   X200 SERIES (CMOS) STANDARD SPECFITIONS
logo
Connor-Winfield Corpora...
X242-133.33M CONNOR-WINFIELD-X242-133.33M Datasheet
119Kb / 2P
   5.0x7.0mm Surface Mount LVCMOS Clock Oscillator Series
logo
List of Unclassifed Man...
X242-883B ETC1-X242-883B Datasheet
67Kb / 1P
   X200 SERIES (CMOS) STANDARD SPECFITIONS
More results

Similar Description - X24257Z-2.5

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X24320 ICMIC-X24320 Datasheet
302Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
logo
Xicor Inc.
X24128 XICOR-X24128 Datasheet
87Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
X24320 XICOR-X24320 Datasheet
85Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
X24640 XICOR-X24640 Datasheet
85Kb / 17P
   400KHz 2-Wire Serial E 2 PROM with Block Lock
X24165 XICOR-X24165 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E2PROM with Block Lock Protection
logo
ATMEL Corporation
AT24C01A ATMEL-AT24C01A Datasheet
260Kb / 24P
   2-Wire Serial EEPROM
AT24C02A ATMEL-AT24C02A Datasheet
182Kb / 13P
   2-Wire Serial EEPROM
AT24C32 ATMEL-AT24C32 Datasheet
237Kb / 15P
   2-Wire Serial EEPROM
AT24C512 ATMEL-AT24C512 Datasheet
249Kb / 12P
   2-wire Serial EEPROM
AT24C32C ATMEL-AT24C32C Datasheet
432Kb / 21P
   2-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com