Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X24257V14-2.5 Datasheet(PDF) 9 Page - Xicor Inc.

Part # X24257V14-2.5
Description  400kHz 2-Wire Serial EEPROM with Block Lock
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24257V14-2.5 Datasheet(HTML) 9 Page - Xicor Inc.

Back Button X24257V14-2.5 Datasheet HTML 5Page - Xicor Inc. X24257V14-2.5 Datasheet HTML 6Page - Xicor Inc. X24257V14-2.5 Datasheet HTML 7Page - Xicor Inc. X24257V14-2.5 Datasheet HTML 8Page - Xicor Inc. X24257V14-2.5 Datasheet HTML 9Page - Xicor Inc. X24257V14-2.5 Datasheet HTML 10Page - Xicor Inc. X24257V14-2.5 Datasheet HTML 11Page - Xicor Inc. X24257V14-2.5 Datasheet HTML 12Page - Xicor Inc. X24257V14-2.5 Datasheet HTML 13Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
X24257 – Preliminary Information
Characteristics subject to change without notice.
9 of 19
REV 1.1.1 10/15/00
www.xicor.com
the WEL bit and zeros to the other bits of the control
register) or until the part powers up again. Writes to
WEL bit do not cause a high voltage write cycle, so the
device is ready for the next operation immediately after
the stop condition.
BP2, BP1, BP0: Block Protect Bits (Nonvolatile)
The Block Protect Bits, BP2, BP1 and BP0, determine
which blocks of the array are write protected. A write to
a protected block of memory is ignored. The block pro-
tect bits will prevent write operations to one of eight
segments of the array. The partitions are described in
Table 2.
Table 2. Block Protect Bits
Figure 11. Block Protection Configuration
BP2
BP1
BP0
Protected Addresses
Array Lock
00
0
None
None
00
1
6000h - 7FFFh (8K bytes)
Upper 1/4 (Q4)
01
0
4000h - 7FFFh (16K bytes)
Upper 1/2 (Q3, Q4)
01
1
0000h - 7FFFh (32K bytes)
Full Array (All)
10
0
0000h - 003Fh (64 bytes)
First Page (P1)
10
1
0000h - 007Fh (128 bytes)
First 2 pgs (P2)
11
0
0000h - 00FFh (256 bytes)
First 4 pgs (P4)
11
1
0000h - 01FFh (512 bytes)
First 8 pgs (P8)
BP2–
BP0
000
001
010
011
100
101
110
111


Similar Part No. - X24257V14-2.5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
X242 ETC1-X242 Datasheet
67Kb / 1P
   X200 SERIES (CMOS) STANDARD SPECFITIONS
logo
Connor-Winfield Corpora...
X242-133.33M CONNOR-WINFIELD-X242-133.33M Datasheet
119Kb / 2P
   5.0x7.0mm Surface Mount LVCMOS Clock Oscillator Series
logo
List of Unclassifed Man...
X242-883B ETC1-X242-883B Datasheet
67Kb / 1P
   X200 SERIES (CMOS) STANDARD SPECFITIONS
More results

Similar Description - X24257V14-2.5

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X24320 ICMIC-X24320 Datasheet
302Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
logo
Xicor Inc.
X24128 XICOR-X24128 Datasheet
87Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
X24320 XICOR-X24320 Datasheet
85Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
X24640 XICOR-X24640 Datasheet
85Kb / 17P
   400KHz 2-Wire Serial E 2 PROM with Block Lock
X24165 XICOR-X24165 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E2PROM with Block Lock Protection
logo
ATMEL Corporation
AT24C01A ATMEL-AT24C01A Datasheet
260Kb / 24P
   2-Wire Serial EEPROM
AT24C02A ATMEL-AT24C02A Datasheet
182Kb / 13P
   2-Wire Serial EEPROM
AT24C32 ATMEL-AT24C32 Datasheet
237Kb / 15P
   2-Wire Serial EEPROM
AT24C512 ATMEL-AT24C512 Datasheet
249Kb / 12P
   2-wire Serial EEPROM
AT24C32C ATMEL-AT24C32C Datasheet
432Kb / 21P
   2-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com