Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U62H64SA35LG1 Datasheet(PDF) 1 Page - Zentrum Mikroelektronik Dresden AG

Part # U62H64SA35LG1
Description  AUTOMOTIVE FAST 8K X 8 SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

U62H64SA35LG1 Datasheet(HTML) 1 Page - Zentrum Mikroelektronik Dresden AG

  U62H64SA35LG1 Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG U62H64SA35LG1 Datasheet HTML 2Page - Zentrum Mikroelektronik Dresden AG U62H64SA35LG1 Datasheet HTML 3Page - Zentrum Mikroelektronik Dresden AG U62H64SA35LG1 Datasheet HTML 4Page - Zentrum Mikroelektronik Dresden AG U62H64SA35LG1 Datasheet HTML 5Page - Zentrum Mikroelektronik Dresden AG U62H64SA35LG1 Datasheet HTML 6Page - Zentrum Mikroelektronik Dresden AG U62H64SA35LG1 Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG U62H64SA35LG1 Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG U62H64SA35LG1 Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
April 20, 2004
1
U62H64
The U62H64 is a static RAM manu-
factured using a CMOS process
technology with the following ope-
rating modes:
- Read
- Standby
- Write
- Data Retention
The memory array is based on a
6-transistor cell.
The circuit is activated by the rising
edge of E2 (at E1 = L), or the falling
edge of E1 (at E2 = H). The
address and control inputs open
simultaneously.
According to the information of W
and G, the data inputs, or outputs,
are active. In a Read cycle, the
data outputs are activated by the
falling edge of G, afterwards the
data word read will be available at
the outputs DQ0 - DQ7. After the
address change, the data outputs
go High-Z until the new read infor-
mation is available. The data out-
puts have no preferred state. If the
memory is driven by CMOS levels
in the active state, and if there is no
change of the address, data input
and control signals W or G, the
operating current (at IO = 0 mA)
drops to the value of the operating
current in the Standby mode. The
Read cycle is finished by the falling
edge of E2 or W, or by the rising
edge of E1, respectively.
Data retention is guaranteed down
to 2 V.
With the exception of E1 and E2,
all inputs consist of NOR gates, so
that no pull-up/pull-down resistors
are required.
This gate circuit
allows to achieve
low power
standby requirements by activation
with TTL-levels too.
!
Fast 8192 x 8 bit static CMOS
RAM
!
35 ns Access Time
!
Bidirectional data inputs and data
outputs
!
Three-state outputs
!
Data retention mode at Vcc > 2V
!
Data retention current at 2 V:
< 3 µA (K-Type)
< 50 µA (A-Type)
!
Standby current
<
5 µA (K-Type)
< 100 µA (A-Type)
!
TTL/CMOS-compatible
!
Automatic reduction of power
dissipation in long Read or Write
cycles
!
Power supply voltage 5 V
!
Operating temperature ranges
-40 to 85 °C
-40 to 125
°C
!
QS 9000 Quality Standard
!
ESD protection > 2000 V
(MIL STD 883C M3015.7)
!
Latch-up immunity > 200 mA
!
Package:
SOP28 (300 mil)
Pin Description
Signal Name
Signal Description
A0 - A12
Address Inputs
DQ0 - DQ7
Data In/Out
E1
Chip Enable 1
E2
Chip Enable 2
G
Output Enable
W
Write Enable
VCC
Power Supply Voltage
VSS
Ground
n.c.
not connected
Pin Configuration
1
n.c.
VCC
28
2
A12
W (WE)
27
4
A6
A8
25
5
A5
A9
24
3
A7
E2 (CE2)
26
6
A4
A11
23
7
A3
G (OE)
22
8
A2
A10
21
12
DQ1
DQ5
17
9
A1
E1 (CE1)
20
10
A0
DQ7
19
11
DQ0
DQ6
18
13
DQ2
DQ4
16
14
VSS
DQ3
15
SOP
Top View
Automotive Fast 8K x 8 SRAM
Features
Description


Similar Part No. - U62H64SA35LG1

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
U62H256A ZMD-U62H256A Datasheet
162Kb / 10P
   AUTOMOTIVE FAST 32K X 8 SRAM
U62H256AS2A35 ZMD-U62H256AS2A35 Datasheet
162Kb / 10P
   AUTOMOTIVE FAST 32K X 8 SRAM
U62H256AS2A35G1 ZMD-U62H256AS2A35G1 Datasheet
162Kb / 10P
   AUTOMOTIVE FAST 32K X 8 SRAM
U62H256AS2A35LL ZMD-U62H256AS2A35LL Datasheet
162Kb / 10P
   AUTOMOTIVE FAST 32K X 8 SRAM
U62H256AS2A35LLG1 ZMD-U62H256AS2A35LLG1 Datasheet
162Kb / 10P
   AUTOMOTIVE FAST 32K X 8 SRAM
More results

Similar Description - U62H64SA35LG1

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
U6264AS1A07 ZMD-U6264AS1A07 Datasheet
167Kb / 8P
   Automotive 8K x 8 SRAM
logo
Austin Semiconductor
MT5C6408 AUSTIN-MT5C6408 Datasheet
100Kb / 12P
   8K x 8 SRAM
logo
Rohm
BR6265BF-N10SL ROHM-BR6265BF-N10SL Datasheet
204Kb / 12P
   8K X 8 bit SRAM
logo
UMC Corporation
UM6264 UMC-UM6264 Datasheet
410Kb / 8P
   8K x 8 CMOS SRAM
logo
Rohm
BR6265 ROHM-BR6265 Datasheet
424Kb / 8P
   8K X 8 CMOS SRAM
logo
Zentrum Mikroelektronik...
U62H256A ZMD-U62H256A Datasheet
162Kb / 10P
   AUTOMOTIVE FAST 32K X 8 SRAM
logo
STMicroelectronics
MK48Z08 STMICROELECTRONICS-MK48Z08 Datasheet
622Kb / 12P
   CMOS 8K x 8 ZEROPOWER SRAM
logo
AMIC Technology
A623308A AMICC-A623308A Datasheet
194Kb / 14P
   8K X 8 BIT CMOS SRAM
logo
Alliance Semiconductor ...
AS7C164-12 ALSC-AS7C164-12 Datasheet
224Kb / 8P
   5V 8K X 8 CMOS SRAM
logo
Holtek Semiconductor In...
HT6264 HOLTEK-HT6264 Datasheet
238Kb / 10P
   CMOS 8K x 8-Bit SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com