Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMN4A06G Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # ZXMN4A06G
Description  40V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMN4A06G Datasheet(HTML) 4 Page - Zetex Semiconductors

  ZXMN4A06G Datasheet HTML 1Page - Zetex Semiconductors ZXMN4A06G Datasheet HTML 2Page - Zetex Semiconductors ZXMN4A06G Datasheet HTML 3Page - Zetex Semiconductors ZXMN4A06G Datasheet HTML 4Page - Zetex Semiconductors ZXMN4A06G Datasheet HTML 5Page - Zetex Semiconductors ZXMN4A06G Datasheet HTML 6Page - Zetex Semiconductors ZXMN4A06G Datasheet HTML 7Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ZXMN4A06G
ISSUE 1 - MAY 2002
4
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS.
STATIC
Drain-Source Breakdown Voltage
V
(BR)DSS
40
V
I
D=250
A, V
GS=0V
Zero Gate Voltage Drain Current
I
DSS
1
AV
DS=40V, VGS=0V
Gate-Body Leakage
I
GSS
100
nA
V
GS=±20V, VDS=0V
Gate-Source Threshold Voltage
V
GS(th)
1.0
V
I
D
=250 A, V
DS=VGS
Static Drain-Source On-State
Resistance (1)
R
DS(on)
0.050
0.075
V
GS=10V, ID=4.5A
V
GS=4.5V, ID=3.2A
Forward Transconductance (3)
g
fs
8.7
S
V
DS=15V,ID=2.5A
DYNAMIC (3)
Input Capacitance
C
iss
770
pF
V
DS=40V,VGS=0V,
f=1MHz
Output Capacitance
C
oss
92
pF
Reverse Transfer Capacitance
C
rss
61
pF
SWITCHING(2) (3)
Turn-On Delay Time
t
d(on)
2.55
ns
V
DD =30V, ID=2.5A
R
G=6.0
,V
GS=10V
(refer to test circuit)
Rise Time
t
r
4.45
ns
Turn-Off Delay Time
t
d(off)
28.61
ns
Fall Time
t
f
7.35
ns
Total Gate Charge
Q
g
18.2
nC
V
DS=30V,VGS=10V,
ID=2.5A
(refer to test circuit)
Gate-Source Charge
Q
gs
2.1
nC
Gate-Drain Charge
Q
gd
4.5
nC
SOURCE-DRAIN DIODE
Diode Forward Voltage (1)
V
SD
0.8
0.95
V
T
J=25°C, IS=2.5A,
V
GS=0V
Reverse Recovery Time (3)
t
rr
19.86
ns
T
J=25°C, IF=2.5A,
di/dt= 100A/
µs
Reverse Recovery Charge (3)
Q
rr
16.36
nC
ELECTRICAL CHARACTERISTICS (at TA = 25°C unless otherwise stated)
NOTES
(1) Measured under pulsed conditions. Width
≤300µs. Duty cycle ≤ 2% .
(2) Switching characteristics are independent of operating junction temperature.
(3) For design aid only, not subject to production testing.


Similar Part No. - ZXMN4A06G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMN4A06G DIODES-ZXMN4A06G Datasheet
174Kb / 7P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN4A06GQ DIODES-ZXMN4A06GQ Datasheet
382Kb / 6P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN4A06GQTA DIODES-ZXMN4A06GQTA Datasheet
382Kb / 6P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN4A06GQTA DIODES-ZXMN4A06GQTA Datasheet
382Kb / 6P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN4A06GQTC DIODES-ZXMN4A06GQTC Datasheet
382Kb / 6P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXMN4A06G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN4036LK3 DIODES-DMN4036LK3_10 Datasheet
651Kb / 8P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
DS32122 Rev. 2 - 2
ZXMN4A06K DIODES-ZXMN4A06K Datasheet
570Kb / 8P
   40V N-channel enhancement mode MOSFET
ZXMN4A06G DIODES-ZXMN4A06G Datasheet
174Kb / 7P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN4036LK3 DIODES-DMN4036LK3 Datasheet
672Kb / 8P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
DMT4002LPS DIODES-DMT4002LPS Datasheet
405Kb / 7P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN4A06GQ DIODES-ZXMN4A06GQ Datasheet
382Kb / 6P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN4A06G DIODES-ZXMN4A06G_15 Datasheet
676Kb / 7P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
DONGGUAN YOU FENG WEI E...
YFW25N04S YFWDIODE-YFW25N04S Datasheet
1Mb / 5P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW80N04AD-L YFWDIODE-YFW80N04AD-L Datasheet
1Mb / 5P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW80N04AD YFWDIODE-YFW80N04AD Datasheet
1Mb / 5P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW85N04NF YFWDIODE-YFW85N04NF Datasheet
2Mb / 5P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com