Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9303B93KL Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC9303B93KL
Description  Step-Up & Down DC / DC Controller ICs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9303B93KL Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC9303B93KL Datasheet HTML 2Page - Torex Semiconductor XC9303B93KL Datasheet HTML 3Page - Torex Semiconductor XC9303B93KL Datasheet HTML 4Page - Torex Semiconductor XC9303B93KL Datasheet HTML 5Page - Torex Semiconductor XC9303B93KL Datasheet HTML 6Page - Torex Semiconductor XC9303B93KL Datasheet HTML 7Page - Torex Semiconductor XC9303B93KL Datasheet HTML 8Page - Torex Semiconductor XC9303B93KL Datasheet HTML 9Page - Torex Semiconductor XC9303B93KL Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
" HOW TO USE
<Setting of Output Voltage>
VOUT = 0.9
× ( RFB11 + RFB12 ) / RFB12
[Example of Calculation]
When RFB11 = 200k
Ω and RFB12 = 75kΩ, VOUT1 = 0.9 × ( 200K + 75k ) / 75k = 3.3V.
[Typical Example]
[External Components]
Tr 1 : CPH6315
(Pch MOSFET : SANYO),
IRLM6702 (Pch MOSFET : IR)
Tr 2 : CPH3409
(Nch MOSFET : SANYO),
IRLM1902 (Nch MOSFET : IR)
Tr 3 : CPH3409
(Nch MOSFET : SANYO),
IRLM2502 (Nch MOSFET : IR)
Note :
VGS Breakdown Voltage of CHPH6315 and CPH3409 is 10V so please be careful with the power supply voltage.
L :
22
µH
(SUMIDA CDRH127 / LD)
CIN :
16V, 47
µF
(NICHICEMI Tantalum MCE Series)
CL :
16V, 47
µF x 2
(NICHICEMI Tantalum MCE Series)
SD :
CMS02
(TOSHIBA, Schottky Barrier Diode)
" EXTERNAL COMPONENTS
$ COIL
$ INPUT / OUTPUT CAPACITANCE
$ SCHOTTKY BARRIER DIODE
$ TRANSISTOR (Pch MOSFET)
$ TRANSISTOR (Nch MOSFET)
6
For the power supply voltage more than 8V, CPH3308 (Pch MOSFET : SANYO) or CPH3408 (Nch MOSFET :
SANYO) which breakdown voltage is 20V are recommended.
XC9303 Series
High Efficiency, Synchronous
Step-Up & Down DC / DC Controller ICs
VOUT
(V)
RFB11
(k
Ω)
RFB12
(k
Ω)
CFB1
(pF)
VOUT
(V)
RFB11
(k
Ω)
RFB12
(k
Ω)
CFB1
(pF)
2.0
330
270
39
3.3
200
75
62
2.2
390
270
33
5.0
82
18
160
2.5
390
220
33
2.7
360
180
33
Output voltage can be set by adding external split resistors. Output voltage is determined by the following equation, based on the values of
RFB11(RFB21) and RFB12(RFB22). The sum of RFB11(RFB21) and RFB12(RFB22) should normally be 1 M
Ω or less.
The value of CFB1(CFB2), speed-up capacitor for phase compensation, should be fzfb= 1 / (2
× π × CFB1 × RFB11) which is equal to 12kHz.
Adjustments are required from 1kHz to 50kHz depending on the application, value of inductance (L), and value of load capacity (CL).
3.0
560
240
24
PART NUMBER
CDRH127 / LD-220
16MCE476MD2
CMS02
CPH6315
CPH3308
SANYO
CPH3409
PART NUMBER
MANUFACTURER
CHP3408
SANYO
MANUFACTURER
SUMIDA
NICHICHEMI
TOSHIBA
SANYO
SANYO
IR
PART NUMBER
MANUFACTURER
PART NUMBER
MANUFACTURER
PART NUMBER
MANUFACTURER
IRLMS6702
VDSS (V)
VGSS (V)
ID (A)
ABSOLUTE MAX. RATINGS
PKG.
VDSS (V)
VGSS (V)
ID (A)
ABSOLUTE MAX. RATINGS
Rds (ON)
MAX.(m
Ω)
Cisss typ (pF)
VGS (off) (V)
PKG.
30
±10
5
30
±20
5
CPH6
- 30
±20
- 4
140 (VDS= - 4.0V)
560 (VDC= - 10V)
- 2.4 (MAX.)
CPH3
- 20
±12
CPH6
CPH3
42 (VDS=4.0V)
68 (VDS=4.0V)
630 (VDC= 10V)
1.3 (MAX.)
480 (VDC= 10V)
2.4 (MAX.)
- 2.3
200 (VDS= - 4.5V)
210 (VDC= - 15V)
- 0.7 (MAX.)
H (mm)
4.7
12.3 x 12.3
8
RATED CURRENT
(A)
W x L (mm)
CAPACITANCE
(
µF)
W x L (mm)
H (mm)
410 (VDC= - 10V)
- 1.4 (MAX.)
Irmax (A)
3.2
±0.2
±10
Cisss typ (pF)
VGS (off) (V)
L VALUE (
µH)
SERIAL
RESISTANCE (
Ω)
FORWARD
CURRENT
Vfmax (V)
22
36.4 m
47
16.0
4.6 x 5.8
VOLTAGE (V)
30
3
0.4 (IF=3A)
- 3
150 (VDS= - 4.0V)
Rds (ON)
MAX.(m
Ω)
- 20
Micro6
0.5m (VR=30V)
2.4 x 4.7
0.98
±0.1
W x L (mm)
H (mm)
REVERSE
CURRENT
Semiconductor Ltd.


Similar Part No. - XC9303B93KL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9303B093KR-G TOREX-XC9303B093KR-G Datasheet
695Kb / 20P
   High Efficiency, Synchronous Step-Up & Down DC / DC Controller ICs
More results

Similar Description - XC9303B93KL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9502 TOREX-XC9502_1 Datasheet
2Mb / 43P
   2ch. Step-up / down DC/DC Controller ICs
XC9502 TOREX-XC9502 Datasheet
631Kb / 40P
   2ch. Step-up / down DC/DC Controller ICs
XC9303B093KR-G TOREX-XC9303B093KR-G Datasheet
695Kb / 20P
   High Efficiency, Synchronous Step-Up & Down DC / DC Controller ICs
XC9303 TOREX-XC9303_1 Datasheet
908Kb / 20P
   High Efficiency, Synchronous Step-Up & Down DC / DC Controller ICs
XC9503 TOREX-XC9503 Datasheet
398Kb / 30P
   2ch Step-down DC/DC Controller ICs
XC9210 TOREX-XC9210 Datasheet
425Kb / 32P
   Synchronous Step-Down DC / DC Controller ICs
XC9210 TOREX-XC9210_1 Datasheet
565Kb / 12P
   Synchronous Step-Down DC / DC Controller ICs
XC9501 TOREX-XC9501 Datasheet
381Kb / 24P
   2ch. Step-up DC/DC Controller ICs.
XC9505 TOREX-XC9505 Datasheet
705Kb / 47P
   2ch. Step-Down / Inverting DC/DC Controller ICs
XC9504 TOREX-XC9504 Datasheet
722Kb / 50P
   2ch. Step-up / Inverting DC/DC Controller ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com