Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X24257V14I-2.5 Datasheet(PDF) 2 Page - Xicor Inc.

Part # X24257V14I-2.5
Description  400kHz 2-Wire Serial EEPROM with Block Lock
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24257V14I-2.5 Datasheet(HTML) 2 Page - Xicor Inc.

  X24257V14I-2.5 Datasheet HTML 1Page - Xicor Inc. X24257V14I-2.5 Datasheet HTML 2Page - Xicor Inc. X24257V14I-2.5 Datasheet HTML 3Page - Xicor Inc. X24257V14I-2.5 Datasheet HTML 4Page - Xicor Inc. X24257V14I-2.5 Datasheet HTML 5Page - Xicor Inc. X24257V14I-2.5 Datasheet HTML 6Page - Xicor Inc. X24257V14I-2.5 Datasheet HTML 7Page - Xicor Inc. X24257V14I-2.5 Datasheet HTML 8Page - Xicor Inc. X24257V14I-2.5 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
X24257 – Preliminary Information
Characteristics subject to change without notice.
2 of 19
REV 1.1.1 10/15/00
www.xicor.com
PIN DESCRIPTIONS
Serial Clock (SCL)
The SCL input is used to clock all data into and out of
the device.
Serial Data (SDA)
SDA is a bidirectional pin used to transfer data into and
out of the device. It is an open drain output and may be
wire-ORed with any number of open drain or open col-
lector outputs.
An open drain output requires the use of a pull-up
resistor. For selecting typical values, refer to the Pull-
up resistor selection graph at the end of this data
sheet.
Device Select (S0, S1)
The device select inputs (S0, S1) are used to set bits in
the slave address. This allows up to four devices to
share a common bus. These inputs can be static or
actively driven. If used statically they must be tied to
VSS or VCC as appropriate. If actively driven, they must
be driven with CMOS levels (driven to VCC or VSS) and
they must be constant between each start and stop
issued on the SDA bus. These pins have an active pull
down internally and will be sensed as low if the pin is
left unconnected.
Write Protect (WP)
WP must be constant between each start and stop
issued on the SDA bus and is always active (not
gated). The WP pin has an active pull down to disable
the write protection when the input is left floating. The
Write Protect input controls the Hardware Write Protect
feature. When held LOW, Hardware Write Protection is
disabled. When this input is held HIGH, and the WPEN
bit in the Write Protect Register is set HIGH, the Write
Protect Register is protected, preventing changes to
the Block Lock Protection and WPEN bits.
PIN NAMES
PIN CONFIGURATION
Symbol
Description
S0, S1
Device Select Inputs
SDA
Serial Data
SCL
Serial Clock
WP
Write Protect
VSS
Ground
VCC
Supply Voltage
NC
No Connect
8-Lead PDIP/SOIC
VCC
WP
SCL
1
2
3
4
6
7
8
X24257
SDA
5
14-Lead TSSOP
VCC
WP
SCL
S0
S1
NC
1
2
3
4
7
6
5
X24257
VSS
SDA
NC
NC
NC
NC
8
9
10
11
12
14
13
NC
S1
SDA
S2
SCL
VCC
VSS
S0
WP
8
7
6
5
1
2
3
4
S2
8-Lead XBGA: Top View
S0
S1
VSS
S2


Similar Part No. - X24257V14I-2.5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
X242 ETC1-X242 Datasheet
67Kb / 1P
   X200 SERIES (CMOS) STANDARD SPECFITIONS
logo
Connor-Winfield Corpora...
X242-133.33M CONNOR-WINFIELD-X242-133.33M Datasheet
119Kb / 2P
   5.0x7.0mm Surface Mount LVCMOS Clock Oscillator Series
logo
List of Unclassifed Man...
X242-883B ETC1-X242-883B Datasheet
67Kb / 1P
   X200 SERIES (CMOS) STANDARD SPECFITIONS
More results

Similar Description - X24257V14I-2.5

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X24320 ICMIC-X24320 Datasheet
302Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
logo
Xicor Inc.
X24128 XICOR-X24128 Datasheet
87Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
X24320 XICOR-X24320 Datasheet
85Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
X24640 XICOR-X24640 Datasheet
85Kb / 17P
   400KHz 2-Wire Serial E 2 PROM with Block Lock
X24165 XICOR-X24165 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E2PROM with Block Lock Protection
logo
ATMEL Corporation
AT24C01A ATMEL-AT24C01A Datasheet
260Kb / 24P
   2-Wire Serial EEPROM
AT24C02A ATMEL-AT24C02A Datasheet
182Kb / 13P
   2-Wire Serial EEPROM
AT24C32 ATMEL-AT24C32 Datasheet
237Kb / 15P
   2-Wire Serial EEPROM
AT24C512 ATMEL-AT24C512 Datasheet
249Kb / 12P
   2-wire Serial EEPROM
AT24C32C ATMEL-AT24C32C Datasheet
432Kb / 21P
   2-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com