Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M25P20VMP6P Datasheet(PDF) 7 Page - STMicroelectronics

Part # M25P20VMP6P
Description  512 Kbit to 32 Mbit, Low Voltage, Serial Flash Memory With 40 MHz or 50 MHz SPI Bus Interface
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P20VMP6P Datasheet(HTML) 7 Page - STMicroelectronics

  M25P20VMP6P Datasheet HTML 1Page - STMicroelectronics M25P20VMP6P Datasheet HTML 2Page - STMicroelectronics M25P20VMP6P Datasheet HTML 3Page - STMicroelectronics M25P20VMP6P Datasheet HTML 4Page - STMicroelectronics M25P20VMP6P Datasheet HTML 5Page - STMicroelectronics M25P20VMP6P Datasheet HTML 6Page - STMicroelectronics M25P20VMP6P Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7/7
M25PXX
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted
by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject
to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not
authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics.
All other names are the property of their respective owners
© 2004 STMicroelectronics - All rights reserved
STMicroelectronics group of companies
Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan -
Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America
www.st.com


Similar Part No. - M25P20VMP6P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M25P20VMP6T STMICROELECTRONICS-M25P20VMP6T Datasheet
217Kb / 34P
   512 Kbit, Low Voltage, Serial Flash Memory With 25 MHz SPI Bus Interface
M25P20VMP6T STMICROELECTRONICS-M25P20VMP6T Datasheet
589Kb / 41P
   1 Mbit, Low Voltage, Serial Flash Memory With 25 MHz SPI Bus Interface
More results

Similar Description - M25P20VMP6P

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M25P05-A NUMONYX-M25P05-A Datasheet
1,001Kb / 52P
   512 Kbit, serial Flash memory, 50 MHz SPI bus interface
M25P05-A NUMONYX-M25P05-A_08 Datasheet
1Mb / 52P
   512-Kbit, serial flash memory, 50 MHz SPI bus interface
logo
STMicroelectronics
M25P05-A STMICROELECTRONICS-M25P05-A Datasheet
217Kb / 34P
   512 Kbit, Low Voltage, Serial Flash Memory With 25 MHz SPI Bus Interface
M25P05 STMICROELECTRONICS-M25P05 Datasheet
194Kb / 32P
   512 Kbit, Low Voltage, Serial Flash Memory With 20 MHz SPI Bus Interface
logo
Numonyx B.V
M25P32 NUMONYX-M25P32 Datasheet
1,011Kb / 53P
   32-Mbit, low voltage, serial Flash memory with 75 MHz SPI bus interface
logo
STMicroelectronics
M25P16 STMICROELECTRONICS-M25P16 Datasheet
532Kb / 39P
   16 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
logo
Numonyx B.V
M25P64 NUMONYX-M25P64 Datasheet
942Kb / 50P
   64 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
logo
STMicroelectronics
M25P16 STMICROELECTRONICS-M25P16_07 Datasheet
486Kb / 55P
   16 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
M25P40 STMICROELECTRONICS-M25P40_07 Datasheet
497Kb / 53P
   4 Mbit, low voltage, serial Flash memory with 50 MHz SPI bus interface
logo
AMIC Technology
A25L80P AMICC-A25L80P Datasheet
513Kb / 34P
   8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com