Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3D3428-2.5 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 3D3428-2.5
Description  MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

3D3428-2.5 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  3D3428-2.5 Datasheet HTML 1Page - List of Unclassifed Manufacturers 3D3428-2.5 Datasheet HTML 2Page - List of Unclassifed Manufacturers 3D3428-2.5 Datasheet HTML 3Page - List of Unclassifed Manufacturers 3D3428-2.5 Datasheet HTML 4Page - List of Unclassifed Manufacturers 3D3428-2.5 Datasheet HTML 5Page - List of Unclassifed Manufacturers 3D3428-2.5 Datasheet HTML 6Page - List of Unclassifed Manufacturers 3D3428-2.5 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
3D3428
SILICON DELAY LINE AUTOMATED TESTING
TEST CONDITIONS
INPUT:
OUTPUT:
Ambient Temperature: 25
oC ± 3oC
Rload:
10K
Ω ± 10%
Supply Voltage (Vcc): 5.0V
± 0.1V
Cload:
5pf
± 10%
Input Pulse:
High = 3.0V
± 0.1V
Threshold:
1.5V (Rising & Falling)
Low = 0.0V
± 0.1V
Source Impedance:
50
Ω Max.
10K
470
5pf
Device
Under
Test
Digital
Scope
Rise/Fall Time:
3.0 ns Max. (measured
between 0.6V and 2.4V )
Pulse Width:
PWIN = 1.25 x Total Delay
Period:
PERIN = 2.5 x Total Delay
NOTE: The above conditions are for test only and do not in any way restrict the operation of the device.
OUT
TRIG
IN
REF
TRIG
Figure 6: Test Setup
DEVICE UNDER
TEST (DUT)
DIGITAL SCOPE/
TIME INTERVAL COUNTER
PULSE
GENERATOR
OUT
IN
COMPUTER
SYSTEM
PRINTER
Figure 7: Timing Diagram
tPLH
tPHL
PERIN
PWIN
tRISE
tFALL
0.6
0.6
1.5
1.5
2.4
2.4
1.5
1.5
VIH
VIL
VOH
VOL
INPUT
SIGNAL
OUTPUT
SIGNAL
Doc #04004
DATA DELAY DEVICES, INC.
7
11/1/04
3 Mt. Prospect Ave. Clifton, NJ 07013


Similar Part No. - 3D3428-2.5

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D3428-2.5 DATADELAY-3D3428-2.5 Datasheet
516Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D7438)
More results

Similar Description - 3D3428-2.5

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D7408 DATADELAY-3D7408 Datasheet
65Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
3D7428 DATADELAY-3D7428 Datasheet
513Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
3D7428 DATADELAY-3D7428_06 Datasheet
471Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
3D3428 DATADELAY-3D3428 Datasheet
516Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D7438)
3D7438 DATADELAY-3D7438 Datasheet
101Kb / 6P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D7438)
3D3438 DATADELAY-3D3438 Datasheet
101Kb / 6P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D7438)
PDU18F DATADELAY-PDU18F Datasheet
292Kb / 5P
   8-BIT PROGRAMMABLE DELAY LINE
logo
Dallas Semiconductor
DS1021 DALLAS-DS1021 Datasheet
193Kb / 9P
   Programmable 8-Bit Silicon Delay Line
DS1020 DALLAS-DS1020 Datasheet
191Kb / 9P
   Programmable 8-Bit Silicon Delay Line
logo
Maxim Integrated Produc...
DS1020S-15 MAXIM-DS1020S-15 Datasheet
196Kb / 9P
   Programmable 8-Bit Silicon Delay Line
111799
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com