Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29CD032G0MFAN013 Datasheet(PDF) 2 Page - SPANSION

Part # S29CD032G0MFAN013
Description  CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032G0MFAN013 Datasheet(HTML) 2 Page - SPANSION

  S29CD032G0MFAN013 Datasheet HTML 1Page - SPANSION S29CD032G0MFAN013 Datasheet HTML 2Page - SPANSION S29CD032G0MFAN013 Datasheet HTML 3Page - SPANSION S29CD032G0MFAN013 Datasheet HTML 4Page - SPANSION S29CD032G0MFAN013 Datasheet HTML 5Page - SPANSION S29CD032G0MFAN013 Datasheet HTML 6Page - SPANSION S29CD032G0MFAN013 Datasheet HTML 7Page - SPANSION S29CD032G0MFAN013 Datasheet HTML 8Page - SPANSION S29CD032G0MFAN013 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 93 page
background image
2S29CD032G
30606B0 March 22, 2004
Ad va n c e
In f o rm a t i o n
General Description
The S29CD032G is a 32 Megabit, 2.5 Volt-only single power supply burst mode
flash memory device. The device can be configured for 1,048,576 double words.
The device can also be programmed in standard EPROM programmers.
To eliminate bus contention, each device has separate chip enable (CE#), write
enable (WE#) and output enable (OE#) controls. Additional control inputs are re-
quired for synchronous burst operations: Load Burst Address Valid (ADV#), and
Clock (CLK).
Each device requires only a single 2.5 or 2.6 Volt power supply (2.5 V to 2.75
V) for both read and write functions. A 12.0-volt VPP is not required for program
or erase operations, although an acceleration pin is available if faster program-
ming performance is required.
The device is entirely command set compatible with the JEDEC single-power-
supply Flash standard. The software command set is compatible with the com-
mand sets of the 5 V Am29F and 3 V Am29LV Flash families. Commands are
written to the command register using standard microprocessor write timing.
Register contents serve as inputs to an internal state-machine that controls the
erase and programming circuitry. Write cycles also internally latch addresses and
data needed for the programming and erase operations. Reading data out of the
device is similar to reading from other Flash or EPROM devices.
The Unlock Bypass mode facilitates faster programming times by requiring only
two write cycles to program data instead of four.
The Simultaneous Read/Write architecture provides simultaneous operation
by dividing the memory space into two banks. The device can begin programming
or erasing in one bank, and then simultaneously read from the other bank, with
zero latency. This releases the system from waiting for the completion of program
or erase operations. See Simultaneous Read/Write Operations Overview and Re-
strictions on page 13.
The device provides a 256-byte SecSi™ (Secured Silicon) Sector with an one-
time-programmable (OTP) mechanism.
In addition, the device features several levels of sector protection, which can dis-
able both the program and erase operations in certain sectors or sector groups:
Persistent Sector Protection is a command sector protection method that re-
places the old 12 V controlled protection method; Password Sector Protection
is a highly sophisticated protection method that requires a password before
changes to certain sectors or sector groups are permitted; WP# Hardware Pro-
tection prevents program or erase in the two outermost 8 Kbytes sectors of the
larger bank.
The device defaults to the Persistent Sector Protection mode. The customer must
then choose if the Standard or Password Protection method is most desirable. The
WP# Hardware Protection feature is always available, independent of the other
protection method chosen.
The VersatileI/O™ (VCCQ) feature allows the output voltage generated on the
device to be determined based on the VIO level. This feature allows this device to
operate in the 1.8 V I/O environment, driving and receiving signals to and from
other 1.8 V devices on the same bus.
The host system can detect whether a program or erase operation is complete by
observing the RY/BY# pin, by reading the DQ7 (Data# Polling), or DQ6 (toggle)


Similar Part No. - S29CD032G0MFAN013

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29CD032G0MFAA000 SPANSION-S29CD032G0MFAA000 Datasheet
1Mb / 87P
   32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O
S29CD032G0MFAA002 SPANSION-S29CD032G0MFAA002 Datasheet
1Mb / 87P
   32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O
S29CD032G0MFAA010 SPANSION-S29CD032G0MFAA010 Datasheet
1Mb / 87P
   32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O
S29CD032G0MFAA012 SPANSION-S29CD032G0MFAA012 Datasheet
1Mb / 87P
   32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O
S29CD032G0MFAA100 SPANSION-S29CD032G0MFAA100 Datasheet
1Mb / 87P
   32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O
More results

Similar Description - S29CD032G0MFAN013

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29CD016G SPANSION-S29CD016G Datasheet
1Mb / 91P
   16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
S29JL064J70TFI000 SPANSION-S29JL064J70TFI000 Datasheet
1Mb / 61P
   CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
S71NS-N-MCP SPANSION-S71NS-N-MCP Datasheet
351Kb / 12P
   MirrorBit 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S71NS-N SPANSION-S71NS-N Datasheet
574Kb / 13P
   MirrorBit짰 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S71WS-P SPANSION-S71WS-P Datasheet
277Kb / 10P
   1.8 Volt-only x16 Simultaneous Read/Write, Burst Mode Flash Memory with CellularRAM
S29WS-NL SPANSION-S29WS-NL Datasheet
1Mb / 99P
   256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY
S29CD-J SPANSION-S29CD-J Datasheet
1Mb / 76P
   32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O
S29CD-J SPANSION-S29CD-J_12 Datasheet
2Mb / 81P
   32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-Only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O?
S29NS-N SPANSION-S29NS-N Datasheet
1Mb / 86P
   Simultaneous Read/Write, Multiplexed, Burst Mode Flash Memory
S29NS-J SPANSION-S29NS-J Datasheet
1Mb / 85P
   110 nm CMOS 1.8-Volt only Simultaneous Read/Write, Burst Mode Flash Memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com