Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHCT1G08GV Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74AHCT1G08GV
Description  2-input AND gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT1G08GV Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74AHCT1G08GV Datasheet HTML 3Page - NXP Semiconductors 74AHCT1G08GV Datasheet HTML 4Page - NXP Semiconductors 74AHCT1G08GV Datasheet HTML 5Page - NXP Semiconductors 74AHCT1G08GV Datasheet HTML 6Page - NXP Semiconductors 74AHCT1G08GV Datasheet HTML 7Page - NXP Semiconductors 74AHCT1G08GV Datasheet HTML 8Page - NXP Semiconductors 74AHCT1G08GV Datasheet HTML 9Page - NXP Semiconductors 74AHCT1G08GV Datasheet HTML 10Page - NXP Semiconductors 74AHCT1G08GV Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
2002 Jun 06
7
Philips Semiconductors
Product specification
2-input AND gate
74AHC1G08; 74AHCT1G08
AC CHARACTERISTICS
Type 74AHC1G08
GND = 0 V; tr =tf ≤ 3.0 ns.
Notes
1. Typical values are measured at VCC = 3.3 V.
2. Typical values are measured at VCC = 5.0 V.
Type 74AHCT1G08
GND = 0 V; tr =tf ≤ 3.0 ns.
Note
1. Typical values are measured at VCC =5V.
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
WAVEFORMS
CL
(pF)
25
−40 to +85
−40 to +125
MIN.
TYP.
MAX.
MIN.
MAX.
MIN.
MAX.
VCC = 3.0 to 3.6 V; note 1
tPHL/tPLH
propagation delay
A and B to Y
see Figs 5 and 6 15
4.6
8.8
1.0
10.5
1.0
12.0
ns
50
6.5
12.3
1.0
14.0
1.0
16.0
ns
VCC = 4.5 to 5.5 V; note 2
tPHL/tPLH
propagation delay
A and B to Y
see Figs 5 and 6 15
3.2
5.9
1.0
7.0
1.0
8.0
ns
50
4.6
7.9
1.0
9.0
1.0
10.5
ns
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
WAVEFORMS
CL
(pF)
25
−40 to +85
−40 to +125
MIN.
TYP.
MAX.
MIN.
MAX.
MIN.
MAX.
VCC = 4.5 to 5.5 V; note 1
tPHL/tPLH
propagation delay
A and B to Y
see Figs 5 and 6 15
3.6
6.2
1.0
7.1
1.0
8.0
ns
50
5.1
7.9
1.0
9.0
1.0
10.5
ns


Similar Part No. - 74AHCT1G08GV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT1G08GV NXP-74AHCT1G08GV Datasheet
77Kb / 11P
   2-input AND gate
Rev. 06-29 June 2007
74AHCT1G08GV NXP-74AHCT1G08GV Datasheet
63Kb / 6P
   2-input AND gate
B.V. 2007
logo
Nexperia B.V. All right...
74AHCT1G08GV NEXPERIA-74AHCT1G08GV Datasheet
210Kb / 11P
   2-input AND gate
Rev. 8 - 11 January 2022
74AHCT1G08GV-Q100 NEXPERIA-74AHCT1G08GV-Q100 Datasheet
682Kb / 12P
   2-input AND gate
74AHCT1G08GV-Q100 NEXPERIA-74AHCT1G08GV-Q100 Datasheet
209Kb / 11P
   2-input AND gate
Rev. 2 - 11 January 2022
More results

Similar Description - 74AHCT1G08GV

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7S08F TOSHIBA-TC7S08F Datasheet
211Kb / 5P
   2-INPUT AND GATE
TC7SL08F TOSHIBA-TC7SL08F Datasheet
211Kb / 5P
   2-INPUT AND GATE
logo
Hitachi Semiconductor
HD74LV1G08A HITACHI-HD74LV1G08A Datasheet
52Kb / 10P
   2-input AND Gate
logo
Unisonic Technologies
U74AHC1G08 UTC-U74AHC1G08 Datasheet
96Kb / 5P
   2-INPUT AND GATE
logo
Toshiba Semiconductor
TC7SH08FS TOSHIBA-TC7SH08FS Datasheet
172Kb / 6P
   2-INPUT AND GATE
TC7SL08F TOSHIBA-TC7SL08F_01 Datasheet
227Kb / 6P
   2-INPUT AND GATE
TC7SET08F TOSHIBA-TC7SET08F_02 Datasheet
205Kb / 6P
   2-INPUT AND GATE
logo
Unisonic Technologies
U74AHC1G08 UTC-U74AHC1G08_11 Datasheet
155Kb / 5P
   2-INPUT AND GATE
U74HC2G08 UTC-U74HC2G08_15 Datasheet
164Kb / 5P
   2-INPUT AND GATE
logo
Renesas Technology Corp
HD74HCT1G08 RENESAS-HD74HCT1G08 Datasheet
51Kb / 8P
   2-input AND Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com