Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT1100 Datasheet(PDF) 3 Page - Advanced Analogic Technologies

Part # AAT1100
Description  TRIPLE-CHANNEL PWM CONTROLLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1100 Datasheet(HTML) 3 Page - Advanced Analogic Technologies

  AAT1100 Datasheet HTML 1Page - Advanced Analogic Technologies AAT1100 Datasheet HTML 2Page - Advanced Analogic Technologies AAT1100 Datasheet HTML 3Page - Advanced Analogic Technologies AAT1100 Datasheet HTML 4Page - Advanced Analogic Technologies AAT1100 Datasheet HTML 5Page - Advanced Analogic Technologies AAT1100 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1100 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1100 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1100 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Advanced Analog Technology, Inc.
台灣類比科技股份有限公司
Advanced Analog Technology, Inc.
Page 3 of 15
V 1.0
AAT1100
Absolute Maximum Ratings
Characteristics
Symbol
Value
Unit
Supply Voltage
DD
V
8
V
Input Voltage (IE1, IE2, IE3, DTC13, DTC2)
I
V
DD
V
V
Output Voltage
O
V
DD
V
+0.3
V
CH1, CH3
21
41
+
/
mA
Output Current
CH2
O
I
41
21
+
/
mA
Sink ( w
t ≦
s
2
µ , Duty≦10%)
+200
Output Peak Current Source (
w
t ≦
s
2
µ , Duty≦10%)
opeak
I
200
mA
Operating Temperature Range
C
T
85
to
20
+
oC
Storage Temperature Range
storage
T
125
to
45
+
oC
Recommended Operating Conditions
Symbol
Min
Max
Unit
Supply Voltage,
DD
V
DD
V
2.5
7.0
V
Input Voltage, IE1, IE3
13
I
V
0.95
1.55
V
Input Voltage, IE2
2
I
V
0.4
1.0
V
Output Voltage
O
V
0
DD
V
V
Oscillator (OSC) Capacitance
OSC
C
10
1,800
pF
Oscillator (OSC) Resistance (Note 1)
OSC
R
6
8
Oscillator (OSC) Frequency
OSC
f
50
1,000
kHz
Output Current (CH1, CH3)
13
O
I
20
40
+
/
mA
Output Current, (CHl, CH2)
2
O
I
40
20
+
/
mA
Output Current of Error Amplifier 1, 2
and 3 (EA1, EA1, EA3)
OE
I
60
µA
Operating Temperature
C
T
20
85
oC
Note 1: The rise and fall times of oscillator wave form will be equal at OSC resistor (
OSC
R) =7 kΩ theoretically.


Similar Part No. - AAT1100

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1101 ANALOGICTECH-AAT1101 Datasheet
711Kb / 23P
   TRIPLE OUTPUT TFT LCD PWM CONTROLLER
AAT1101-T1 ANALOGICTECH-AAT1101-T1 Datasheet
711Kb / 23P
   TRIPLE OUTPUT TFT LCD PWM CONTROLLER
AAT1101-T1-T ANALOGICTECH-AAT1101-T1-T Datasheet
711Kb / 23P
   TRIPLE OUTPUT TFT LCD PWM CONTROLLER
logo
Advanced Analog Technol...
AAT1102 AAT-AAT1102 Datasheet
609Kb / 18P
   ADVANCED PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
AAT1102 AAT-AAT1102 Datasheet
620Kb / 18P
   ADVANCED PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
More results

Similar Description - AAT1100

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6521 INTERSIL-HIP6521_06 Datasheet
354Kb / 13P
   PWM and Triple Linear Power Controller
logo
Renesas Technology Corp
HIP6521 RENESAS-HIP6521 Datasheet
643Kb / 13P
   PWM and Triple Linear Power Controller
logo
Intersil Corporation
HIP6521 INTERSIL-HIP6521 Datasheet
156Kb / 13P
   PWM and Triple Linear Power Controller
logo
Richtek Technology Corp...
R7731A RICHTEK-R7731A Datasheet
359Kb / 14P
   Burst Triple Mode PWM Flyback Controller
logo
Advanced Analogic Techn...
AAT1101 ANALOGICTECH-AAT1101 Datasheet
711Kb / 23P
   TRIPLE OUTPUT TFT LCD PWM CONTROLLER
logo
Richtek Technology Corp...
R7731 RICHTEK-R7731 Datasheet
542Kb / 11P
   Burst Triple Mode PWM Flyback Controller
March 2011
logo
Intersil Corporation
HIP6021 INTERSIL-HIP6021 Datasheet
136Kb / 15P
   Advanced PWM and Triple Linear Power Controller
logo
Renesas Technology Corp
ISL68226 RENESAS-ISL68226 Datasheet
1Mb / 96P
   Digital Triple Output, 8-Phase PWM Controller
Oct.1.20
logo
Intersil Corporation
HIP6021 INTERSIL-HIP6021_05 Datasheet
398Kb / 15P
   Advanced PWM and Triple Linear Power Controller
HIP6021A INTERSIL-HIP6021A_01 Datasheet
389Kb / 16P
   Advanced PWM and Triple Linear Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com