Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT1100 Datasheet(PDF) 10 Page - Advanced Analogic Technologies

Part # AAT1100
Description  TRIPLE-CHANNEL PWM CONTROLLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1100 Datasheet(HTML) 10 Page - Advanced Analogic Technologies

Back Button AAT1100 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1100 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1100 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1100 Datasheet HTML 9Page - Advanced Analogic Technologies AAT1100 Datasheet HTML 10Page - Advanced Analogic Technologies AAT1100 Datasheet HTML 11Page - Advanced Analogic Technologies AAT1100 Datasheet HTML 12Page - Advanced Analogic Technologies AAT1100 Datasheet HTML 13Page - Advanced Analogic Technologies AAT1100 Datasheet HTML 14Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Advanced Analog Technology, Inc.
台灣類比科技股份有限公司
Advanced Analog Technology, Inc.
Page 10 of 15
V 1.0
AAT1100
Timing Chart
V UP H
OE 2
OS C
DT C 2 N
OU T 2
R e g u la tio n O u tp u t
1.0 V
0.4V
1.25 V
0V
1.2 5 V
0V
10 0 % off
T im in g C h a r t fo r C H 2
0V
(S h o r t C i r c u i t P r ote c t T i m e )= 0.625*C sc p .*10 6 (s e c )
DT C 2 N
OE 2
O S C + (N ote 4)
DTC2
DT C 2
DT C 2 N
DD
V
RE F
V
3
r
V
sc p
t
sc p
t
)
reg
(
o
V
OL
V
OH
V
V
25
.
0
V 2
r
=
DD
V
SC P


Similar Part No. - AAT1100

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1101 ANALOGICTECH-AAT1101 Datasheet
711Kb / 23P
   TRIPLE OUTPUT TFT LCD PWM CONTROLLER
AAT1101-T1 ANALOGICTECH-AAT1101-T1 Datasheet
711Kb / 23P
   TRIPLE OUTPUT TFT LCD PWM CONTROLLER
AAT1101-T1-T ANALOGICTECH-AAT1101-T1-T Datasheet
711Kb / 23P
   TRIPLE OUTPUT TFT LCD PWM CONTROLLER
logo
Advanced Analog Technol...
AAT1102 AAT-AAT1102 Datasheet
609Kb / 18P
   ADVANCED PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
AAT1102 AAT-AAT1102 Datasheet
620Kb / 18P
   ADVANCED PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
More results

Similar Description - AAT1100

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6521 INTERSIL-HIP6521_06 Datasheet
354Kb / 13P
   PWM and Triple Linear Power Controller
logo
Renesas Technology Corp
HIP6521 RENESAS-HIP6521 Datasheet
643Kb / 13P
   PWM and Triple Linear Power Controller
logo
Intersil Corporation
HIP6521 INTERSIL-HIP6521 Datasheet
156Kb / 13P
   PWM and Triple Linear Power Controller
logo
Richtek Technology Corp...
R7731A RICHTEK-R7731A Datasheet
359Kb / 14P
   Burst Triple Mode PWM Flyback Controller
logo
Advanced Analogic Techn...
AAT1101 ANALOGICTECH-AAT1101 Datasheet
711Kb / 23P
   TRIPLE OUTPUT TFT LCD PWM CONTROLLER
logo
Richtek Technology Corp...
R7731 RICHTEK-R7731 Datasheet
542Kb / 11P
   Burst Triple Mode PWM Flyback Controller
March 2011
logo
Intersil Corporation
HIP6021 INTERSIL-HIP6021 Datasheet
136Kb / 15P
   Advanced PWM and Triple Linear Power Controller
logo
Renesas Technology Corp
ISL68226 RENESAS-ISL68226 Datasheet
1Mb / 96P
   Digital Triple Output, 8-Phase PWM Controller
Oct.1.20
logo
Intersil Corporation
HIP6021 INTERSIL-HIP6021_05 Datasheet
398Kb / 15P
   Advanced PWM and Triple Linear Power Controller
HIP6021A INTERSIL-HIP6021A_01 Datasheet
389Kb / 16P
   Advanced PWM and Triple Linear Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com