Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT7157 Datasheet(PDF) 3 Page - Advanced Analogic Technologies

Part # AAT7157
Description  20V P-Channel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT7157 Datasheet(HTML) 3 Page - Advanced Analogic Technologies

  AAT7157 Datasheet HTML 1Page - Advanced Analogic Technologies AAT7157 Datasheet HTML 2Page - Advanced Analogic Technologies AAT7157 Datasheet HTML 3Page - Advanced Analogic Technologies AAT7157 Datasheet HTML 4Page - Advanced Analogic Technologies AAT7157 Datasheet HTML 5Page - Advanced Analogic Technologies AAT7157 Datasheet HTML 6Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AAT7157
20V P-Channel Power MOSFET
7157.2004.04.1.0
3
Typical Characteristics
(TJ = 25ºC unless otherwise noted)
Threshold Voltage
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
-50
-25
0
25
50
75
100
125
150
TJ (
°C)
ID = 250
µA
On-Resistance vs. Junction Temperature
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
-50
-25
0
25
50
75
100
125
150
TJ (
°C)
VGS = 4.5V
ID = 6.5A
On-Resistance vs. Gate to Source Voltage
0
20
40
60
80
100
120
0
123
45
VGS (V)
ID = 5.8A
On-Resistance vs. Drain Current
0
10
20
30
40
50
60
70
0
4
8
12162024
ID (A)
VGS = 4.5 V
VGS = 2.5 V
Transfer Characteristics
0
6
12
18
24
0
123
45
VGS (V)
VD=VG
25
°C
-55
°C
125
°C
Output Characteristics
0
6
12
18
24
0
0.5
1
1.5
2
2.5
3
VDS (V)
1.5V
2V
2.5V
5V
4.5V
4V
3V
3.5V


Similar Part No. - AAT7157

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT7103 ANALOGICTECH-AAT7103 Datasheet
131Kb / 4P
   25V N-Channel Power MOSFET
AAT7103IAS-T1 ANALOGICTECH-AAT7103IAS-T1 Datasheet
131Kb / 4P
   25V N-Channel Power MOSFET
AAT7126 ANALOGICTECH-AAT7126 Datasheet
127Kb / 4P
   30V N-Channel Power MOSFET
AAT7126IAS-T1 ANALOGICTECH-AAT7126IAS-T1 Datasheet
127Kb / 4P
   30V N-Channel Power MOSFET
More results

Similar Description - AAT7157

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT8307 ANALOGICTECH-AAT8307 Datasheet
168Kb / 6P
   20V P-Channel Power MOSFET
AAT8401 ANALOGICTECH-AAT8401 Datasheet
158Kb / 6P
   20V P-Channel Power MOSFET
AAT8515 ANALOGICTECH-AAT8515 Datasheet
79Kb / 6P
   20V P-Channel Power MOSFET
AAT8343 ANALOGICTECH-AAT8343_06 Datasheet
216Kb / 6P
   20V P-Channel Power MOSFET
logo
Leshan Radio Company
LP1480WT1G LRC-LP1480WT1G Datasheet
489Kb / 5P
   -20V P-Channel Power Mosfet
logo
Taiwan Semiconductor Co...
TSM260P02CX6 TSC-TSM260P02CX6 Datasheet
327Kb / 5P
   20V P-Channel Power MOSFET
TSM500P02CX TSC-TSM500P02CX Datasheet
400Kb / 5P
   20V P-Channel Power MOSFET
logo
Advanced Analogic Techn...
AAT8343 ANALOGICTECH-AAT8343 Datasheet
124Kb / 6P
   20V P-Channel Power MOSFET
logo
Leshan Radio Company
LP1488WT1G LRC-LP1488WT1G Datasheet
439Kb / 3P
   -20V P-Channel Power Mosfet
logo
Union Semiconductor, In...
UM8516 UNIONSEMI-UM8516 Datasheet
275Kb / 5P
   20V P-Channel Power MOSFET
logo
Advanced Analogic Techn...
AAT7357 ANALOGICTECH-AAT7357 Datasheet
207Kb / 6P
   20V P-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com