Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3223IGU-2.85-T1 Datasheet(PDF) 10 Page - Advanced Analogic Technologies

Part # AAT3223IGU-2.85-T1
Description  250mA NanoPower LDO Linear Regulator with Power -OK
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3223IGU-2.85-T1 Datasheet(HTML) 10 Page - Advanced Analogic Technologies

Back Button AAT3223IGU-2.85-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3223IGU-2.85-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3223IGU-2.85-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3223IGU-2.85-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3223IGU-2.85-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3223IGU-2.85-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3223IGU-2.85-T1 Datasheet HTML 12Page - Advanced Analogic Technologies AAT3223IGU-2.85-T1 Datasheet HTML 13Page - Advanced Analogic Technologies AAT3223IGU-2.85-T1 Datasheet HTML 14Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
AAT3223
250mA NanoPower™ LDO
Linear Regulator with Power-OK
10
3223.2005.04.1.4
Applications Information
To assure the maximum possible performance is
obtained from the AAT3223, please refer to the fol-
lowing application recommendations.
Input Capacitor
Typically, a 1µF or larger capacitor is recommend-
ed for C
IN in most applications.
A C
IN capacitor is
not required for basic LDO regulator operation.
However, if the AAT3223 is physically located any
distance more than one or two centimeters from
the input power source, a C
IN capacitor will be
needed for stable operation. C
IN should be located
as closely to the device V
IN pin as practically pos-
sible. C
IN values greater than 1µF will offer superi-
or input line transient response and will assist in
maximizing the power supply ripple rejection.
Ceramic, tantalum, or aluminum electrolytic capac-
itors may be selected for C
IN, as there is no specif-
ic capacitor ESR requirement.
For 250mA LDO
regulator output operation, ceramic capacitors are
recommended for C
IN due to their inherent capabil-
ity over tantalum capacitors to withstand input cur-
rent surges from low impedance sources such as
batteries in portable devices.
Output Capacitor
For proper load voltage regulation and operational
stability, a capacitor is required between pins V
OUT
and GND. The C
OUT capacitor connection to the
LDO regulator ground pin should be made as direct
as practically possible for maximum device per-
formance.
The AAT3223 has been specifically
designed to function with very low ESR ceramic
capacitors. Although the device is intended to oper-
ate with these low ESR capacitors, it is stable over
a very wide range of capacitor ESR, thus it will also
work with some higher ESR tantalum or aluminum
electrolytic capacitors. However, for best perform-
ance, ceramic capacitors are recommended.
The value of C
OUT typically ranges from 0.47µF to
10µF; however, 1µF is sufficient for most operating
conditions.
If large output current steps are required by an
application, then an increased value for C
OUT
should be considered. The amount of capacitance
needed can be calculated from the step size of the
change in output load current expected and the
voltage excursion that the load can tolerate.
The total output capacitance required can be cal-
culated using the following formula:
Where:
∆I = maximum step in output current
∆V = maximum excursion in voltage that the load
can tolerate
Note that use of this equation results in capacitor
values approximately two to four times the typical
value needed for an AAT3223 at room temperature.
The increased capacitor value is recommended if
tight output tolerances must be maintained over
extreme operating conditions and maximum opera-
tional temperature excursions. If tantalum or alu-
minum electrolytic capacitors are used, the capaci-
tor value should be increased to compensate for the
substantial ESR inherent to these capacitor types.
Capacitor Characteristics
Ceramic composition capacitors are highly recom-
mended over all other types of capacitors for use
with the AAT3223. Ceramic capacitors offer many
advantages over their tantalum and aluminum elec-
trolytic counterparts. A ceramic capacitor typically
has very low ESR, is lower cost, has a smaller PCB
footprint, and is non-polarized. Line and load tran-
sient response of the LDO regulator is improved by
using low-ESR ceramic capacitors. Since ceramic
capacitors are non-polarized, they are less prone
to damage if incorrectly connected.
Equivalent Series Resistance: ESR is a very
important characteristic to consider when selecting
a capacitor. ESR is the internal series resistance
associated with a capacitor that includes lead
resistance, internal connections, capacitor size and
area, material composition, and ambient tempera-
ture. Typically, capacitor ESR is measured in mil-
liohms for ceramic capacitors and can range to
more than several ohms for tantalum or aluminum
electrolytic capacitors.
COUT =
× 15µF
∆I
∆V


Similar Part No. - AAT3223IGU-2.85-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3223IGU-2.85-T1 AAT-AAT3223IGU-2.85-T1 Datasheet
153Kb / 17P
   250mA NanoPower??LDO Linear Regulator with Power-OK
logo
Advanced Analogic Techn...
AAT3223IGU-2.85-T1 ANALOGICTECH-AAT3223IGU-2.85-T1 Datasheet
153Kb / 17P
   250mA NanoPower??LDO Linear Regulator with Power-OK
More results

Similar Description - AAT3223IGU-2.85-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3223 ANALOGICTECH-AAT3223_06 Datasheet
153Kb / 17P
   250mA NanoPower??LDO Linear Regulator with Power-OK
logo
Advanced Analog Technol...
AAT3223 AAT-AAT3223 Datasheet
153Kb / 17P
   250mA NanoPower??LDO Linear Regulator with Power-OK
AAT3221 AAT-AAT3221 Datasheet
194Kb / 18P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3221 ANALOGICTECH-AAT3221 Datasheet
390Kb / 16P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3220 AAT-AAT3220 Datasheet
190Kb / 16P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3221 ANALOGICTECH-AAT3221_08 Datasheet
227Kb / 16P
   150mA NanoPower??LDO Linear Regulator
AAT3220 ANALOGICTECH-AAT3220 Datasheet
460Kb / 16P
   150mA NanoPower??LDO Linear Regulator
AAT3220 ANALOGICTECH-AAT3220_06 Datasheet
190Kb / 16P
   150mA NanoPower??LDO Linear Regulator
logo
Orister Corporation
RS7200 ORISTER-RS7200 Datasheet
422Kb / 7P
   250mA Linear Regulator with Enable
logo
Maxim Integrated Produc...
MAX8875 MAXIM-MAX8875 Datasheet
435Kb / 8P
   150mA, Low-Dropout Linear Regulator with Power-OK Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com