Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3D7205K-75 Datasheet(PDF) 1 Page - Data Delay Devices, Inc.

Part # 3D7205K-75
Description  MONOLITHIC 5-TAP FIXED DELAY LINE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

3D7205K-75 Datasheet(HTML) 1 Page - Data Delay Devices, Inc.

  3D7205K-75 Datasheet HTML 1Page - Data Delay Devices, Inc. 3D7205K-75 Datasheet HTML 2Page - Data Delay Devices, Inc. 3D7205K-75 Datasheet HTML 3Page - Data Delay Devices, Inc. 3D7205K-75 Datasheet HTML 4Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3D7205
MONOLITHIC 5-TAP
FIXED DELAY LINE
(SERIES 3D7205)
FEATURES
PACKAGES
1
2
3
4
8
7
6
5
IN
O2
O4
GND
VDD
O1
O3
O5
3D7205Z
SOIC
(150 Mil)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
IN
N/C
N/C
O2
N/C
O4
N/C
GND
VDD
N/C
N/C
O1
N/C
O3
N/C
O5
3D7205S SOL
(300 Mil)
8
7
6
5
1
2
3
4
IN
O2
O4
GND
VDD
O1
O3
O5
3D7205M DIP
3D7205H Gull-Wing
14
13
12
11
10
9
8
1
2
3
4
5
6
7
IN
N/C
N/C
O2
N/C
O4
GND
VDD
N/C
O1
N/C
O3
N/C
O5
3D7205
DIP
3D7205G Gull-Wing
3D7205K Unused pins
removed
All-silicon, low-power CMOS
technology
TTL/CMOS compatible
inputs and outputs
Vapor phase, IR and wave
solderable
Auto-insertable (DIP pkg.)
Low ground bounce noise
Leading- and trailing-edge accuracy
Delay range: 8 through 500ns
Delay tolerance: 5% or 2ns
Temperature stability:
±3% typical (0C-70C)
Vdd stability:
±2% typical (4.75V-5.25V)
Minimum input pulse width: 20% of total delay
14-pin DIP and 16-pin SOIC available as drop-in
For mechanical dimensions, click
here.
For package marking details, click
here.
replacements for hybrid delay lines
FUNCTIONAL DESCRIPTION
The 3D7205 5-Tap Delay Line product family consists of fixed-delay
CMOS integrated circuits. Each package contains a single delay line,
tapped and buffered at 5 points spaced uniformly in time. Tap-to-tap
(incremental) delay values can range from 8.0ns through 100ns. The
input is reproduced at the outputs without inversion, shifted in time as
per the user-specified dash number. The 3D7205 is TTL- and CMOS-
compatible, capable of driving ten 74LS-type loads, and features both
rising- and falling-edge accuracy.
The all-CMOS 3D7205 integrated circuit has been designed as a
reliable, economic alternative to hybrid TTL fixed delay lines. It is offered in a standard 8-pin auto-
insertable DIP and a space saving surface mount 8-pin SOIC.
PIN DESCRIPTIONS
IN
Delay Line Input
O1
Tap 1 Output (20%)
O2
Tap 2 Output (40%)
O3
Tap 3 Output (60%)
O4
Tap 4 Output (80%)
O5
Tap 5 Output (100%)
VDD +5 Volts
GND Ground
N/C
No Connection
TABLE 1: PART NUMBER SPECIFICATIONS
PART NUMBER
TOLERANCES
INPUT RESTRICTIONS
DIP-8
3D7205M
3D7205H
SOIC-8
3D7205Z
DIP-14
3D7205
3D7205
G
3D7205K
SOIC-16
3D7205S
TOTAL
DELAY (ns)
TAP-TAP
DELAY
(ns)
Max
Operating
Frequency
Absolute
Max
Oper. Freq.
Min
Operating
Pulse Width
Absolute
Min
Oper. P.W.
-8
-8
-8
-8
40.0
± 2.0
8.0
± 1.5
9.52 MHz
71.4 MHz
52.5 ns
7.0 ns
-10
-10
-10
-10
50.0
± 2.5
10.0
± 2.0
6.67 MHz
50.0 MHz
75.0 ns
10.0 ns
-15
-15
-15
-15
75.0
± 3.8
15.0
± 2.3
4.44 MHz
33.3 MHz
113 ns
15.0 ns
-20
-20
-20
-20
100
± 5.0
20.0
± 2.5
3.33 MHz
25.0 MHz
150 ns
20.0 ns
-25
-25
-25
-25
125
± 6.3
25.0
± 2.5
2.66 MHz
20.0 MHz
188 ns
25.0 ns
-30
-30
-30
-30
150
± 7.5
30.0
± 3.0
2.22 MHz
16.7 MHz
225 ns
30.0 ns
-50
-50
-50
-50
250
± 12.5
50.0
± 5.0
1.33 MHz
10.0 MHz
375 ns
50.0 ns
-75
-75
-75
-75
375
± 18.8
75.0
± 7.5
0.89 MHz
6.67 MHz
563 ns
75.0 ns
-100
-100
-100
-100
500
± 25.0
100
± 10.0
0.67 MHz
5.00 MHz
750 ns
100.0 ns
Doc #96007
DATA DELAY DEVICES, INC.
1
12/2/96
3 Mt. Prospect Ave. Clifton, NJ 07013


Similar Part No. - 3D7205K-75

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D7215 DATADELAY-3D7215 Datasheet
247Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE (SERIES 3D7215 - LOW NOISE)
3D7215M-1 DATADELAY-3D7215M-1 Datasheet
247Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE (SERIES 3D7215 - LOW NOISE)
3D7215M-1.5 DATADELAY-3D7215M-1.5 Datasheet
247Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE (SERIES 3D7215 - LOW NOISE)
3D7215M-10 DATADELAY-3D7215M-10 Datasheet
247Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE (SERIES 3D7215 - LOW NOISE)
3D7215M-12 DATADELAY-3D7215M-12 Datasheet
247Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE (SERIES 3D7215 - LOW NOISE)
More results

Similar Description - 3D7205K-75

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D3225 DATADELAY-3D3225_06 Datasheet
240Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE
logo
List of Unclassifed Man...
3D3215 ETC1-3D3215 Datasheet
43Kb / 4P
   MONOLITHIC 5-TAP 3.3V FIXED DELAY LINE
logo
Data Delay Devices, Inc...
3D3225 DATADELAY-3D3225 Datasheet
241Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE (SERIES 3D3225)
3D7225 DATADELAY-3D7225 Datasheet
240Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE (SERIES 3D7225)
3D7105 DATADELAY-3D7105 Datasheet
42Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE (SERIES 3D7105)
3D3220 DATADELAY-3D3220_06 Datasheet
238Kb / 4P
   MONOLITHIC 10-TAP FIXED DELAY LINE
3D3215 DATADELAY-3D3215 Datasheet
277Kb / 4P
   MONOLITHIC 5-TAP 3.3V FIXED DELAY LINE (SERIES 3D3215)
3D7215 DATADELAY-3D7215 Datasheet
247Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE (SERIES 3D7215 - LOW NOISE)
DDU8F DATADELAY-DDU8F Datasheet
54Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE
DDU12H DATADELAY-DDU12H_06 Datasheet
224Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com