Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

381LQ473M025A052 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 381LQ473M025A052
Description  105 C Compact, High-Ripple Snap-in
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

381LQ473M025A052 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  381LQ473M025A052 Datasheet HTML 1Page - List of Unclassifed Manufacturers 381LQ473M025A052 Datasheet HTML 2Page - List of Unclassifed Manufacturers 381LQ473M025A052 Datasheet HTML 3Page - List of Unclassifed Manufacturers 381LQ473M025A052 Datasheet HTML 4Page - List of Unclassifed Manufacturers 381LQ473M025A052 Datasheet HTML 5Page - List of Unclassifed Manufacturers 381LQ473M025A052 Datasheet HTML 6Page - List of Unclassifed Manufacturers 381LQ473M025A052 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Type 381LQ 105 °C Compact, High-Ripple Snap-in
Outline Drawing
Insulated Case Dimensions
Part Numbering System
381LQ
471
M
160
HO1
2
Type
Capacitance
Tolerance
Rated
Case Code
Insulation
471 = 470 µF
M = ±20%
Voltage
2 = PVC
332 = 3300 µF
160 = 160 V
450 = 450 V
DIAMETER
LENGTH
Typical
DIAMETER
LENGTH
Typical
Case
D
L
Weight
Case
D
L
Weight
Code mm inches mm inches (grams) Code mm inches mm inches (grams)
H01 22
0.87
25
0.98
16
K01
30
1.18
25
0.98
30
H02 22
0.87
30
1.18
19
K02
30
1.18
30
1.18
35
H03 22
0.87
35
1.38
22
K03
30
1.18
35
1.38
40
H04 22
0.87
40
1.57
24
K04
30
1.18
40
1.57
44
H45 22
0.87
45
1.77
28
K45
30
1.18
45
1.77
49
H05 22
0.87
50
1.97
31
K05
30
1.18
50
1.97
53
J01
25
0.98
25
0.98
20
A01
35
1.38
25
0.98
42
J02
25
0.98
30
1.18
24
A02
35
1.38
30
1.18
48
J03
25
0.98
35
1.38
27
A03
35
1.38
35
1.38
54
J04
25
0.98
40
1.57
31
A04
35
1.38
40
1.57
60
J45
25
0.98
45
1.77
35
A45
35
1.38
45
1.77
67
J05
25
0.98
50
1.97
38
A05
35
1.38
50
1.97
74


Similar Part No. - 381LQ473M025A052

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
381LQ473M025A052 CDE-381LQ473M025A052 Datasheet
439Kb / 7P
   Compact, High-Ripple Snap-in Smaller for Same Capacitance
381LQ473M025A052 CDE-381LQ473M025A052 Datasheet
622Kb / 11P
   Higher Capacitance per Case Size
More results

Similar Description - 381LQ473M025A052

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
381LX472M010H012 ETC2-381LX472M010H012 Datasheet
409Kb / 10P
   105 ?C High-Ripple Snap-In
381LR ETC2-381LR Datasheet
214Kb / 3P
   105 째C Ultra-High-Ripple Snap-in
logo
Cornell Dubilier Electr...
381L CDE-381L Datasheet
409Kb / 10P
   High-Ripple Snap-In
381LQ CDE-381LQ Datasheet
439Kb / 7P
   Compact, High-Ripple Snap-in Smaller for Same Capacitance
logo
Vishay Siliconix
81D VISHAY-81D Datasheet
348Kb / 5P
   Aluminum Capacitors 105 °C, Snap-In
Revision: 25-Aug-08
81DA VISHAY-81DA_08 Datasheet
321Kb / 4P
   Aluminum Capacitors 105 °C, Snap-In
Revision: 26-Aug-08
logo
List of Unclassifed Man...
380LQ ETC2-380LQ Datasheet
411Kb / 6P
   85 ?C Compact, High-Capacitance Snap-in
logo
Cornell Dubilier Electr...
LP472M016A1P3 CDE-LP472M016A1P3 Datasheet
167Kb / 3P
   105 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
EYH VISHAY-EYH Datasheet
116Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-in
Revision: 14-Feb-08
EYH VISHAY-EYH_13 Datasheet
108Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-In
Revision: 24-May-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com