Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3232IGV-3.8-T1 Datasheet(PDF) 9 Page - Advanced Analogic Technologies

Part # AAT3232IGV-3.8-T1
Description  300mA CMOS Low Drop Out Linear Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3232IGV-3.8-T1 Datasheet(HTML) 9 Page - Advanced Analogic Technologies

Back Button AAT3232IGV-3.8-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3232IGV-3.8-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3232IGV-3.8-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3232IGV-3.8-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3232IGV-3.8-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3232IGV-3.8-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3232IGV-3.8-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3232IGV-3.8-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3232IGV-3.8-T1 Datasheet HTML 10Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
AAT3232
300mA CMOS Low Drop Out Linear Regulator
Advanced Analogic Technologies, Inc.
1250 Oakmead Pkwy, Suite 310, Sunnyvale, CA 94086
(408)524-9684 Fax (408)524-9689
$1$/2*,&
7(&+
TM
3232.2000.05.0.98
Pin Configuration
Package Information
1
2
3BYP
EN
V
OUT
5-lead SOT-23
(Top View)
4
5
GND
V
IN
Millimeters
Inches
Dim
Min
Max
Min
Max
A
1.00
1.30
0.039
0.051
A1
0.00
0.10
0.000
0.004
A2
0.70
0.90
0.028
0.035
b
0.35
0.50
0.014
0.020
c
0.10
0.25
0.004
0.010
D
2.70
3.10
0.106
0.122
E
1.40
1.80
0.055
0.071
e
1.90
0.075
H
2.60
3.00
0.102
0.118
L
0.37
0.015
S
0.45
0.55
0.018
0.022
S1
0.85
1.05
0.033
0.041
Θ
1
°
9
°
1
°
9
°
SOT-23-5
E
A
A1
c
b
D
e
S1
L
I
H
A2
S
1-51


Similar Part No. - AAT3232IGV-3.8-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3236 ANALOGICTECH-AAT3236 Datasheet
448Kb / 16P
   300mA CMOS High Performance LDO
logo
Advanced Analog Technol...
AAT3236 AAT-AAT3236 Datasheet
231Kb / 18P
   300mA CMOS High Performance LDO
logo
Advanced Analogic Techn...
AAT3236 ANALOGICTECH-AAT3236 Datasheet
231Kb / 18P
   300mA CMOS High Performance LDO
logo
Advanced Analog Technol...
AAT3236IGV-2.5-T1 AAT-AAT3236IGV-2.5-T1 Datasheet
231Kb / 18P
   300mA CMOS High Performance LDO
logo
Advanced Analogic Techn...
AAT3236IGV-2.5-T1 ANALOGICTECH-AAT3236IGV-2.5-T1 Datasheet
231Kb / 18P
   300mA CMOS High Performance LDO
More results

Similar Description - AAT3232IGV-3.8-T1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLF4277-2 INFINEON-TLF4277-2 Datasheet
1Mb / 25P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-13
TLE4678-2 INFINEON-TLE4678-2_15 Datasheet
2Mb / 33P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-03
TLE4291E INFINEON-TLE4291E Datasheet
1Mb / 28P
   Low Drop Out Linear Voltage Regulator
Rev. 1.1, 2012-12-03
TLE4678 INFINEON-TLE4678_15 Datasheet
1Mb / 37P
   Low Drop Out Linear Voltage Regulator
Rev. 1.2, 2014-10-17
TLE4678-2EL INFINEON-TLE4678-2EL Datasheet
1Mb / 33P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-05-07
logo
ams AG
AS1367 AMSCO-AS1367 Datasheet
1Mb / 14P
   150mA, Adaptive Low Drop-Out Linear Regulator
logo
Infineon Technologies A...
TLF4949 INFINEON-TLF4949 Datasheet
1Mb / 23P
   5V Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2012-05-07
IFX4949 INFINEON-IFX4949 Datasheet
1Mb / 21P
   5V Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2012-05-07
logo
Power Analog Micoelectr...
PAM3112 PAM-PAM3112 Datasheet
566Kb / 16P
   300mA CMOS Linear Regulator
logo
Unisonic Technologies
UR533 UTC-UR533_11 Datasheet
232Kb / 7P
   5A ADJUSTABLE/FIXED ULTRA LOW DROP-OUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com