Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5805M Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5805M
Description  23-W, Inductor-Less, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with Enhanced Processing and Low Idle Power Dissipation
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5805M Datasheet(HTML) 9 Page - Texas Instruments

Back Button TAS5805M Datasheet HTML 5Page - Texas Instruments TAS5805M Datasheet HTML 6Page - Texas Instruments TAS5805M Datasheet HTML 7Page - Texas Instruments TAS5805M Datasheet HTML 8Page - Texas Instruments TAS5805M Datasheet HTML 9Page - Texas Instruments TAS5805M Datasheet HTML 10Page - Texas Instruments TAS5805M Datasheet HTML 11Page - Texas Instruments TAS5805M Datasheet HTML 12Page - Texas Instruments TAS5805M Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 88 page
background image
9
TAS5805M
www.ti.com
SLASEH5 – MAY 2018
Product Folder Links: TAS5805M
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7.6 Timing Requirements
MIN
NOM
MAX
UNIT
Serial Audio Port Timing
fSCLK
SCLK frequency
1.024
MHz
tSCLK
SCLK period
40
ns
tSCLKL
SCLK pulse width, low
16
ns
tSCLKH
SCLK pulse width, high
16
ns
tSL
SCLK rising to LRCK/FS edge
8
ns
tLS
LRCK/FS Edge to SCLK rising edge
8
ns
tSU
Data setup time, before SCLK rising edge
8
ns
tDH
Data hold time, after SCLK rising edge
8
ns
tDFS
Data delay time from SCLK falling edge
15
ns
I2C Bus Timing – Standard
fSCL
SCL clock frequency
100
kHz
tBUF
Bus free time between a STOP and START condition
4.7
µs
tLOW
Low period of the SCL clock
4.7
µs
tHI
High period of the SCL clock
4
µs
tRS-SU
Setup time for (repeated) START condition
4.7
µs
tS-HD
Hold time for (repeated) START condition
4
µs
tD-SU
Data setup time
250
ns
tD-HD
Data hold time
0
900
ns
tSCL-R
Rise time of SCL signal
20 + 0.1CB
1000
ns
tSCL-R1
Rise time of SCL signal after a repeated START condition and
after an acknowledge bit
20 + 0.1CB
1000
ns
tSCL-F
Fall time of SCL signal
20 + 0.1CB
1000
ns
tSDA-R
Rise time of SDA signal
20 + 0.1CB
1000
ns
tSDA-F
Fall time of SDA signal
20 + 0.1CB
1000
ns
tP-SU
Setup time for STOP condition
4
µs
I2C Bus Timing –
Fast
fSCL
SCL clock frequency
400
kHz
tBUF
Bus free time between a STOP and START condition
1.3
µs
tLOW
Low period of the SCL clock
1.3
µs
tHI
High period of the SCL clock
600
ns
tRS-SU
Setup time for (repeated)START condition
600
ns
tRS-HD
Hold time for (repeated)START condition
600
ns
tD-SU
Data setup time
100
ns
tD-HD
Data hold time
0
900
ns
tSCL-R
Rise time of SCL signal
20 + 0.1CB
300
ns
tSCL-R1
Rise time of SCL signal after a repeated START condition and
after an acknowledge bit
20 + 0.1CB
300
ns
tSCL-F
Fall time of SCL signal
20 + 0.1CB
300
ns
tSDA-R
Rise time of SDA signal
20 + 0.1CB
300
ns
tSDA-F
Fall time of SDA signal
20 + 0.1CB
300
ns
tP-SU
Setup time for STOP condition
600
ns
tSP
Pulse width of spike suppressed
50
ns


Similar Part No. - TAS5805M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5805M TI1-TAS5805M Datasheet
2Mb / 86P
[Old version datasheet]   23-W, Inductor-Less, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with Enhanced Processing and Low Idle Power Dissipation
TAS5805M TI-TAS5805M Datasheet
3Mb / 90P
[Old version datasheet]   TAS5822M 35-W, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with 96kHz Enhanced Processing
TAS5805MPWP TI1-TAS5805MPWP Datasheet
2Mb / 86P
[Old version datasheet]   23-W, Inductor-Less, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with Enhanced Processing and Low Idle Power Dissipation
TAS5805MPWPR TI1-TAS5805MPWPR Datasheet
2Mb / 86P
[Old version datasheet]   23-W, Inductor-Less, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with Enhanced Processing and Low Idle Power Dissipation
TAS5805M TI1-TAS5805M_18 Datasheet
2Mb / 86P
[Old version datasheet]   23-W, Inductor-Less, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with Enhanced Processing and Low Idle Power Dissipation
More results

Similar Description - TAS5805M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5805M TI1-TAS5805M_18 Datasheet
2Mb / 86P
[Old version datasheet]   23-W, Inductor-Less, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with Enhanced Processing and Low Idle Power Dissipation
TAS5806M TI1-TAS5806M Datasheet
2Mb / 91P
[Old version datasheet]   23-W, Inductor-Less, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with Enhanced Processing and Low Power Dissipation
TAS5806MD TI1-TAS5806MD Datasheet
2Mb / 95P
[Old version datasheet]   23-W, Inductor-Less, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with Enhanced Processing and DirectPathTM HP Driver
TAS5822M TI-TAS5822M Datasheet
3Mb / 90P
[Old version datasheet]   TAS5822M 35-W, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with 96kHz Enhanced Processing
TPA3156D2 TI1-TPA3156D2 Datasheet
3Mb / 40P
[Old version datasheet]   70-W, Analog Input, Stereo, Class-D Audio Amplifier With Low Idle Power Dissipation
TAS5756M TI-TAS5756M_15 Datasheet
3Mb / 104P
[Old version datasheet]   TAS5756M Digital Input, Closed-Loop Class-D Amplifier With Processing
TAS5754M TI-TAS5754M_15 Datasheet
3Mb / 127P
[Old version datasheet]   Digital Input, Closed-Loop Class-D Amplifier with HybridFlow Processing
TAS5825M TI1-TAS5825M Datasheet
883Kb / 71P
[Old version datasheet]   4.5 V to 26.4 V, 38-W Stereo, Inductor-Less, Digital Input, Closed-Loop Class-D Audio Amplifier with 96-kHz/192-kHz Extended Audio Processing
TPA3128D2 TI1-TPA3128D2 Datasheet
2Mb / 37P
[Old version datasheet]   2x30-W Class-D Amplifier With Low Idle Power Dissipation
TAS5760M-Q1 TI1-TAS5760M-Q1 Datasheet
1Mb / 77P
[Old version datasheet]   2x20-W Digital Input Closed-Loop Automotive Class-D Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com