Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VDD8608A8A Datasheet(PDF) 7 Page - A-Data Technology

Part # VDD8608A8A
Description  DOUBLE DATA RATE SDRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

VDD8608A8A Datasheet(HTML) 7 Page - A-Data Technology

  VDD8608A8A Datasheet HTML 1Page - A-Data Technology VDD8608A8A Datasheet HTML 2Page - A-Data Technology VDD8608A8A Datasheet HTML 3Page - A-Data Technology VDD8608A8A Datasheet HTML 4Page - A-Data Technology VDD8608A8A Datasheet HTML 5Page - A-Data Technology VDD8608A8A Datasheet HTML 6Page - A-Data Technology VDD8608A8A Datasheet HTML 7Page - A-Data Technology VDD8608A8A Datasheet HTML 8Page - A-Data Technology VDD8608A8A Datasheet HTML 9Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
A-Data
ADD8616A8A
AC Characteristics
-75BA
-75B
Parameter
Symbol
Min
Max
Min
Max
Unit
/CAS Latency = 2.5
tCK2.5
7.5
12
7.5
12
System clock
Cycle time
/CAS Latency = 2
tCK2
7.5
12
10
12
ns
Clock high pulse width
tCHW
0.45
0.55
0.45
0.55
CLK
Clock low pulse width
tCLW
0.45
0.55
0.45
0.55
CLK
Access time form CK to /CK
tAC
-0.75
0.75
-0.75
0.75
ns
Data strobe edge to clock edge
tDQSCK
-0.75
0.75
-0.75
0.75
ns
Clock to first rising edge of DQS delay
tDQSS
0.75
1.25
0.75
1.25
CLK
/RAS cycle time
tRC
65
-
65
-
ns
/RAS to /CAS delay
tRCD
20
-
20
-
ns
/RAS active time
tRAS
45
120K
45
120K
ns
/RAS precharge time
tRP
20
-
20
-
ns
/RAS to /RAS bank active delay
tRRD
15
-
15
-
ns
/CAS to /CAS delay
tCCD
1
-
1
-
CLK
Data-in setup time (to DQS)
tDS
0.5
-
0.5
-
ns
Data-in hold time (to DQS)
tDH
0.5
-
0.5
-
ns
DQS Falling Edge to CLK Setup Time
tDSS
0.2
-
0.2
-
CLK
DQS Falling Edge Hold Time from CLK tDSH
0.2
-
0.2
-
CLK
Input setup time
tIS
0.9
-
0.9
-
ns
Input hold time
tIH
0.9
-
0.9
-
ns
DQS-in high level width
tDSH
0.35
-
0.35
-
CLK
DQS-in low level width
tDSL
0.35
-
0.35
-
CLK
Clock to DQS write preamble setup time tWPRES
0
-
0
-
ns
Write preamble
tWPST
0.4
06
0.4
06
CLK
Data strobe edge to output data edge
tDQSQ
0.5
0.5
ns
Mode register set cycle time
tMRD
15
15
DQS read preamble
tRPRE
0.9
1.1
0.9
1.1
CLK
Rev 2 April, 2002
7


Similar Part No. - VDD8608A8A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VDD8608A8A-75BA ETC1-VDD8608A8A-75BA Datasheet
500Kb / 9P
   Double Data Rate SDRAM
More results

Similar Description - VDD8608A8A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VDD7616A4A ETC-VDD7616A4A Datasheet
548Kb / 9P
   DOUBLE DATA RATE SDRAM
VDD8616A8A ETC1-VDD8616A8A Datasheet
500Kb / 9P
   Double Data Rate SDRAM
logo
Eorex Corporation
EM42CM1684RTA EOREX-EM42CM1684RTA_15 Datasheet
405Kb / 22P
   Double DATA RATE SDRAM
EM42BM3284LBA EOREX-EM42BM3284LBA_15 Datasheet
724Kb / 24P
   Double DATA RATE SDRAM
logo
A-Data Technology
ADD8608A8A A-DATA-ADD8608A8A Datasheet
549Kb / 9P
   Double Data Rate SDRAM
Rev 2 April, 2002
logo
Eorex Corporation
EM42AM1684RTC EOREX-EM42AM1684RTC_15 Datasheet
345Kb / 21P
   Double DATA RATE SDRAM
EM42BM1684RTC EOREX-EM42BM1684RTC_15 Datasheet
474Kb / 23P
   Double DATA RATE SDRAM
EM428M1644RTA EOREX-EM428M1644RTA_15 Datasheet
341Kb / 20P
   Double DATA RATE SDRAM
logo
Micron Technology
MT46V64M4 MICRON-MT46V64M4 Datasheet
152Kb / 8P
   DOUBLE DATA RATE DDR SDRAM
logo
Infineon Technologies A...
HYB25D512800BT INFINEON-HYB25D512800BT Datasheet
3Mb / 90P
   512Mbit Double Data Rate SDRAM
Rev. 1.2, June 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com