Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL320JCP-REEL7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADXL320JCP-REEL7
Description  Small and Thin 5 g Accelerometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL320JCP-REEL7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADXL320JCP-REEL7 Datasheet HTML 5Page - Analog Devices ADXL320JCP-REEL7 Datasheet HTML 6Page - Analog Devices ADXL320JCP-REEL7 Datasheet HTML 7Page - Analog Devices ADXL320JCP-REEL7 Datasheet HTML 8Page - Analog Devices ADXL320JCP-REEL7 Datasheet HTML 9Page - Analog Devices ADXL320JCP-REEL7 Datasheet HTML 10Page - Analog Devices ADXL320JCP-REEL7 Datasheet HTML 11Page - Analog Devices ADXL320JCP-REEL7 Datasheet HTML 12Page - Analog Devices ADXL320JCP-REEL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADXL320
Rev. 0 | Page 9 of 16
60
50
40
30
20
10
0
35
75
70
65
60
55
50
45
40
SELF-TEST (mV)
Figure 16. X-Axis Self-Test Response at 25°C
40
35
30
25
20
15
10
5
0
420 430 440 450 460 470 480 490 500 510 520 530
CURRENT (
µA)
Figure 17. Supply Current at 25°C
60
50
40
30
20
10
0
35
75
70
65
60
55
50
45
40
SELF-TEST (mV)
Figure 18. Y-Axis Self-Test Response at 25°C
Figure 19. Turn-On Time—CX, CY = 0.1 µF, Time Scale = 2 ms/DIV


Similar Part No. - ADXL320JCP-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL320 AD-ADXL320_15 Datasheet
460Kb / 16P
   Small and Thin 5 g iMEMS Accelerometer
More results

Similar Description - ADXL320JCP-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL320 AD-ADXL320_15 Datasheet
460Kb / 16P
   Small and Thin 5 g iMEMS Accelerometer
ADXL322 AD-ADXL322_15 Datasheet
401Kb / 16P
   Small and Thin 2 g Accelerometer
ADXL321 AD-ADXL321 Datasheet
379Kb / 16P
   Small and Thin 18 g Accelerometer
REV. 0
ADXL322 AD-ADXL322 Datasheet
363Kb / 16P
   Small and Thin -2 g Accelerometer
REV. 0
logo
A-Data Technology
UV140 A-DATA-UV140 Datasheet
429Kb / 2P
   Small and thin
logo
Analog Devices
ADXL327 AD-ADXL327 Datasheet
330Kb / 16P
   Small, Low Power, 3-Axis 짹2 g Accelerometer
REV. 0
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
   Small, Low Power, 3-Axis 200 g Accelerometer
REV. 0
ADXL335 AD-ADXL335_10 Datasheet
430Kb / 16P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
REV. B
ADXL335 AD-ADXL335 Datasheet
130Kb / 11P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
Rev. PrA
ADXL325 AD-ADXL325 Datasheet
309Kb / 16P
   Small, Low Power, 3-Axis 짹5 g Accelerometer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com