Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AND233GCP Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AND233GCP
Description  GaP Green Light Emission Special Shape Package
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AND233GCP Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AND233GCP Datasheet HTML 1Page - List of Unclassifed Manufacturers AND233GCP Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AND233GCP
GaP Green Light Emission
Ultra Bright LED Lamps: Type 1
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94086
1/5/98
Tel: 408.523.8200 • Fax: 408.733.1287 • email@purdyelectronics.com • www.purdyelectronics.com
45
-20
0
204060
80
0.1
0.3
0.5
1
3
IV – TC
Case Temperature TC (°C)
IF – Ta
Ambient Temperature Ta (°C)
0
20
40
60
80
100
0
10
20
30
40
520
540
560
580
600
620
640
0
0.2
0.4
0.6
0.8
1.0
Relative Luminous Intensity – Wavelength
Wavelength
λ (nm)
IF = 20 mA
Ta = 25°C
Radiation Pattern
Ta = 25°C
90
°
80
°
70
°
60
°
50
°
40
°
30
°
20
° 10°
0
° 10°
20
°
30
°
40
°
50
°
60
°
70
°
80
°
90
°
0.2
0
0.4
0.8
0.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
1
3
5
10
20
50
IF – VF
Forward Voltage VF (V)
Ta = 25°C
2.4
0.5
1
3 5
10
30 50
100
10
30
500
300
100
1000
Ta = 25°C
IV – IF
Forward Current IF (mA)


Similar Part No. - AND233GCP

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND233CRP PURDY-AND233CRP Datasheet
23Kb / 2P
   Ultra Bright LED Lamps
More results

Similar Description - AND233GCP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLGC180AP TOSHIBA-TLGC180AP Datasheet
195Kb / 4P
   GAP GREEN LIGHT EMISSION
logo
Purdy Electronics Corpo...
AND135PGP PURDY-AND135PGP Datasheet
50Kb / 3P
   GaP Green Light Emission
AND190GCP PURDY-AND190GCP Datasheet
49Kb / 2P
   GaP Green Light Emission
AND4PGA PURDY-AND4PGA Datasheet
84Kb / 2P
   GaP Ultra Bright Green Light Emission GaP Ultra Bright Green Light Emission
AND5GA PURDY-AND5GA Datasheet
51Kb / 2P
   GaP Ultra Bright Green Light Emission Surface Mount Package
AND5G PURDY-AND5G Datasheet
54Kb / 2P
   GaP Ultra Bright Green Light Emission Surface Mount Package
AND4GA PURDY-AND4GA Datasheet
83Kb / 2P
   GaP Ultra Bright Green Light Emission Surface Mount Package
AND5PGA PURDY-AND5PGA Datasheet
51Kb / 2P
   GaP Ultra Bright Pure Green Light Emission Surface Mount Package
logo
Toshiba Semiconductor
TLGD231 TOSHIBA-TLGD231 Datasheet
177Kb / 4P
   TOSHIBA LED LAMP Gap GREEN LIGHT EMISSION
TLGD233P TOSHIBA-TLGD233P Datasheet
179Kb / 4P
   TOSHIBA LED LAMP Gap GREEN LIGHT EMISSION
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com