Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO3415 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AO3415
Description  P-Channel Enhancement Mode Field Effect Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AO3415 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AO3415 Datasheet HTML 1Page - List of Unclassifed Manufacturers AO3415 Datasheet HTML 2Page - List of Unclassifed Manufacturers AO3415 Datasheet HTML 3Page - List of Unclassifed Manufacturers AO3415 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AO3415, AO3415L
Symbol
Min
Typ
Max
Units
BVDSS
-20
V
-1
TJ=55°C
-5
±1
µA
±10
µA
VGS(th)
-0.3
-0.55
-1
ID(ON)
-25
A
35
43
TJ=125°C
48
60
45
54
m
56
73
m
gFS
816
S
VSD
-0.78
-1
V
IS
-2.2
A
Ciss
1450
pF
Coss
205
pF
Crss
160
pF
Rg
6.5
Qg
17.2
nC
Qgs
1.3
nC
Qgd
4.5
nC
tD(on)
9.5
ns
tr
17
ns
tD(off)
94
ns
tf
35
ns
trr
31
ns
Qrr
13.8
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Body Diode Reverse Recovery Time
Body Diode Reverse Recovery Charge IF=-4A, dI/dt=100A/µs
Drain-Source Breakdown Voltage
On state drain current
ID=-250µA, VGS=0V
VGS=-1.8V, ID=-2A
VGS=-4.5V, VDS=-5V
VGS=-4.5V, ID=-4A
Reverse Transfer Capacitance
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
IDSS
µA
Gate Threshold Voltage
VDS=VGS ID=-250µA
VDS=-16V, VGS=0V
VDS=0V, VGS=±8V
Zero Gate Voltage Drain Current
VDS=0V, VGS=±4.5V
IGSS
m
VGS=-2.5V, ID=-4A
IS=-1A,VGS=0V
VDS=-5V, ID=-4A
IF=-4A, dI/dt=100A/µs
VGS=0V, VDS=-10V, f=1MHz
SWITCHING PARAMETERS
Total Gate Charge
VGS=-4.5V, VDS=-10V, ID=-4A
Gate Source Charge
Gate Drain Charge
Turn-On Rise Time
Turn-Off DelayTime
VGS=-4.5V, VDS=-10V, RL=2.5Ω,
RGEN=3Ω
Turn-Off Fall Time
Maximum Body-Diode Continuous Current
Input Capacitance
Output Capacitance
Turn-On DelayTime
DYNAMIC PARAMETERS
Gate-Body leakage current
Gate resistance
VGS=0V, VDS=0V, f=1MHz
RDS(ON)
Static Drain-Source On-Resistance
Forward Transconductance
Diode Forward Voltage
A: The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C.
The value in any a given application depends on the user's specific board design. The current rating is based on the t≤ 10s thermal
resistance rating.
B: Repetitive rating, pulse width limited by junction temperature.
C. The R θJA is the sum of the thermal impedence from junction to lead RθJL and lead to ambient.
D. The static characteristics in Figures 1 to 6,12,14 are obtained using 80
µs pulses, duty cycle 0.5% max.
E. These tests are performed with the device mounted on 1 in2 FR-4 board with 2oz. Copper, in a still air environment with TA=25°C. The
SOA curve provides a single pulse rating.
Alpha & Omega Semiconductor, Ltd.


Similar Part No. - AO3415

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO3415 AOSMD-AO3415 Datasheet
288Kb / 5P
   20V P-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO3415 VBSEMI-AO3415 Datasheet
1Mb / 9P
   P-Channel 20-V (D-S) MOSFET
logo
TECH PUBLIC Electronics...
AO3415 TECHPUBLIC-AO3415 Datasheet
1Mb / 3P
   P-Channel Mosfet
logo
Alpha & Omega Semicondu...
AO3415A AOSMD-AO3415A Datasheet
325Kb / 5P
   20V P-Channel MOSFET
logo
Guangdong Kexin Industr...
AO3415A KEXIN-AO3415A Datasheet
1Mb / 4P
   P-Channel MOSFET
More results

Similar Description - AO3415

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
   P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
logo
Alpha & Omega Semicondu...
AO6403 AOSMD-AO6403 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO6419 AOSMD-AO6419 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO7413 AOSMD-AO7413 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AOU403 AOSMD-AOU403 Datasheet
72Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com