Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO6409L Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AO6409L
Description  P-Channel Enhancement Mode Field Effect Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AO6409L Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AO6409L Datasheet HTML 1Page - List of Unclassifed Manufacturers AO6409L Datasheet HTML 2Page - List of Unclassifed Manufacturers AO6409L Datasheet HTML 3Page - List of Unclassifed Manufacturers AO6409L Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Symbol
VDS
VGS
IDM
TJ, TSTG
Symbol
Typ
Max
47.5
62.5
74
110
RθJL
37
50
Junction and Storage Temperature Range
A
PD
°C
2
1.28
-55 to 150
TA=70°C
ID
-5.0
-4.2
-30
Pulsed Drain Current
B
Power Dissipation
A
TA=25°C
Continuous Drain
Current
A
Maximum
Units
Parameter
TA=25°C
TA=70°C
Absolute Maximum Ratings TA=25°C unless otherwise noted
V
V
±8
Gate-Source Voltage
Drain-Source Voltage
-20
°C/W
Maximum Junction-to-Ambient
A
Steady-State
°C/W
W
Maximum Junction-to-Lead
C
Steady-State
°C/W
Thermal Characteristics
Parameter
Units
Maximum Junction-to-Ambient
A
t ≤ 10s
RθJA
AO6409, AO6409L ( Green Product )
P-Channel Enhancement Mode Field Effect Transistor
Rev
2: Nov 2004
Features
VDS (V) = -20V
ID = -5 A
RDS(ON) < 45mΩ (VGS = -4.5V)
RDS(ON) < 56mΩ (VGS = -2.5V)
RDS(ON) < 75mΩ (VGS = -1.8V)
ESD Rating: 3000V HBM
General Description
The AO6409 uses advanced trench technology to provide
excellent RDS(ON), low gate charge and operation with gate
voltages as low as 1.8V. This device is suitable for use as a
load switch or in PWM applications. It is ESD protected.
AO6409L ( Green Product ) is offered in a lead-free
package.
TSOP6
Top View
G
D
D
S
D
D
1
2
3
6
5
4
D
S
G
Alpha & Omega Semiconductor, Ltd.


Similar Part No. - AO6409L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO6409 AOSMD-AO6409 Datasheet
336Kb / 5P
   20V P-Channel MOSFET
logo
Guangdong Kexin Industr...
AO6409 KEXIN-AO6409 Datasheet
1Mb / 4P
   P-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO6409 VBSEMI-AO6409 Datasheet
1,001Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Guangdong Kexin Industr...
AO6409-HF KEXIN-AO6409-HF Datasheet
2Mb / 4P
   P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO6409A AOSMD-AO6409A Datasheet
329Kb / 5P
   20V P-Channel MOSFET
More results

Similar Description - AO6409L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
   P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
logo
Alpha & Omega Semicondu...
AO6403 AOSMD-AO6403 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO6419 AOSMD-AO6419 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO7413 AOSMD-AO7413 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AOU403 AOSMD-AOU403 Datasheet
72Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com