Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EB-ASG101-2000 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # EB-ASG101-2000
Description  DC-3000 MHz SiGe HBT Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EB-ASG101-2000 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  EB-ASG101-2000 Datasheet HTML 1Page - List of Unclassifed Manufacturers EB-ASG101-2000 Datasheet HTML 2Page - List of Unclassifed Manufacturers EB-ASG101-2000 Datasheet HTML 3Page - List of Unclassifed Manufacturers EB-ASG101-2000 Datasheet HTML 4Page - List of Unclassifed Manufacturers EB-ASG101-2000 Datasheet HTML 5Page - List of Unclassifed Manufacturers EB-ASG101-2000 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5/6
www.ASB.co.kr
March. 2004
1) S11 & S22 can be improved, at a specific frequency, by moving
an input shunt capacitor (C2) along an input transmission line.
2) OIP3 is measured with two tones at an output power of +5 dBm/tone
separated by 1 MHz.
Gain vs. Temperature
Application Circuit: 2000 MHz
Typical Performance
Frequency
2000 MHz
Magnitude S21
15 dB
Magnitude S11
1)
-20 dB
Magnitude S22
1)
-17 dB
Output P1dB
18 dBm
Output IP3
2)
31 dBm
Noise Figure
4.0 dB
Supply Voltage
4.5 V
Current
55 mA
Board Layout (FR4, 40x40 mm
2, 0.8T)
S-parameters
Schematic
ASG101
L2=22nH
R1=10 k
L1=22 nH
C3=100pF
Vs=4.5V
RF IN
RF OUT
C4=
100 pF
C5=
1000 pF
C1=2 pF
50
ASG101
5.5 mm
C2=1.5 pF
50
4.5 mm
C6=
1
µF
-60
-40
-20
0
20
40
60
80
100
10
12
14
16
18
20
Frequency = 2GHz
1600
1700
1800
1900
2000
2100
2200
2300
2400
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
+ 85 ΒC
+ 25 ΒC
- 40 ΒC
1600
1700
1800
1900
2000
2100
2200
2300
2400
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
+ 85 ΒC
+ 25 ΒC
- 40 ΒC


Similar Part No. - EB-ASG101-2000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EB-ASG304-1750 ETC-EB-ASG304-1750 Datasheet
686Kb / 8P
   DC-2000 MHz SiGe HBT Amplifier
EB-ASG304-2000 ETC-EB-ASG304-2000 Datasheet
686Kb / 8P
   DC-2000 MHz SiGe HBT Amplifier
EB-ASG304-900 ETC-EB-ASG304-900 Datasheet
686Kb / 8P
   DC-2000 MHz SiGe HBT Amplifier
EB-ASG304-CATV ETC-EB-ASG304-CATV Datasheet
686Kb / 8P
   DC-2000 MHz SiGe HBT Amplifier
EB-ASG304-IF ETC-EB-ASG304-IF Datasheet
686Kb / 8P
   DC-2000 MHz SiGe HBT Amplifier
More results

Similar Description - EB-ASG101-2000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASG402 ETC1-ASG402 Datasheet
260Kb / 7P
   DC-3000 MHz SiGe HBT Amplifier
logo
Stanford Microdevices
SGA-6386 STANFORD-SGA-6386 Datasheet
262Kb / 4P
   DC-3000 MHz, Cascadable SiGe HBT MMIC Amplifier
logo
List of Unclassifed Man...
ASG304 ETC-ASG304 Datasheet
686Kb / 8P
   DC-2000 MHz SiGe HBT Amplifier
logo
Advanced Semiconductor ...
ASG330 ASB-ASG330 Datasheet
389Kb / 9P
   DC-2500 MHz SiGe HBT Amplifier
November 2007
logo
List of Unclassifed Man...
ASG303 ETC-ASG303 Datasheet
187Kb / 6P
   DC-2500 MHz SiGe HBT Amplifier
logo
TriQuint Semiconductor
QPA5263A TRIQUINT-QPA5263A Datasheet
712Kb / 7P
   DC - 4500 MHz Cascadable SiGe HBT Amplifier
logo
Qorvo, Inc
QPA4586A QORVO-QPA4586A Datasheet
693Kb / 9P
   DC ??4000 MHz Cascadable SiGe HBT Amplifier
QPA4463A QORVO-QPA4463A Datasheet
865Kb / 7P
   DC ??3500 MHz Cascadable SiGe HBT Amplifier
October 27, 2017
QPA4263A QORVO-QPA4263A Datasheet
889Kb / 7P
   DC – 3500 MHz Cascadable SiGe HBT Amplifier
Sept. 26, 2016
QPA7489A QORVO-QPA7489A Datasheet
646Kb / 7P
   DC – 3500 MHz Cascadable SiGe HBT Amplifier
May 14, 2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com