Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT5556 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AT5556
Description  6-CHANNEL DSC MOTOR DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AT5556 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AT5556 Datasheet HTML 1Page - List of Unclassifed Manufacturers AT5556 Datasheet HTML 2Page - List of Unclassifed Manufacturers AT5556 Datasheet HTML 3Page - List of Unclassifed Manufacturers AT5556 Datasheet HTML 4Page - List of Unclassifed Manufacturers AT5556 Datasheet HTML 5Page - List of Unclassifed Manufacturers AT5556 Datasheet HTML 6Page - List of Unclassifed Manufacturers AT5556 Datasheet HTML 7Page - List of Unclassifed Manufacturers AT5556 Datasheet HTML 8Page - List of Unclassifed Manufacturers AT5556 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
AT5556
Preliminary Product Information
6-Channel DSC Motor Driver
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
WWW: http://www.aimtron.com.tw
Fax: 886-3-563-0879
Email: service@aimtron.com.tw
4
04/12/10
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Supply voltage VCC
VCC
-0.5 ~ +5.5
V
Supply voltage VM
VM
-0.5 ~ +5.5
V
Supply voltage PVCC
PVCC
-0.5 ~ +5.5
V
Charge pump voltage
VG
12
V
Control input voltage
VIN
-0.5 ~ VCC
V
Power dissipation
Pd
1000
mW
Operating temperature
Topr
-20 ~ +85
°
C
Junction temperature
Tj
~ +150
°
C
Storage temperature range
Tstg
-55 ~ +150
°
C
Maximum output current
Iout
800
mA
Recommended Operating Conditions(Ta=25
°C)
Item
Symbol
Ratings
Unit
Supply voltage VCC
VCC
+2.5 ~ +5.5
V
Supply voltage VM1,2,3
VM1,2,3
+1.9 ~ +5.5
V
Charge pump voltage
VG
+7.5~ +10.0
V
Control input voltage
VIN
0 ~ VCC
V
H Bridge output current
Iout
-400 ~ +400
mA
Logic input frequency
Fin
0 ~ 100
kHz
Capacitor for Charge
pump
CCP
0.01 ~ 0.1
μ
F


Similar Part No. - AT5556

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT5550 AIMTRON-AT5550 Datasheet
264Kb / 10P
   2-Channel Motor Driver for DSC
AT5550M-GRE AIMTRON-AT5550M-GRE Datasheet
264Kb / 10P
   2-Channel Motor Driver for DSC
AT5550N AIMTRON-AT5550N Datasheet
264Kb / 10P
   2-Channel Motor Driver for DSC
AT5557 AIMTRON-AT5557 Datasheet
354Kb / 20P
   Serial Input 6CH Motor Driver for DSC
AT5557N-GRE AIMTRON-AT5557N-GRE Datasheet
354Kb / 20P
   Serial Input 6CH Motor Driver for DSC
More results

Similar Description - AT5556

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8702 FAIRCHILD-FAN8702 Datasheet
357Kb / 20P
   6 Channel DSC Motor Driver
logo
Princeton Technology Co...
PT5111 PTC-PT5111 Datasheet
346Kb / 5P
   61CH DV/DSC Motor Driver
logo
Fairchild Semiconductor
FAN8705 FAIRCHILD-FAN8705 Datasheet
528Kb / 24P
   5 Channel DSC Motor Driver
logo
Aimtron Technology
AT5558 AIMTRON-AT5558 Datasheet
223Kb / 13P
   5-Channel DSC Motor Driver
logo
Sanyo Semicon Device
LB8659PL SANYO-LB8659PL Datasheet
267Kb / 16P
   DSC Motor Driver
LB8653T SANYO-LB8653T Datasheet
252Kb / 14P
   DSC Motor Driver
logo
Aimtron Technology
AT5550 AIMTRON-AT5550 Datasheet
264Kb / 10P
   2-Channel Motor Driver for DSC
logo
Princeton Technology Co...
PT5115 PTC-PT5115 Datasheet
205Kb / 3P
   4CH DSC Motor Driver
logo
Renesas Technology Corp
R2A30444BX RENESAS-R2A30444BX_15 Datasheet
84Kb / 7P
   6-Channel Motor Driver IC for DSC, DVC and Surveillance Cameras
logo
Global Mixed-mode Techn...
G2024 GMT-G2024 Datasheet
120Kb / 1P
   1-Channel DC Motor driver for DSC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com