Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ696 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AZ696
Description  10 AMP SUBMINIATURE POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AZ696 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AZ696 Datasheet HTML 1Page - List of Unclassifed Manufacturers AZ696 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
1 X 107
Electrical
1 X 105 at 8 A 250 VAC Res.
Operate Time (typical)
10 ms at nominal coil voltage
Release Time (typical)
5 ms at nominal coil voltage
(with no coil suppression)
Dielectric Strength
4000 Vrms coil to contact
(at sea level for 1 min.) 1000 Vrms between open contacts
Insulation
1000 megohms min. at 20°C, 500 VDC,
Resistance
50% RH
Insulation
C250
(according to
Overvoltage category: III
DIN VDE 0110,
Pollution degree: 3
IEC 60664-1)
Nominal voltage: 250 VAC
Dropout
Greater than 10% of nominal coil voltage
Ambient Temperature
At nominal coil voltage
Operating
-40°C (-40°F) to 85°C (185°F)
Storage
-40°C (-40°F) to 105°C (221°F)
Vibration
0.062" (1.5 mm) DA at 10–55 Hz
Shock
20 g
Enclosure
P.B.T. polyester, UL94 V-0
Terminals
Tinned copper alloy, P.C.
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
14 grams
Packing unit in pcs
50 per plastic tray / 1500 per carton box
CONTACTS
Arrangement
SPDT (1 Form C)
SPST (1 Form A and 1 Form B)
Ratings
Resistive load:
Max. switched power: 240 W or 2500 VA
Max. switched current: 10 A
Max. switched voltage: 240 VDC* or 440 VAC
*
Note: If switching voltage is greater than 30 VDC,
special precautions must be taken.
Please contact the factory.
Rated Load
UL, CUR
10 A at 30 VDC resistive
10 A at 250 VAC general use
1
/4 HP 120 VAC
1
/2 HP 250 VAC
B 300 pilot duty
VDE
8 A at 250 VAC resistive, 100k cycles [1]
10 A at 250 VAC resistive, 50k cycles [2]
Material
Silver cadmium oxide [1] or silver tin oxide [2]
Resistance
< 30 milliohms initially
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Specifications subject to change without notice.
4. It’s recommended to remove vent nipple on sealed versions to
expand life expectancy when switching higher loads.
COIL
Power
At Pickup Voltage
110 mW
(typical)
140 mW (48 VDC coil)
Max. Continuous
1.5 W at 20°C (68°F) ambient
Dissipation
Temperature Rise
20°C (36°F) at nominal coil voltage
Temperature
Max. 110°C (230°F)
AZ696
ZETTLER electronics GmbH
Fax +49 89 800 97 200
www.ZETTLERelectronics.com
office@ZETTLERelectronics.com
0
97
800
89
+49
Tel.
Germany
Puchheim,
D-82178
Junkersstrasse 3,
2004-11-25
10 AMP SUBMINIATURE
POWER RELAY
FEATURES
• High sensitivity, 110 mW pickup
• Dielectric strength 4000 Vrms
• Isolation spacing greater than 8 mm
• Proof tracking index (PTI/CTI) 250
• 10 Amp switching capability
• Epoxy sealed version available
• Reinforced insulation, EN 60730-1 (VDE 0631, part 1)
EN 60335-1 (VDE 0700, part 1)
• UL, CUR file E44211,
• VDE file 117422 ÜG


Similar Part No. - AZ696

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ696 AZETTLER-AZ696 Datasheet
90Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ696 ZETTLER-AZ696 Datasheet
981Kb / 4P
   Relais
logo
American Zettler, Inc.
AZ696-1A-12D AZETTLER-AZ696-1A-12D Datasheet
90Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
AZ696-1A-18D AZETTLER-AZ696-1A-18D Datasheet
90Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
AZ696-1A-24D AZETTLER-AZ696-1A-24D Datasheet
90Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
More results

Similar Description - AZ696

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ6961 AZETTLER-AZ6961 Datasheet
87Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ6962 ZETTLER-AZ6962_15 Datasheet
532Kb / 3P
   10 AMP SUBMINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ6962 AZETTLER-AZ6962 Datasheet
125Kb / 3P
   10 AMP SUBMINIATURE POWER RELAY
AZ7671 AZETTLER-AZ7671 Datasheet
180Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
AZ696 AZETTLER-AZ696 Datasheet
90Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ6961 ZETTLER-AZ6961_13 Datasheet
135Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
AZ6963 ZETTLER-AZ6963 Datasheet
56Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
AZ6962 ZETTLER-AZ6962 Datasheet
55Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
logo
Picker Components
PC835 PICKER-PC835_17 Datasheet
866Kb / 2P
   10 Amp Subminiature PCB Power Relay
PC415 PICKER-PC415_15 Datasheet
523Kb / 2P
   10 Amp Subminiature PCB Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com