Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ100EL11D Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AZ100EL11D
Description  ECL/PECL 1:2 Differential Fanout Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AZ100EL11D Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AZ100EL11D Datasheet HTML 1Page - List of Unclassifed Manufacturers AZ100EL11D Datasheet HTML 2Page - List of Unclassifed Manufacturers AZ100EL11D Datasheet HTML 3Page - List of Unclassifed Manufacturers AZ100EL11D Datasheet HTML 4Page - List of Unclassifed Manufacturers AZ100EL11D Datasheet HTML 5Page - List of Unclassifed Manufacturers AZ100EL11D Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AZ10EL11
AZ100EL11
October 2001 * REV - 2
www.azmicrotek.com
3
AC Characteristics (VEE =10E(-4.75V to -5.5V), 100E(-4.2V to -5.5V); VCC =GND or VEE =GND; VCC =10E(+4.75V to +5.5V),
100E(+4.2V to +5.5V))
-40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
tPLH / tPHL
Propagation Delay to
Output
135
260
385
185
260
335
190
265
340
215
290
365
ps
tSKEW
Within-Device Skew1
Duty Cycle Skew2
5
5
5
5
20
20
5
5
20
20
5
5
20
20
ps
VPP (AC)
Minimum Input Swing3
150
150
150
150
mV
VCMR
Common Mode Range4
VCC -
2.0
VCC -
0.4
VCC -
2.0
VCC -
0.4
VCC -
2.0
VCC -
0.4
VCC -
2.0
VCC -
0.4
V
tr / tf
Rise/Fall Time
20 – 80%
100
350
100
350
100
350
100
350
ps
1.
Within-device skew defined as identical transitions on similar paths through a device.
2.
Duty cycle skew is the difference between a tPLH and tPHL propagation delay through a device.
3.
VPP is the minimum peak-to-peak differential input swing for which AC parameters are guaranteed. The device has a DC voltage gain of
≈ 40.
4.
The VCMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls within
the specified range and the peak-to-peak voltage lies between VPP(min) and 1V.


Similar Part No. - AZ100EL11D

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ100EL11D AZM-AZ100EL11D Datasheet
76Kb / 6P
   ECL/PECL 1:2 Differential Fanout Buffer
More results

Similar Description - AZ100EL11D

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ10EL11 AZM-AZ10EL11 Datasheet
76Kb / 6P
   ECL/PECL 1:2 Differential Fanout Buffer
AZ10LVEL11 AZM-AZ10LVEL11 Datasheet
88Kb / 7P
   ECL/PECL 1:2 Differential Fanout Buffer
AZ100LVEL11 AZM-AZ100LVEL11_12 Datasheet
476Kb / 8P
   PECL/ECL 1:2 Differential Fanout Buffer
logo
Micrel Semiconductor
SY100E310L MICREL-SY100E310L Datasheet
75Kb / 6P
   3.3V ECL/PECL 2:8 DIFFERENTIAL FANOUT BUFFER
SY100E310L_0607 MICREL-SY100E310L_0607 Datasheet
71Kb / 6P
   3.3V ECL/PECL 2:8 DIFFERENTIAL FANOUT BUFFER
logo
ON Semiconductor
MC10EP11 ONSEMI-MC10EP11_16 Datasheet
191Kb / 12P
   ECL 1:2 Differential Fanout Buffer
July, 2016 ??Rev. 11
MC10LVEP11 ONSEMI-MC10LVEP11_16 Datasheet
249Kb / 13P
   ECL 1:2 Differential Fanout Buffer
August, 2016 ??Rev. 14
MC100LVEL11 ONSEMI-MC100LVEL11_15 Datasheet
99Kb / 8P
   ECL 1:2 Differential Fanout Buffer
January, 2015 ??Rev. 13
logo
Micrel Semiconductor
SY89311U MICREL-SY89311U_06 Datasheet
474Kb / 6P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U_14 Datasheet
309Kb / 10P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com