Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ10EL31DR2 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AZ10EL31DR2
Description  ECL/PECL D Flip-Flop with Set and Reset
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AZ10EL31DR2 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AZ10EL31DR2 Datasheet HTML 1Page - List of Unclassifed Manufacturers AZ10EL31DR2 Datasheet HTML 2Page - List of Unclassifed Manufacturers AZ10EL31DR2 Datasheet HTML 3Page - List of Unclassifed Manufacturers AZ10EL31DR2 Datasheet HTML 4Page - List of Unclassifed Manufacturers AZ10EL31DR2 Datasheet HTML 5Page - List of Unclassifed Manufacturers AZ10EL31DR2 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AZ10EL31
AZ100EL31
October 2001 * REV - 2
www.azmicrotek.com
5
PACKAGE DIAGRAM
TSSOP 8
MILLIMETERS
DIM
MIN
MAX
A
1.10
A1
0.05
0.15
A2
0.80
0.95
A3
0.25
bp
0.25
0.45
c
0.15
0.28
D
2.90
3.10
E
2.90
3.10
e
0.65
HE
4.70
5.10
L
0.94
Lp
0.40
0.70
v
0.10
w
0.10
y
0.10
Z
0.35
0.70
θ
0O
6O
NOTES:
1.
DIMENSIONS D AND E DO NOT
INCLUDE MOLD PROTRUSION.
2.
MAXIMUM MOLD PROTRUSION
FOR D IS 0.15mm.
3.
MAXIMUM MOLD PROTRUSION
FOR E IS 0.25mm.


Similar Part No. - AZ10EL31DR2

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ10EL31D AZM-AZ10EL31D Datasheet
77Kb / 6P
   ECL/PECL D Flip-Flop with Set and Reset
More results

Similar Description - AZ10EL31DR2

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ10EL31 AZM-AZ10EL31 Datasheet
77Kb / 6P
   ECL/PECL D Flip-Flop with Set and Reset
logo
ON Semiconductor
MC100LVEL31 ONSEMI-MC100LVEL31_06 Datasheet
136Kb / 8P
   3.3V ECL D Flip-Flop with Set and Reset
December, 2006 ??Rev. 3
MC10EL31 ONSEMI-MC10EL31_06 Datasheet
146Kb / 9P
   5 V ECL D Flip-Flop With Set and Reset
December, 2006 ??Rev. 5
MC100LVEL31 ONSEMI-MC100LVEL31 Datasheet
59Kb / 4P
   D Flip-Flop With Set and Reset
1996 REV 0
MC10EL31 ONSEMI-MC10EL31 Datasheet
72Kb / 3P
   D Flip-Flop With Set and Reset
1995 REV 2
logo
Micrel Semiconductor
SY10EL31 MICREL-SY10EL31_06 Datasheet
51Kb / 4P
   D FLIP-FLOP WITH SET AND RESET
logo
ON Semiconductor
MC10EP31 ONSEMI-MC10EP31 Datasheet
72Kb / 8P
   D Flip Flop with Set and Reset
April, 2001 ??Rev. 5
logo
Micrel Semiconductor
SY10EL31 MICREL-SY10EL31 Datasheet
48Kb / 4P
   D FLIP-FLOP WITH SET AND RESET
SY10EP31V MICREL-SY10EP31V Datasheet
81Kb / 6P
   5V/3.3V, 3GHz PECL/LVPECL D FLIP-FLOP WITH SET AND RESET
logo
ON Semiconductor
MC10EP31 ONSEMI-MC10EP31_16 Datasheet
182Kb / 11P
   ECL D Flip?륡lop with Set and Reset
August, 2016 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com